Part Name
         Description
SMC91C95

 ISA/PCMCIA Full Duplex Single-Chip Ethernet and Modem Controller with RAM ( 139 Page)


ETC1
100% 
Zoom Out Zoom In
 6 page
background image
6
Fast block move operation for load/unload:
CPU sees packet bytes as if stored
contiguously
Handles 16 bit transfers regardless of
address alignment
Access to packet through fixed window
Fast bus interface:
Compatible with ISA type and faster buses
Flexibility:
Flexible packet and header processing:
Can be set to Simultasking - Early
Receive and transmit modes
Can access any byte in the packet
Can immediately remove undesired
packets from queue
Can move packets from receive to
transmit queue
Can alter receive processing order
without copying data
Can discard or enqueue again a failed
transmission
Resource allocation:
Memory dynamically allocated for transmit
and receive
Can automatically release memory on
successful transmission
Configuration:
ISA:
Uses non-volatile jumperless setup via
serial EEPROM
PCMCIA:
Uses serial EEPROM for attribute
memory storage. PCMCIA I/O ignores
address lines A4-A15 and relies on the
PCMCIA host, decoding for the slot
nROM/nPCMCIA on the SMC91C95 is left
open with a pullup for ISA mode. This pin
is sampled at the end of Power On Reset.
If found low, the SMC91C95 is configured
for PCMCIA mode.
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LAN91C96Non-PCI Single-Chip Full Duplex Ethernet Controller with Magic Packet 1 2 3 4 5 MoreSMSC Corporation
AM79C961APCnet ™-ISA II Jumperless Full Duplex Single-Chip Ethernet Controller for ISA 1 2 3 4 5 MoreAdvanced Micro Devices
91C100FDREVBFEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY 1 2 3 4 5 MoreSMSC Corporation
LAN91C100FDREVDFEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY 1 2 3 4 5 MoreSMSC Corporation
M37266ME-XXXSPSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
RTL8019ASRealtek Full-Duplex Ethernet Controller with Plug and Play Function RealPNP 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LC7233N-8818Single-Chip PLL and Controller with LCD Driver   1 2 3 4 5 MoreSanyo Semicon Device
MSC1200-0130-Bit Duplex Controller/Driver with Digital/Analog Dimming and Keyscan Functions 1 2 3 4 5 MoreOKI electronic componets
Z02215Single Chip Modem with Integrated Controller Data Pump and Analog Front End 1 2 3 4 5 MoreZilog, Inc.
ML922232-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming ADC and Keyscan 1 2 3 4 5 MoreOKI electronic componets

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl