Part Name
         Description
SMC91C95

 ISA/PCMCIA Full Duplex Single-Chip Ethernet and Modem Controller with RAM ( 139 Page)


ETC1
100% 
Zoom Out Zoom In
 
 1 page
background image
SMC91C95
PRELIMINARY
ISA/PCMCIA Full Duplex Single-Chip
Ethernet and Modem Controller with RAM
FEATURES
ISA/PCMCIA Single Chip Ethernet Controller
With Modem Support
6 Kbytes Built-In RAM
Supports IEEE 802.3 (ANSI 8802-3) Ethernet
Standards
Full Duplex Support
Hardware Memory Management Unit
Built-In AUI and 10BASE-T Network
Interfaces
Simultasking
- Early Transmit and Early
Receive Functions
Advanced Power Management
Features/Including Magic Packet Frame
Control
Software Compatible with SMC91C92/
SMC91C94 (in ISA Mode)
Configuration Registers Implement Cardbus
Multi-Function Specification V3.0 with
Backward Compatibility to V2.1
Interfaces Directly to Lucent Technologies and
Rockwell International Modem Chipsets
On-Chip Attribute Memory (CIS) of up to 512
Bytes (On Even Addresses) For Card
Configuration Information; Expandable
Externally
Option for Serial or Parallel EEPROM for CIS
Optional External Flash Capability for XIP
(Execute in Place)
Automatic Technology to Detect TX/RX
10BASE-T Tranceiver Pair Miswiring
Low Power CMOS Design
Supports Magic Packet Wakeup
128 Pin VTQFP Package
Bus Interface
Direct Interface to ISA and PCMCIA with
No Wait States
High Impedance Speaker Interface
Flexible Bus Interface
16-Bit Data and Control Paths
Fast Access Time (40 ns)
Pipelined Data Path
Handles Block Word Transfers for Any
Alignment
High Performance Chained ("Back-to-
Back") Transmit and Receive
Flat Memory Structure for Low CPU
Overhead
Dynamic Memory Allocation Between
Transmit and Receive
Buffered Architecture, Insensitive to Bus
Latencies (No Overruns/Underruns)
Supports Boot PROM for Diskless ISA
Applications
Simultasking is a trademark and SMC is a registered trademark of Standard Microsystems Corporation
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LAN91C96Non-PCI Single-Chip Full Duplex Ethernet Controller with Magic Packet 1 2 3 4 5 MoreSMSC Corporation
AM79C961APCnet ™-ISA II Jumperless Full Duplex Single-Chip Ethernet Controller for ISA 1 2 3 4 5 MoreAdvanced Micro Devices
91C100FDREVBFEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY 1 2 3 4 5 MoreSMSC Corporation
LAN91C100FDREVDFEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY 1 2 3 4 5 MoreSMSC Corporation
M37266ME-XXXSPSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
RTL8019ASRealtek Full-Duplex Ethernet Controller with Plug and Play Function RealPNP 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LC7233N-8818Single-Chip PLL and Controller with LCD Driver   1 2 3 4 5 MoreSanyo Semicon Device
MSC1200-0130-Bit Duplex Controller/Driver with Digital/Analog Dimming and Keyscan Functions 1 2 3 4 5 MoreOKI electronic componets
Z02215Single Chip Modem with Integrated Controller Data Pump and Analog Front End 1 2 3 4 5 MoreZilog, Inc.
ML922232-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming ADC and Keyscan 1 2 3 4 5 MoreOKI electronic componets

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl