Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1104 Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # A1104
Description  Continuous-Time Switch Family
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1104 Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button A1104 Datasheet HTML 3Page - Allegro MicroSystems A1104 Datasheet HTML 4Page - Allegro MicroSystems A1104 Datasheet HTML 5Page - Allegro MicroSystems A1104 Datasheet HTML 6Page - Allegro MicroSystems A1104 Datasheet HTML 7Page - Allegro MicroSystems A1104 Datasheet HTML 8Page - Allegro MicroSystems A1104 Datasheet HTML 9Page - Allegro MicroSystems A1104 Datasheet HTML 10Page - Allegro MicroSystems A1104 Datasheet HTML 11Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Continuous-Time Switch Family
A1101, A1102, A1103,
A1104, and A1106
9
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Power Derating
Power Derating
The device must be operated below the maximum junction
temperature of the device, TJ(max). Under certain combinations of
peak conditions, reliable operation may require derating sup-
plied power or improving the heat dissipation properties of the
application. This section presents a procedure for correlating
factors affecting operating TJ. (Thermal data is also available on
the Allegro MicroSystems Web site.)
The Package Thermal Resistance, RθJA, is a figure of merit sum-
marizing the ability of the application and the device to dissipate
heat from the junction (die), through all paths to the ambient air.
Its primary component is the Effective Thermal Conductivity,
K, of the printed circuit board, including adjacent devices and
traces. Radiation from the die through the device case, RθJC, is
relatively small component of RθJA. Ambient air temperature,
TA, and air motion are significant external factors, damped by
overmolding.
The effect of varying power levels (Power Dissipation, PD), can
be estimated. The following formulas represent the fundamental
relationships used to estimate TJ, at PD.
PD = VIN
× IIN
(1)
ΔT = PD
× RθJA
(2)
TJ = TA + ΔT
(3)
For example, given common conditions such as: TA= 25°C,
VCC = 12 V, ICC = 4 mA, and RθJA = 140 °C/W, then:
PD = VCC
× ICC = 12 V × 4 mA = 48 mW
ΔT = PD
× RθJA = 48 mW × 140 °C/W = 7°C
TJ = TA + ΔT = 25°C + 7°C = 32°C
A worst-case estimate, PD(max), represents the maximum allow-
able power level (VCC(max), ICC(max)), without exceeding TJ(max),
at a selected RθJA and TA.
Example: Reliability for VCC at TA=150°C, package UA, using
minimum-K PCB.
Observe the worst-case ratings for the device, specifically:
RθJA=165°C/W, TJ(max) =165°C, VCC(max)= 24 V, and
ICC(max) = 7.5 mA.
Calculate the maximum allowable power level, PD(max). First,
invert equation 3:
ΔTmax = TJ(max) – TA = 165°C–150°C = 15°C
This provides the allowable increase to TJ resulting from internal
power dissipation. Then, invert equation 2:
PD(max) = ΔTmax÷RθJA =15°C÷165 °C/W=91mW
Finally, invert equation 1 with respect to voltage:
VCC(est) = PD(max) ÷ ICC(max)= 91mW÷7.5mA=12.1 V
The result indicates that, at TA, the application and device can
dissipate adequate amounts of heat at voltages ≤VCC(est).
Compare VCC(est) to VCC(max). If VCC(est) ≤ VCC(max), then reli-
able operation between VCC(est) and VCC(max) requires enhanced
RθJA. If VCC(est) ≥ VCC(max), then operation between VCC(est) and
VCC(max) is reliable under these conditions.


Similar Part No. - A1104

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1104 ALLEGRO-A1104 Datasheet
303Kb / 12P
   Continuous-Time Switch
A1104 ALLEGRO-A1104 Datasheet
285Kb / 13P
   The Allegro A1101-A1104 and A1106 Hall-effect switches are next generation replacements for the popular Allegro 312x and 314x lines of unipolar switches.
A1104 ALLEGRO-A1104 Datasheet
756Kb / 13P
   Continuous-Time Switch Family
logo
ITT Industries
A11042MNZQ ITT-A11042MNZQ Datasheet
341Kb / 5P
   1-4 Pole Rotary Switches
A11042MSZQ ITT-A11042MSZQ Datasheet
341Kb / 5P
   1-4 Pole Rotary Switches
More results

Similar Description - A1104

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1102LLHLX-T ALLEGRO-A1102LLHLX-T Datasheet
756Kb / 13P
   Continuous-Time Switch Family
A1101 ALLEGRO-A1101_16 Datasheet
642Kb / 13P
   Continuous-Time Switch Family
A1202 ALLEGRO-A1202_16 Datasheet
617Kb / 13P
   Continuous-Time Bipolar Switch Family
A1201 ALLEGRO-A1201 Datasheet
455Kb / 13P
   Continuous-Time Bipolar Switch Family
A1201 ALLEGRO-A1201_06 Datasheet
339Kb / 13P
   Continuous-Time Bipolar Switch Family
A1212LLHLX-T ALLEGRO-A1212LLHLX-T Datasheet
292Kb / 14P
   Continuous-Time Latch Family
A1210 ALLEGRO-A1210 Datasheet
443Kb / 12P
   Continuous-Time Latch Family
A1210 ALLEGRO-A1210_16 Datasheet
624Kb / 14P
   Continuous-Time Latch Family
A1101 ALLEGRO-A1101_08 Datasheet
303Kb / 12P
   Continuous-Time Switch
A1205 ALLEGRO-A1205 Datasheet
710Kb / 12P
   Continuous-Time Bipolar Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com