Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1106 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A1106
Description  Continuous-Time Switch Family
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1106 Datasheet(HTML) 4 Page - Allegro MicroSystems

  A1106 Datasheet HTML 1Page - Allegro MicroSystems A1106 Datasheet HTML 2Page - Allegro MicroSystems A1106 Datasheet HTML 3Page - Allegro MicroSystems A1106 Datasheet HTML 4Page - Allegro MicroSystems A1106 Datasheet HTML 5Page - Allegro MicroSystems A1106 Datasheet HTML 6Page - Allegro MicroSystems A1106 Datasheet HTML 7Page - Allegro MicroSystems A1106 Datasheet HTML 8Page - Allegro MicroSystems A1106 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Continuous-Time Switch Family
A1101, A1102, A1103,
A1104, and A1106
4
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
MAGNETIC OPERATING CHARACTERISTICS1
over full operating voltage and ambient temperature ranges, unless otherwise noted
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Operate Point
BOP
A1101
TA = 25°C
50
100
160
G
Operating Temperature Range
30
100
175
G
A1102
TA = 25°C
130
180
230
G
Operating Temperature Range
115
180
245
G
A1103
TA = 25°C
220
280
340
G
Operating Temperature Range
205
280
355
G
A1104
TA = 25°C
70
350
G
Operating Temperature Range
35
450
G
A1106
TA = 25°C
280
340
400
G
Operating Temperature Range
260
340
430
G
Release Point
BRP
A1101
TA = 25°C
10
45
130
G
Operating Temperature Range
10
45
145
G
A1102
TA = 25°C
75
125
175
G
Operating Temperature Range
60
125
190
G
A1103
TA = 25°C
165
225
285
G
Operating Temperature Range
150
225
300
G
A1104
TA = 25°C
50
330
G
Operating Temperature Range
25
430
G
A1106
TA = 25°C
180
240
300
G
Operating Temperature Range
160
240
330
G
Hysteresis
BHYS
A1101
TA = 25°C
20
55
80
G
Operating Temperature Range
20
55
80
G
A1102
TA = 25°C
30
55
80
G
Operating Temperature Range
30
55
80
G
A1103
TA = 25°C
30
55
80
G
Operating Temperature Range
30
55
80
G
A1104
TA = 25°C
20
55
G
Operating Temperature Range
20
55
G
A1106
TA = 25°C
70
105
140
G
Operating Temperature Range
70
105
140
G
1 Magnetic flux density, B, is indicated as a negative value for north-polarity magnetic fields, and as a positive value for south-polarity magnetic fields.
This so-called algebraic convention supports arithmetic comparison of north and south polarity values, where the relative strength of the field is indicated
by the absolute value of B, and the sign indicates the polarity of the field (for example, a –100 G field and a 100 G field have equivalent strength, but
opposite polarity).


Similar Part No. - A1106

ManufacturerPart #DatasheetDescription
logo
EPCOS
A1106 EPCOS-A1106 Datasheet
364Kb / 5P
   AC Film Capacitors Lighting
logo
Allegro MicroSystems
A1106 ALLEGRO-A1106 Datasheet
303Kb / 12P
   Continuous-Time Switch
A1106 ALLEGRO-A1106 Datasheet
285Kb / 13P
   The Allegro A1101-A1104 and A1106 Hall-effect switches are next generation replacements for the popular Allegro 312x and 314x lines of unipolar switches.
A1106 ALLEGRO-A1106 Datasheet
756Kb / 13P
   Continuous-Time Switch Family
logo
DB Lectro Inc
A1106AG1 DBLECTRO-A1106AG1 Datasheet
241Kb / 1P
   DIP PLUG PITCH 2.54mm
More results

Similar Description - A1106

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1102LLHLX-T ALLEGRO-A1102LLHLX-T Datasheet
756Kb / 13P
   Continuous-Time Switch Family
A1101 ALLEGRO-A1101_16 Datasheet
642Kb / 13P
   Continuous-Time Switch Family
A1202 ALLEGRO-A1202_16 Datasheet
617Kb / 13P
   Continuous-Time Bipolar Switch Family
A1201 ALLEGRO-A1201 Datasheet
455Kb / 13P
   Continuous-Time Bipolar Switch Family
A1201 ALLEGRO-A1201_06 Datasheet
339Kb / 13P
   Continuous-Time Bipolar Switch Family
A1212LLHLX-T ALLEGRO-A1212LLHLX-T Datasheet
292Kb / 14P
   Continuous-Time Latch Family
A1210 ALLEGRO-A1210 Datasheet
443Kb / 12P
   Continuous-Time Latch Family
A1210 ALLEGRO-A1210_16 Datasheet
624Kb / 14P
   Continuous-Time Latch Family
A1101 ALLEGRO-A1101_08 Datasheet
303Kb / 12P
   Continuous-Time Switch
A1205 ALLEGRO-A1205 Datasheet
710Kb / 12P
   Continuous-Time Bipolar Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com