Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3307-18MDREP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3307-18MDREP
Description  TRIPLE PROCESSOR SUPERVISORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3307-18MDREP Datasheet(HTML) 2 Page - Texas Instruments

  TPS3307-18MDREP Datasheet HTML 1Page - Texas Instruments TPS3307-18MDREP Datasheet HTML 2Page - Texas Instruments TPS3307-18MDREP Datasheet HTML 3Page - Texas Instruments TPS3307-18MDREP Datasheet HTML 4Page - Texas Instruments TPS3307-18MDREP Datasheet HTML 5Page - Texas Instruments TPS3307-18MDREP Datasheet HTML 6Page - Texas Instruments TPS3307-18MDREP Datasheet HTML 7Page - Texas Instruments TPS3307-18MDREP Datasheet HTML 8Page - Texas Instruments TPS3307-18MDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TPS330718EP
TRIPLE PROCESSOR SUPERVISORS
SGLS140 – NOVEMBER 2002
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
The various supply voltage supervisors are designed to monitor the nominal supply voltage as shown in the
following supply voltage monitoring table.
SUPPLY VOLTAGE MONITORING
DEVICE
NOMINAL SUPERVISED VOLTAGE
THRESHOLD VOLTAGE (TYP)
DEVICE
SENSE1
SENSE2
SENSE3
SENSE1
SENSE2
SENSE3
TPS3307-18
3.3 V
1.8 V
User defined
2.93 V
1.68 V
1.25 V†
† The actual sense voltage has to be adjusted by an external resistor divider according to the application requirements.
During power-on, RESET is asserted when the supply voltage VDD becomes higher than 1.1 V. Thereafter, the
supply voltage supervisor monitors the SENSEn inputs and keeps RESET active as long as SENSEn remain
below the threshold voltage VIT+.
An internal timer delays the return of the RESET output to the inactive state (high) to ensure proper system reset.
The delay time, td typ = 200 ms, starts after all SENSEn inputs have risen above the threshold voltage VIT+. When
the voltage at any SENSE input drops below the threshold voltage VIT–, the RESET output becomes active (low)
again.
The TPS3307-18 incorporates a manual reset input, MR. A low level at MR causes RESET to become active.
In addition to the active-low RESET output, the TPS3307-18 includes an active-high RESET output.
The device is available in a standard 8-pin SO package, and is characterized for operation over a temperature
range of –55
°C to 125°C.
ORDERING INFORMATION
TA
PACKAGE‡
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
–55
°C to 125°C
Small Outline (D)
Tape and Reel
TPS3307-18MDREP
30718E
‡ Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
FUNCTION/TRUTH TABLES
MR
SENSE1>VIT1
SENSE2>VIT2
SENSE3>VIT3
RESET
RESET
L
X
X
X
L
H
H
0
0
0
L
H
H
0
0
1
L
H
H
0
1
0
L
H
H
0
1
1
L
H
H
1
0
0
L
H
H
1
0
1
L
H
H
1
1
0
L
H
H
1
1
1
H
L
X = Don’t care


Similar Part No. - TPS3307-18MDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3307-18MDREP TI1-TPS3307-18MDREP Datasheet
984Kb / 18P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18MDREPG4 TI1-TPS3307-18MDREPG4 Datasheet
984Kb / 18P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
More results

Similar Description - TPS3307-18MDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3307- TI-TPS3307- Datasheet
430Kb / 14P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-EP TI1-TPS3307-18-EP_16 Datasheet
984Kb / 18P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18 TI1-TPS3307-18_16 Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-Q1 TI1-TPS3307-18-Q1_16 Datasheet
801Kb / 15P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
logo
Analog Devices
ADM13307 AD-ADM13307_15 Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
logo
Texas Instruments
TPS3307-18DG4 TI-TPS3307-18DG4 Datasheet
765Kb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-Q1 TI-TPS3307-18-Q1 Datasheet
255Kb / 12P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-25DG4 TI-TPS3307-25DG4 Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
logo
Analog Devices
ADM13307-5ARZ AD-ADM13307-5ARZ Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
ADM13307 AD-ADM13307 Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com