Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33163P Datasheet(PDF) 10 Page - ON Semiconductor

Part # MC33163P
Description  POWER SWITCHING REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33163P Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MC33163P Datasheet HTML 6Page - ON Semiconductor MC33163P Datasheet HTML 7Page - ON Semiconductor MC33163P Datasheet HTML 8Page - ON Semiconductor MC33163P Datasheet HTML 9Page - ON Semiconductor MC33163P Datasheet HTML 10Page - ON Semiconductor MC33163P Datasheet HTML 11Page - ON Semiconductor MC33163P Datasheet HTML 12Page - ON Semiconductor MC33163P Datasheet HTML 13Page - ON Semiconductor MC33163P Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MC34163 MC33163
10
MOTOROLA ANALOG IC DEVICE DATA
Figure 20. Step–Down Converter
RB
L
2200
1N5822
LVI
1
+
+
+
Current
Limit
8
7
6
5
4
3
2
(Bottom View)
+
+
16
9
10
11
12
13
14
15
0.25 V
+
RSC
0.075
Vin
12 V
CT
680 pF
1.125 V
15 k
1.25 V
+
45 k
Feedback
Comparator
Q1
Q2
60
Cin
330
CO
Coilcraft LO451–A
CB
0.02
Vout
5.05 V/3.0 A
Low Voltage
Indicator Output
CDLY
RLVI
10 k
+
+
Thermal
Oscillator
R
S
Q
Latch
+
+
+
2.0 mA
7.0 V
+
180
µH
Test
Condition
Results
Line Regulation
Vin = 8.0 V to 24 V, IO = 3.0 A
6.0 mV =
± 0.06%
Load Regulation
Vin = 12 V, IO = 0.6 A to 3.0 A
2.0 mV =
± 0.02%
Output Ripple
Vin = 12 V, IO = 3.0 A
36 mVpp
Short Circuit Current
Vin = 12 V, RL = 0.1 Ω
3.3 A
Efficiency, Without Bootstrap
Vin = 12 V, IO = 3.0 A
76.7%
Efficiency, With Bootstrap
Vin = 12 V, IO = 3.0 A
81.2%
Figure 21. External Current Boost Connections for Ipk (Switch) Greater Than 3.4 A
Figure 21A. External NPN Switch
Figure 21B. External PNP Saturated Switch
1
+
+
8
7
6
5
4
3
2
(Bottom View)
Q3
Q2
Q1
1
+
+
8
7
6
5
4
3
2
(Bottom View)
Q2
Q1
+
+
Q3
9
10
11
12
13
14
15
16
9
10
11
12
13
14
15
16


Similar Part No. - MC33163P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33163P ONSEMI-MC33163P Datasheet
248Kb / 16P
   3.4 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 5
MC33163P ONSEMI-MC33163P Datasheet
262Kb / 16P
   3.4 A, Step-Up/Down/ Inverting Switching Regulators
August, 2008 ??Rev. 6
MC33163PG ONSEMI-MC33163PG Datasheet
248Kb / 16P
   3.4 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 5
MC33163PG ONSEMI-MC33163PG Datasheet
262Kb / 16P
   3.4 A, Step-Up/Down/ Inverting Switching Regulators
August, 2008 ??Rev. 6
More results

Similar Description - MC33163P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34166 ONSEMI-MC34166 Datasheet
403Kb / 20P
   POWER SWITCHING REGULATORS
January, 2002 ??Rev. 6
MC34167 ONSEMI-MC34167 Datasheet
408Kb / 16P
   POWER SWITCHING REGULATORS
1996 REV 3
logo
Shindengen Electric Mfg...
MA2430 SHINDENGEN-MA2430 Datasheet
448Kb / 7P
   Power Switching Regulators
MA1010 SHINDENGEN-MA1010 Datasheet
596Kb / 7P
   Power Switching Regulators
MA4810 SHINDENGEN-MA4810 Datasheet
489Kb / 9P
   Power Switching Regulators
MA1050 SHINDENGEN-MA1050 Datasheet
447Kb / 7P
   Power Switching Regulators
MA2420 SHINDENGEN-MA2420 Datasheet
449Kb / 7P
   Power Switching Regulators
MA2810 SHINDENGEN-MA2810 Datasheet
449Kb / 7P
   Power Switching Regulators
MA2820 SHINDENGEN-MA2820 Datasheet
449Kb / 7P
   Power Switching Regulators
MA2830 SHINDENGEN-MA2830 Datasheet
450Kb / 7P
   Power Switching Regulators
MA4520 SHINDENGEN-MA4520 Datasheet
483Kb / 9P
   Power Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com