Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34164D-3 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC34164D-3
Description  MICROPOWER UNDERVOLTAGE SENSING CIRCUITS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34164D-3 Datasheet(HTML) 4 Page - ON Semiconductor

  MC34164D-3 Datasheet HTML 1Page - ON Semiconductor MC34164D-3 Datasheet HTML 2Page - ON Semiconductor MC34164D-3 Datasheet HTML 3Page - ON Semiconductor MC34164D-3 Datasheet HTML 4Page - ON Semiconductor MC34164D-3 Datasheet HTML 5Page - ON Semiconductor MC34164D-3 Datasheet HTML 6Page - ON Semiconductor MC34164D-3 Datasheet HTML 7Page - ON Semiconductor MC34164D-3 Datasheet HTML 8Page - ON Semiconductor MC34164D-3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MC34164, MC33164, NCV33164
http://onsemi.com
4
Figure 4. MC3X164−3 Reset Output
Voltage versus Input Voltage
−50
TA, AMBIENT TEMPERATURE (°C)
−25
0
25
50
75
100
125
Upper Threshold
High State Output
Lower Threshold
Low State Output
Figure 5. MC3X164−5 Reset Output
Voltage versus Input Voltage
4.22
Vin, INPUT VOLTAGE (V)
4.26
4.30
4.34
4.38
Figure 6. MC3X164−3 Comparator Threshold
Voltage versus Temperature
Figure 7. MC3X164−5 Comparator Threshold
Voltage versus Temperature
Figure 8. MC3X164−3 Input Current
versus Input Voltage
Figure 9. MC3X164−5 Input Current
versus Input Voltage
2.62
Vin, INPUT VOLTAGE (V)
RL = 82 k to Vin
TA = 25°C
2.66
2.70
2.74
2.78
−50
TA, AMBIENT TEMPERATURE (°C)
−25
0
25
50
75
100
125
Upper Threshold
High State Output
Lower Threshold
Low State Output
Vin, INPUT VOLTAGE (V)
2.0
4.0
6.0
8.0
10
TA = 0°C
TA = 70°C
0
Vin, INPUT VOLTAGE (V)
2.0
4.0
6.0
8.0
10
RL = 82 k to Vin
TA = 25°C
4.36
4.32
4.28
4.24
4.20
5.0
4.0
3.0
2.0
1.0
0
5.0
4.0
3.0
2.0
1.0
0
2.76
2.72
2.68
2.64
2.60
50
40
30
20
10
0
0
50
40
30
20
10
0
TA = 25°C
TA = 0°C
TA = 70°C
TA = 25°C


Similar Part No. - MC34164D-3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34164D-3G ONSEMI-MC34164D-3G Datasheet
242Kb / 12P
   Micropower Undervoltage Sensing Circuits
April, 2009 ??Rev. 18
MC34164D-3R2G ONSEMI-MC34164D-3R2G Datasheet
242Kb / 12P
   Micropower Undervoltage Sensing Circuits
April, 2009 ??Rev. 18
More results

Similar Description - MC34164D-3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33464 ONSEMI-MC33464 Datasheet
127Kb / 8P
   MICROPOWER UNDERVOLTAGE SENSING CIRCUITS
Rev 2, 07/1999
logo
National Semiconductor ...
LM8364 NSC-LM8364 Datasheet
199Kb / 8P
   Micropower Undervoltage Sensing Circuits
logo
ON Semiconductor
MC34164 ONSEMI-MC34164_16 Datasheet
148Kb / 12P
   Micropower Undervoltage Sensing Circuits
October, 2016 ??Rev. 19
MC34164 ONSEMI-MC34164_09 Datasheet
242Kb / 12P
   Micropower Undervoltage Sensing Circuits
April, 2009 ??Rev. 18
logo
Texas Instruments
LM8364 TI1-LM8364 Datasheet
797Kb / 14P
[Old version datasheet]   Micropower Undervoltage Sensing Circuits
LM8365 TI1-LM8365 Datasheet
1Mb / 22P
[Old version datasheet]   Micropower Undervoltage-Sensing Circuit
logo
National Semiconductor ...
LM8365 NSC-LM8365 Datasheet
264Kb / 9P
   Micropower Undervoltage Sensing Circuits with Programmable Output Delay
logo
ON Semiconductor
MC33465 ONSEMI-MC33465 Datasheet
131Kb / 8P
   Micropower Undervoltage Sensing Circuits with Programmable Ouput Delay
October, 1999 ??Rev. 3
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
MC34064 ONSEMI-MC34064 Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com