Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1180EUA Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A1180EUA
Description  Sensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1180EUA Datasheet(HTML) 1 Page - Allegro MicroSystems

  A1180EUA Datasheet HTML 1Page - Allegro MicroSystems A1180EUA Datasheet HTML 2Page - Allegro MicroSystems A1180EUA Datasheet HTML 3Page - Allegro MicroSystems A1180EUA Datasheet HTML 4Page - Allegro MicroSystems A1180EUA Datasheet HTML 5Page - Allegro MicroSystems A1180EUA Datasheet HTML 6Page - Allegro MicroSystems A1180EUA Datasheet HTML 7Page - Allegro MicroSystems A1180EUA Datasheet HTML 8Page - Allegro MicroSystems A1180EUA Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
A1180/81/82/83
A1180-DS, Rev. 2
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, VCC ..........................................28 V
Reverse-Supply Voltage, VRCC ........................–18 V
Magnetic Flux Density, B .........................Unlimited
Operating Temperature
Ambient, TA, Range E..................–40ºC to 85ºC
Ambient, TA, Range L................–40ºC to 150ºC
Maximum Junction, TJ(max)........................165ºC
Storage Temperature, TS ..................–65ºC to 170ºC
On-chip protection
Supply transient protection
Reverse-battery protection
On-board voltage regulator
3.5 V to 24 V operation
Sensitive Two-Wire Field-Programmable Chopper-Stabilized
Unipolar Hall-Effect Switches
Package LH, 3-pin SOT
Features and Benefits
1. VCC
2. No connection
3. GND
NC
1
2
3
1
2
3
1. VCC
2. GND
3. GND
Package UA, 3-pin SIP
Chopper stabilization
Low switchpoint drift over operating
temperature range
Low stress sensitivity
Field-programmable for optimized
switchpoints
The A1180, A1181, A1182, and A1183 devices are sensitive, two-wire, unipolar,
Hall effect switches. The operate point, BOP, can be field-programmed, after final
packaging of the sensor and placement into the application. This advanced feature
allows the optimization of the sensor switching performance, by effectively
accounting for variations caused by mounting tolerances for the device and the
target magnet.
This family of devices are produced on the Allegro MicroSystems advanced
BiCMOS wafer fabrication process, which implements a patented, high-frequency,
chopper-stabilization technique that achieves magnetic stability and eliminates
the offsets that are inherent in single-element devices exposed to harsh applica-
tion environments. Commonly found in a number of automotive applications,
the A1180-83 family of devices are utilized to sense: seat track position, seat belt
buckle presence, hood/trunk latching, and shift selector position.
Two-wire unipolar switches are particularly advantageous in price-sensitive appli-
cations, because they require one less wire than the more traditional open-collec-
tor output switches. Additionally, the system designer gains inherent diagnostics
because output current normally flows in either of two narrowly-specified ranges.
Any output current level outside of these two ranges is a fault condition. The
A1180-83 family of devices also features on-chip transient protection, and a Zener
clamp to protect against overvoltage conditions on the supply line.
The output currents of the A1181 and A1183 switch HIGH in the presence of a south
polarity magnetic field of sufficient strength; and switch LOW otherwise, including
when there is no significant magnetic field present. The A1180 and A1182 have
inverted output current levels: switching LOW in the presence of a south polarity
magnetic field of sufficient strength, and HIGH otherwise. The devices also differ in
their specified LOW current supply levels.
Both devices are offered in two package styles: LH, a SOT-23W miniature low-
profile package for surface-mount applications, and UA, a three-lead ultramini
Single Inline Package (SIP) for through-hole mounting. Each package is available
in a lead (Pb) free version (suffix, –T) with 100% matte tin plated leadframe.
Factory-programmed versions are also available. Refer to: A1140, A1141, A1142,
A1143, A1145, and A1146.


Similar Part No. - A1180EUA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1180 ALLEGRO-A1180 Datasheet
915Kb / 14P
   Two-Wire, Programmable, Chopper-Stabilized, Unipolar Hall-Effect Switch
A1180 ALLEGRO-A1180 Datasheet
407Kb / 15P
   Sensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
logo
List of Unclassifed Man...
A11809-02 ETC-A11809-02 Datasheet
318Kb / 2P
   Tpcm 900 Series
logo
Allegro MicroSystems
A1180 ALLEGRO-A1180_06 Datasheet
407Kb / 15P
   Sensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
More results

Similar Description - A1180EUA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1180 ALLEGRO-A1180_06 Datasheet
407Kb / 15P
   Sensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1140 ALLEGRO-A1140_06 Datasheet
344Kb / 13P
   Sensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1140 ALLEGRO-A1140 Datasheet
393Kb / 11P
   Sensitive Two-Wire Chopper-Stabilized Unipolar Hall-Effect Switches
A1185 ALLEGRO-A1185_06 Datasheet
370Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1185 ALLEGRO-A1185 Datasheet
318Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1184 ALLEGRO-A1184_06 Datasheet
377Kb / 14P
   Standard Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1184LLHLT-T ALLEGRO-A1184LLHLT-T Datasheet
317Kb / 14P
   Standard Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A3250 ALLEGRO-A3250 Datasheet
418Kb / 15P
   Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
A3250LLT ALLEGRO-A3250LLT Datasheet
305Kb / 16P
   Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
A3250LLTTR ALLEGRO-A3250LLTTR Datasheet
305Kb / 16P
   Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com