Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1242 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A1242
Description  Two-Wire Chopper-Stabilized Hall Effect Latch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1242 Datasheet(HTML) 3 Page - Allegro MicroSystems

  A1242 Datasheet HTML 1Page - Allegro MicroSystems A1242 Datasheet HTML 2Page - Allegro MicroSystems A1242 Datasheet HTML 3Page - Allegro MicroSystems A1242 Datasheet HTML 4Page - Allegro MicroSystems A1242 Datasheet HTML 5Page - Allegro MicroSystems A1242 Datasheet HTML 6Page - Allegro MicroSystems A1242 Datasheet HTML 7Page - Allegro MicroSystems A1242 Datasheet HTML 8Page - Allegro MicroSystems A1242 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
A1242-DS
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Two-Wire Chopper-Stabilized Hall Effect Latch
A1242
DEVICE QUALIFICATION PROGRAM
Contact Allegro for information.
EMC (Electromagnetic Compatibility) PERFORMANCE
Contact Allegro for information.
ELECTRICAL CHARACTERISTICS over full operating voltage and temperature ranges, unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ.1
Max.
Units
Electrical Characteristics
Supply Voltage2 3
VCC
Operating, TJ < 165°C
3.5
24
V
Supply Current
ICC(L)
-I1, B < BRP
5
6.9
mA
-I2, B < BRP
2–5
mA
ICC(H)
-I1 and -I2, B > BOP
12
17
mA
Output Slew Rate4
dI/dt
RS = 100 Ω, CS = 20 pF, no bypass capacitor
36
mA/μs
Chopping Frequency
fC
200
kHz
Power-On Time
tPO
VCC > VCC(MIN)
––
25
μs
Power-On State5
POS
tPO < tPO(max), dVCC/dt > 25 mV/μs–
ICC(H)
––
Supply Zener Clamp Voltage
VZ(supply)
ICC = 20 mA; TA = 25°C
28
V
Supply Zener Current6
IZ(supply)
VS = 28 V
20
mA
Reverse Battery Current
IRCC
VRCC = –18 V
2.5
mA
Magnetic Characteristics7
Operate Point
BOP
South pole adjacent to branded face of device
5
32
80
G
Release Point
BRP
North pole adjacent to branded face of device
–80
–32
–5
G
Hysteresis
BHYS
BOP – BRP
40
64
110
G
1 Typical values are at TA = 25°C and VCC = 12 V. Performance may vary for individual units, within the specified maximum and minimum
limits.
2 Maximum voltage must be adjusted for power dissipation and junction temperature; see Power Derating section.
3 VCC represents the generated voltage between the VCC pin and the GND pin.
4 The value of dI is the difference between 90% of ICC(H) and 10% of ICC(L), and the value of dt is time period between those two points.
The value of dI/dt depends on the value of the bypass capacitor, if one is used, with greater capacitances resulting in lower rates of
change.
5 For t > tPO(max), and BRP < B < BOP, POS is undefined.
6 Maximum current limit is equal to the maximum ICCL(max) + 3 mA.
7 Magnetic flux density, B, is indicated as a negative value for north-polarity magnetic fields, and as a positive value for south-polarity
magnetic fields. This so-called algebraic convention supports arithmetic comparison of north and south polarity values, where the relative
strength of the field is indicated by the absolute value of B, and the sign indicates the polarity of the field (for example, a –100 G field and
a 100 G field have equivalent strength, but opposite polarity).


Similar Part No. - A1242

ManufacturerPart #DatasheetDescription
logo
C&K Components
A124 CK-COMPONENTS-A124 Datasheet
1Mb / 5P
   A Series 1-4 Pole Rotary Switches
A124 CK-COMPONENTS-A124 Datasheet
310Kb / 5P
   1-4 Pole Rotary Switches
A124 CK-COMPONENTS-A124 Datasheet
299Kb / 5P
   1-4 Pole Rotary Switches
A124 CK-COMPONENTS-A124 Datasheet
290Kb / 5P
   Multi-pole and multi-position
A124 CK-COMPONENTS-A124 Datasheet
299Kb / 5P
   Multi-pole and multi-position
More results

Similar Description - A1242

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1244LLHLX-I1-T ALLEGRO-A1244LLHLX-I1-T Datasheet
259Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Latch
A1245 ALLEGRO-A1245 Datasheet
567Kb / 13P
   Chopper-Stabilized, Two Wire Hall-Effect Latch
A1244 ALLEGRO-A1244 Datasheet
260Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Latch
A1244 ALLEGRO-A1244_16 Datasheet
725Kb / 12P
   Chopper-Stabilized, Two-Wire Hall-Effect Latch
A1150 ALLEGRO-A1150_16 Datasheet
955Kb / 14P
   Chopper-Stabilized, Two-Wire Hall-Effect Switches
A3282 ALLEGRO-A3282 Datasheet
476Kb / 11P
   Chopper-Stabilized Hall Effect Latch
A1152LUA-T ALLEGRO-A1152LUA-T Datasheet
265Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1150_V5 ALLEGRO-A1150_V5 Datasheet
266Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1150 ALLEGRO-A1150 Datasheet
266Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A3282 ALLEGRO-A3282_06 Datasheet
354Kb / 11P
   Chopper-Stabilized Hall Effect Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com