Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCM1210-301-2P Datasheet(PDF) 1 Page - TDK Electronics

Part # TCM1210-301-2P
Description  Common Mode Choke Coils for Signal Line
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

TCM1210-301-2P Datasheet(HTML) 1 Page - TDK Electronics

  TCM1210-301-2P Datasheet HTML 1Page - TDK Electronics TCM1210-301-2P Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• All specifications are subject to change without notice.
(1/2)
002-02 / 20040721 / e9712_tcm1210.fm
EMC Components
TCM Series TCM1210 Type
Common Mode Choke Coils for Signal Line
SMD
FEATURES
• This compact thin-film common mode filter has with a size of
L1.25
×W1.0mm.
• We have succeeded in reducing its thickness to 0.6mm.
• By providing wide bandwidth (cutoff frequency: 3GHz) for
differential mode transfers while maintaining common mode
impedance, this filter provides noise reduction and has almost
no effect on high-speed differential transfer line signals.
• This product contains no lead and supports lead-free soldering.
APPLICATIONS
For radiant noise reduction in electronics devices.
LVDS lines and IEEE1394 interfaces used in notebook PCs and
LCD monitors.
SHAPES AND DIMENSIONS
CIRCUIT DIAGRAM
RECOMMENDED PC BOARD PATTERN
ELECTRICAL CHARACTERISTICS
• Operating temperature range: –25 to +85°C
TYPICAL ELECTRICAL CHARACTERISTICS
IMPEDANCE vs. FREQUENCY CHARACTERISTICS
TCM1210-900
TCM1210-201
TCM1210-301
Part No.
Common mode impedance
(
Ω) [100MHz]
DC resistance
(
Ω)max.
Rated current
(mA)max.
Insulation resistance
(M
Ω)max.
Rated voltage
(V)max.
min.
typ.
TCM1210-900-2P
65
90
1.75
100
10
10
TCM1210-201-2P
150
200
2.7
100
10
10
TCM1210-301-2P
225
300
3.5
50
10
10
1.0
±0.15
0.55
±0.1
0.25
±0.15
0.3
±0.1
4
1
3
2
Weight: 4mg
Dimensions in mm
0.55
Dimensions in mm
0.3
43
12
1
10
100
1000
10000
10000
1000
100
1
10
Frequency(MHz)
Differential mode
Common mode
1
10
100
1000
10000
10000
1000
100
1
10
Frequency(MHz)
Differential mode
Common mode
1
10
100
1000
10000
10000
1000
100
1
10
Frequency(MHz)
Differential mode
Common mode


Similar Part No. - TCM1210-301-2P

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
TCM1210-301-2P TDK-TCM1210-301-2P Datasheet
37Kb / 2P
   Common Mode Filters(SMD) For High-speed Differential Signal Line
More results

Similar Description - TCM1210-301-2P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TCM2010 ETC1-TCM2010 Datasheet
42Kb / 1P
   Common Mode Choke Coils for Signal Line SMD
logo
TDK Electronics
ZJYS51R5-2P TDK-ZJYS51R5-2P Datasheet
87Kb / 4P
   Common Mode Choke Coils for Signal Line SMD
logo
Bothhand USA, LP.
BCM-5120 BOTHHAND-BCM-5120 Datasheet
149Kb / 1P
   EMC COMPONENTS COMMON-MODE CHOKE COILS FOR SIGNAL LINE
BCM-8151 BOTHHAND-BCM-8151 Datasheet
145Kb / 1P
   EMC Components Common-Mode Choke Coils for Signal Line
BCM-5140 BOTHHAND-BCM-5140 Datasheet
163Kb / 1P
   EMC COMPONENTS COMMON-MODE CHOKE COILS FOR SIGNAL LINE
logo
TDK Electronics
ZJYS51R5-4PT TDK-ZJYS51R5-4PT Datasheet
87Kb / 4P
   EMC Components Common Mode Choke Coils for Signal Line SMD
logo
RENCO ELECTRONICS, INC.
RL-7900-2 RENCO-RL-7900-2 Datasheet
1Mb / 6P
   COMMON MODE CHOKE COILS FOR SIGNAL LINES
RL-7900-1 RENCO-RL-7900-1 Datasheet
2Mb / 3P
   COMMON MODE CHOKE COILS FOR SIGNAL LINES
logo
TDK Electronics
ACM4532 TDK-ACM4532 Datasheet
90Kb / 4P
   Common Mode Choke Colls for Signal Line
logo
Taiyo Yuden (U.S.A.), I...
TLF24HB6821R2K1 TAIYO-YUDEN-TLF24HB6821R2K1 Datasheet
141Kb / 1P
   Leaded Common Mode Choke Coils for AC line
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com