Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M5M5V32R16VP-12 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M5M5V32R16VP-12
Description  524288-BIT (32768-WORD BY 16-BIT) CMOS STATIC RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M5V32R16VP-12 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M5M5V32R16VP-12 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5M5V32R16VP-12 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5M5V32R16VP-12 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M5V32R16VP-12 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M5V32R16VP-12 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M5V32R16VP-12 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M5V32R16VP-12 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M5M5V32R16VP-12 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
M5M5V32R16J,TP-10,-12,-15
MITSUBISHI LSIs
524288-BIT (32768-WORD BY 16-BIT) CMOS STATIC RAM
MITSUBISHI
ELECTRIC
(4)TIMING DIAGRAMS
A 0~14
Read cycle 1
t CR
(A)
ta (A)
tv
VIH
VIL
(A)
tv
PREVIOUS DATA VALID
UNKNOWN
DATA VALID
VOH
VOL
DQ1~16
/W=H
/S=L
/OE=L
Note 6. Addresses and /S valid prior to /OE transition low by (ta(A)-ta(OE)), (ta(S)-ta(OE))
Read cycle 2 (Note 4)
/S
ta(S)
/W=H
/OE=L
ten (S)
tdis(S)
UNKNOWN
VOH
VOL
DQ1~16
VIH
VIL
DATA VALID
tPU
ICC1
ICC2
tPD
50%
50%
(Note 5)
(Note 5)
Icc
t CR
Read cycle 3 (Note 6)
/OE
ta(OE)
/W=H
/S=L
ten (OE)
tdis(OE)
UNKNOWN
DATA VALID
VOH
VOL
DQ1~16
VIH
VIL
(Note 5)
t CR
(Note 5)
Note 4. Addresses valid prior to or coincident with /S transition low.
5. Transition is measured ±500mv from steady state voltage with specified loading in Figure 2.
/LB=L
/UB=L
/UB=L
/LB=L
5
/UB=L
/LB=L


Similar Part No. - M5M5V32R16VP-12

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5V108CFP-10H MITSUBISHI-M5M5V108CFP-10H Datasheet
86Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M5V108CFP-10HI MITSUBISHI-M5M5V108CFP-10HI Datasheet
87Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M5V108CFP-10X MITSUBISHI-M5M5V108CFP-10X Datasheet
86Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M5V108CFP-10XI MITSUBISHI-M5M5V108CFP-10XI Datasheet
87Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M5V108CFP-70H MITSUBISHI-M5M5V108CFP-70H Datasheet
86Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
More results

Similar Description - M5M5V32R16VP-12

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M532R16J-10 MITSUBISHI-M5M532R16J-10 Datasheet
74Kb / 8P
   524288-BIT (32768-WORD BY 16-BIT) CMOS STATIC RAM
M5M5W816WG-85L MITSUBISHI-M5M5W816WG-85L Datasheet
87Kb / 8P
   8388608-BIT (524288-WORD BY 16-BIT) CMOS STATIC RAM
M5M5W816WG-70HI MITSUBISHI-M5M5W816WG-70HI Datasheet
102Kb / 10P
   8388608-BIT (524288-WORD BY 16-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5W816TP-55HI RENESAS-M5M5W816TP-55HI Datasheet
139Kb / 10P
   8388608-BIT (524288-WORD BY 16-BIT) CMOS STATIC RAM
M5M5W816WG RENESAS-M5M5W816WG Datasheet
155Kb / 10P
   8388608-BIT (524288-WORD BY 16-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5Y816WG-70HI MITSUBISHI-M5M5Y816WG-70HI Datasheet
87Kb / 10P
   8388608-BIT (524288-WORD BY 16-BIT) CMOS STATIC RAM
M5M5W816WG-85HI MITSUBISHI-M5M5W816WG-85HI Datasheet
102Kb / 10P
   8388608-BIT (524288-WORD BY 16-BIT) CMOS STATIC RAM
M5M5W816TP-70HI MITSUBISHI-M5M5W816TP-70HI Datasheet
68Kb / 9P
   8388608-BIT (524288-WORD BY 16-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5W817KT-70HI RENESAS-M5M5W817KT-70HI Datasheet
149Kb / 11P
   8388608-BIT (524288-WORD BY 16-BIT / 10485776-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5256CFP-12VLL MITSUBISHI-M5M5256CFP-12VLL Datasheet
472Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM?
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com