Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1242LUA-I2-T Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # A1242LUA-I2-T
Description  Two-Wire Chopper-Stabilized Hall Effect Latch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1242LUA-I2-T Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button A1242LUA-I2-T Datasheet HTML 3Page - Allegro MicroSystems A1242LUA-I2-T Datasheet HTML 4Page - Allegro MicroSystems A1242LUA-I2-T Datasheet HTML 5Page - Allegro MicroSystems A1242LUA-I2-T Datasheet HTML 6Page - Allegro MicroSystems A1242LUA-I2-T Datasheet HTML 7Page - Allegro MicroSystems A1242LUA-I2-T Datasheet HTML 8Page - Allegro MicroSystems A1242LUA-I2-T Datasheet HTML 9Page - Allegro MicroSystems A1242LUA-I2-T Datasheet HTML 10Page - Allegro MicroSystems A1242LUA-I2-T Datasheet HTML 11Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
A1242-DS
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Two-Wire Chopper-Stabilized Hall Effect Latch
A1242
Functional Description
OPERATION
The output, ICC, of the A1242 switches to the high current state
when a magnetic field perpendicular to the Hall sensor exceeds
the operate point threshold, BOP. Note that the device latches,
that is, a south pole of sufficient strength towards the branded
surface of the device switches the device output to ICC(H). The
device retains its output state if the south pole is removed. When
the magnetic field is reduced to below the release point thresh-
old, BRP, the device output goes to the low current state. The dif-
ference between the magnetic operate and release points is called
the hysteresis of the device, BHYS. This built-in hysteresis allows
clean switching of the output even in the presence of external
mechanical vibration and electrical noise.
.
TYPICAL APPLICATION CIRCUIT
The A1242 should be protected by an external bypass capaci-
tor, CBYP, connected between the supply, VCC, and the ground,
GND, of the device. CBYP reduces both external noise and the
noise generated by the chopper-stabilization function. As shown
in figure 2, a 0.01 μF capacitor is typical.
Installation of CBYP must ensure that the traces that connect it to
the A1242 pins are no greater than 5 mm in length.
All high-frequency interferences conducted along the supply
lines are passed directly to the load through CBYP, and it serves
only to protect the A1242 internal circuitry. As a result, the load
ECU (electronic control unit) must have sufficient protection,
other than CBYP, installed in parallel with the A1242.
A series resistor on the supply side, RS (not shown), in combina-
tion with CBYP, creates a filter for EMI pulses.
When determining the minimum VCC requirement of the A1242
device, the voltage drops across RS and the ECU sense resistor,
RSENSE, must be taken into consideration. The typical value for
RSENSE is approximately 100 Ω.
Extensive applications information on magnets and Hall-effect
sensors is available in:
• Hall-Effect IC Applications Guide, AN27701,
• Hall-Effect Devices: Gluing, Potting, Encapsulating, Lead Welding
and Lead Forming, AN27703.1
• Soldering Methods for Allegro Products – SMD and Through-Hole,
AN26009
All are provided in Allegro Electronic Data Book, AMS-702
and the Allegro Web site: www.allegromicro.com.
Figure 1. Switching Behavior of the A1242. On the horizontal axis, the
B+ direction indicates increasing south polarity magnetic field strength,
and the B– direction indicates decreasing south polarity field strength
(including the case of increasing north polarity).
BHYS
ICC(H)
ICC(L)
B+
I+
B–
0
0
GND
A1242
VCC
V+
0.01 uF
A
B
B
GND
ECU
Package UA Only
A
B
Maximum separation 5 mm
R
SENSE
C
BYP
Figure 2. Typical Application Circuit


Similar Part No. - A1242LUA-I2-T

ManufacturerPart #DatasheetDescription
logo
C&K Components
A124 CK-COMPONENTS-A124 Datasheet
1Mb / 5P
   A Series 1-4 Pole Rotary Switches
A124 CK-COMPONENTS-A124 Datasheet
310Kb / 5P
   1-4 Pole Rotary Switches
A124 CK-COMPONENTS-A124 Datasheet
299Kb / 5P
   1-4 Pole Rotary Switches
A124 CK-COMPONENTS-A124 Datasheet
290Kb / 5P
   Multi-pole and multi-position
A124 CK-COMPONENTS-A124 Datasheet
299Kb / 5P
   Multi-pole and multi-position
More results

Similar Description - A1242LUA-I2-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1244LLHLX-I1-T ALLEGRO-A1244LLHLX-I1-T Datasheet
259Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Latch
A1245 ALLEGRO-A1245 Datasheet
567Kb / 13P
   Chopper-Stabilized, Two Wire Hall-Effect Latch
A1244 ALLEGRO-A1244 Datasheet
260Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Latch
A1244 ALLEGRO-A1244_16 Datasheet
725Kb / 12P
   Chopper-Stabilized, Two-Wire Hall-Effect Latch
A1150 ALLEGRO-A1150_16 Datasheet
955Kb / 14P
   Chopper-Stabilized, Two-Wire Hall-Effect Switches
A3282 ALLEGRO-A3282 Datasheet
476Kb / 11P
   Chopper-Stabilized Hall Effect Latch
A1152LUA-T ALLEGRO-A1152LUA-T Datasheet
265Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1150_V5 ALLEGRO-A1150_V5 Datasheet
266Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1150 ALLEGRO-A1150 Datasheet
266Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A3282 ALLEGRO-A3282_06 Datasheet
354Kb / 11P
   Chopper-Stabilized Hall Effect Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com