Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1182EUA Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A1182EUA
Description  Sensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1182EUA Datasheet(HTML) 4 Page - Allegro MicroSystems

  A1182EUA Datasheet HTML 1Page - Allegro MicroSystems A1182EUA Datasheet HTML 2Page - Allegro MicroSystems A1182EUA Datasheet HTML 3Page - Allegro MicroSystems A1182EUA Datasheet HTML 4Page - Allegro MicroSystems A1182EUA Datasheet HTML 5Page - Allegro MicroSystems A1182EUA Datasheet HTML 6Page - Allegro MicroSystems A1182EUA Datasheet HTML 7Page - Allegro MicroSystems A1182EUA Datasheet HTML 8Page - Allegro MicroSystems A1182EUA Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
A1180-DS, Rev. 2
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Sensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall Effect Switches
A1180/81/82/83
MAGNETIC CHARACTERISTICS1 over the operating voltage and temperature range, unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Programmable Operate Point Range
BOPrange
ICC = ICC(H) for A1180 and A1182
ICC = ICC(L) for A1181 and A1183
60
200
G
Initial Operate Point Range
BOPinit
VCC = 12 V
33
60
G
Switchpoint Step Size2
BRES
VCC = 5 V, TA = 25°C
4
8
12
G
Number of Programming Bits
Switchpoint setting
5
Bit
Programming locking
1
Bit
Temperature Drift of BOP
ΔBOP
±20
G
Hysteresis
BHYS
BHYS = BOP – BRP
515
30
G
1Relative values of B use the algebraic convention, where positive values indicate south magnetic polarity, and negative values indicate north magnetic
polarity; therefore greater B values indicate a stronger south polarity field (or a weaker north polarity field, if present).
2The range of values specified for BRES is a maximum, derived from the cumulative programming bit errors.
ELECTRICAL CHARACTERISTICS over the operating voltage and temperature range, unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply Voltage1
VCC
Device powered on
3.5
24
V
Supply Current2
ICC(L)
B >BOP for A1180; B <BRP for A1181
2
5
mA
B >BOP for A1182; B <BRP for A1183
5
6.9
mA
ICC(H)
B >BOP for A1181, A1183
B <BRP for A1180, A1182
12
17
mA
Supply Zener Clamp Voltage
VZ(supply)
ICC = ICC(L)(max) + 3 mA; TA = 25°C
28
40
V
Supply Zener Clamp Current
IZ(supply)
VZ(supply) = 28 V
ICC(L)(max)
+ 3 mA
mA
Reverse Supply Current
IRCC
VRCC = –18 V
–1.6
mA
Output Slew Rate3
di/dt
No bypass capacitor; capacitance of the
oscilloscope performing the measurement
= 20 pF
36
mA/μs
Chopping Frequency
fC
200
kHz
Power-On Time4
ton
After factory trimming; with and without
bypass capacitor (CBYP = 0.01 μF)
––
25
μs
Power-On State5,6
POS
ton ≤ ton(max); VCC slew rate ≥ 25 mV/μs
HIGH
1VCC represents the generated voltage between the VCC pin and the GND pin.
2Relative values of B use the algebraic convention, where positive values indicate south magnetic polarity, and negative values indicate north magnetic
polarity; therefore greater B values indicate a stronger south polarity field (or a weaker north polarity field, if present).
3Measured without bypass capacitor between VCC and GND. Use of a bypass capacitor results in slower current change.
4Measured with and without bypass capacitor of 0.01 μF. Adding a larger bypass capacitor causes longer Power-On Time.
5POS is defined as true only with a VCC slew rate of 25 mV/μs or greater. Operation with a VCC slew rate less than 25 mV/μs can permanently harm
device performance.
6POS is undefined for t > ton or BRP < B < BOP.


Similar Part No. - A1182EUA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1182EUA ALLEGRO-A1182EUA Datasheet
915Kb / 14P
   Two-Wire, Programmable, Chopper-Stabilized, Unipolar Hall-Effect Switch
A1182EUA-T ALLEGRO-A1182EUA-T Datasheet
407Kb / 15P
   Sensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
More results

Similar Description - A1182EUA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1180 ALLEGRO-A1180_06 Datasheet
407Kb / 15P
   Sensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1140 ALLEGRO-A1140_06 Datasheet
344Kb / 13P
   Sensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1140 ALLEGRO-A1140 Datasheet
393Kb / 11P
   Sensitive Two-Wire Chopper-Stabilized Unipolar Hall-Effect Switches
A1185 ALLEGRO-A1185_06 Datasheet
370Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1185 ALLEGRO-A1185 Datasheet
318Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1184 ALLEGRO-A1184_06 Datasheet
377Kb / 14P
   Standard Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1184LLHLT-T ALLEGRO-A1184LLHLT-T Datasheet
317Kb / 14P
   Standard Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A3250 ALLEGRO-A3250 Datasheet
418Kb / 15P
   Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
A3250LLT ALLEGRO-A3250LLT Datasheet
305Kb / 16P
   Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
A3250LLTTR ALLEGRO-A3250LLTTR Datasheet
305Kb / 16P
   Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com