Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1182EUA-T Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # A1182EUA-T
Description  Sensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1182EUA-T Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button A1182EUA-T Datasheet HTML 5Page - Allegro MicroSystems A1182EUA-T Datasheet HTML 6Page - Allegro MicroSystems A1182EUA-T Datasheet HTML 7Page - Allegro MicroSystems A1182EUA-T Datasheet HTML 8Page - Allegro MicroSystems A1182EUA-T Datasheet HTML 9Page - Allegro MicroSystems A1182EUA-T Datasheet HTML 10Page - Allegro MicroSystems A1182EUA-T Datasheet HTML 11Page - Allegro MicroSystems A1182EUA-T Datasheet HTML 12Page - Allegro MicroSystems A1182EUA-T Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
A1180-DS, Rev. 2
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Sensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall Effect Switches
A1180/81/82/83
Figure 2. Chopper stabilization circuit (dynamic quadrature offset cancellation)
Amp
Regulator
Clock/Logic
Hall Element
Low-Pass
Filter
Chopper Stabilization Technique
A limiting factor for switchpoint accuracy when using Hall
effect technology is the small signal voltage developed across
the Hall element. This voltage is proportionally small relative to
the offset that can be produced at the output of the Hall sensor
device. This makes it difficult to process the signal and maintain
an accurate, reliable output over the specified temperature and
voltage range.
Chopper stabilization is a unique approach used to minimize
Hall offset on the chip. The Allegro patented technique, dynamic
quadrature offset cancellation, removes key sources of the output
drift induced by temperature and package stress. This offset
reduction technique is based on a signal modulation-demodula-
tion process. The undesired offset signal is separated from the
magnetically induced signal in the frequency domain through
modulation. The subsequent demodulation acts as a modulation
process for the offset causing the magnetically induced signal
to recover its original spectrum at base band while the dc offset
becomes a high frequency signal. Then, using a low-pass filter,
the signal passes while the modulated dc offset is suppressed.
The chopper stabilization technique uses a 200 kHz high fre-
quency clock. For demodulation process, a sample-and-hold
technique is used, where the sampling is performed at twice
the chopper frequency (400KHz). The sampling demodulation
process produces higher accuracy and faster signal processing
capability. Using this chopper stabilization approach, the chip is
desensitized to the effects of temperature and stress. This tech-
nique produces devices that have an extremely stable quiescent
Hall output voltage, is immune to thermal stress, and has precise
recoverability after temperature cycling. This technique is made
possible through the use of a BiCMOS process which allows the
use of low-offset and low-noise amplifiers in combination with
high-density logic integration and sample-and-hold circuits.
The repeatability of switching with a magnetic field is slightly
affected using a chopper technique. The Allegro high frequency
chopping approach minimizes the affect of jitter and makes it
imperceptible in most applications. Applications that may notice
the degradation are those that require the precise sensing of alter-
nating magnetic fields such as ring magnet speed sensing. For
those applications, Allegro recommends the “low jitter” family
of digital sensors.


Similar Part No. - A1182EUA-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1182EUA-T ALLEGRO-A1182EUA-T Datasheet
407Kb / 15P
   Sensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
More results

Similar Description - A1182EUA-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1180 ALLEGRO-A1180_06 Datasheet
407Kb / 15P
   Sensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1140 ALLEGRO-A1140_06 Datasheet
344Kb / 13P
   Sensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1140 ALLEGRO-A1140 Datasheet
393Kb / 11P
   Sensitive Two-Wire Chopper-Stabilized Unipolar Hall-Effect Switches
A1185 ALLEGRO-A1185_06 Datasheet
370Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1185 ALLEGRO-A1185 Datasheet
318Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1184 ALLEGRO-A1184_06 Datasheet
377Kb / 14P
   Standard Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1184LLHLT-T ALLEGRO-A1184LLHLT-T Datasheet
317Kb / 14P
   Standard Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A3250 ALLEGRO-A3250 Datasheet
418Kb / 15P
   Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
A3250LLT ALLEGRO-A3250LLT Datasheet
305Kb / 16P
   Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
A3250LLTTR ALLEGRO-A3250LLTTR Datasheet
305Kb / 16P
   Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com