Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1182LLHLT Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # A1182LLHLT
Description  Sensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1182LLHLT Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A1182LLHLT Datasheet HTML 6Page - Allegro MicroSystems A1182LLHLT Datasheet HTML 7Page - Allegro MicroSystems A1182LLHLT Datasheet HTML 8Page - Allegro MicroSystems A1182LLHLT Datasheet HTML 9Page - Allegro MicroSystems A1182LLHLT Datasheet HTML 10Page - Allegro MicroSystems A1182LLHLT Datasheet HTML 11Page - Allegro MicroSystems A1182LLHLT Datasheet HTML 12Page - Allegro MicroSystems A1182LLHLT Datasheet HTML 13Page - Allegro MicroSystems A1182LLHLT Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
A1180-DS, Rev. 2
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Sensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall Effect Switches
A1180/81/82/83
Application Information
For additional general application information, visit the Allegro
MicroSystems Web site at www. allegromicro.com.
GND
A118x
VCC
V+
0.01 uF
A
B
B
GND
ECU
Package UA Only
A
B Maximum separation 5 mm
R
SENSE
C
BYP
Figure 3. Typical application circuit
Typical Application Circuit
The A118x family of devices must be protected by an external
bypass capacitor, CBYP, connected between the supply, VCC,
and the ground, GND, of the device. CBYP reduces both external
noise and the noise generated by the chopper-stabilization func-
tion. As shown in figure 3, a 0.01 μF capacitor is typical.
Installation of CBYP must ensure that the traces that connect it to
the A118x pins are no greater than 5 mm in length.
All high-frequency interferences conducted along the supply
lines are passed directly to the load through CBYP, and it serves
only to protect the A118x internal circuitry. As a result, the load
ECU (electronic control unit) must have sufficient protection,
other than CBYP, installed in parallel with the A118x.
A series resistor on the supply side, RS (not shown), in combi-
nation with CBYP, creates a filter for EMI pulses. (Additional
information on EMC is provided on the Allegro MicroSystems
Web site.)
When determining the minimum VCC requirement of the A118x
device, the voltage drops across RS and the ECU sense resistor,
RSENSE, must be taken into consideration. The typical value for
RSENSE is approximately 100 Ω.


Similar Part No. - A1182LLHLT

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1182LLHLT-T ALLEGRO-A1182LLHLT-T Datasheet
407Kb / 15P
   Sensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
More results

Similar Description - A1182LLHLT

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1180 ALLEGRO-A1180_06 Datasheet
407Kb / 15P
   Sensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1140 ALLEGRO-A1140_06 Datasheet
344Kb / 13P
   Sensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1140 ALLEGRO-A1140 Datasheet
393Kb / 11P
   Sensitive Two-Wire Chopper-Stabilized Unipolar Hall-Effect Switches
A1185 ALLEGRO-A1185_06 Datasheet
370Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1185 ALLEGRO-A1185 Datasheet
318Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1184 ALLEGRO-A1184_06 Datasheet
377Kb / 14P
   Standard Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1184LLHLT-T ALLEGRO-A1184LLHLT-T Datasheet
317Kb / 14P
   Standard Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A3250 ALLEGRO-A3250 Datasheet
418Kb / 15P
   Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
A3250LLT ALLEGRO-A3250LLT Datasheet
305Kb / 16P
   Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
A3250LLTTR ALLEGRO-A3250LLTTR Datasheet
305Kb / 16P
   Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com