Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A2803 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A2803
Description  High Voltage High Current Darlington Arrays
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A2803 Datasheet(HTML) 2 Page - Allegro MicroSystems

  A2803 Datasheet HTML 1Page - Allegro MicroSystems A2803 Datasheet HTML 2Page - Allegro MicroSystems A2803 Datasheet HTML 3Page - Allegro MicroSystems A2803 Datasheet HTML 4Page - Allegro MicroSystems A2803 Datasheet HTML 5Page - Allegro MicroSystems A2803 Datasheet HTML 6Page - Allegro MicroSystems A2803 Datasheet HTML 7Page - Allegro MicroSystems A2803 Datasheet HTML 8Page - Allegro MicroSystems A2803 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
HIGH-VOLTAGE, HIGH-CURRENT
DARLINGTON ARRAYS
FEATURES
s TTL, DTL, PMOS, or CMOS Compatible Inputs
s Output Current to 500 mA
s Output Voltage to 95 V
s Transient-Protected Outputs
s Dual In-Line Package or Wide-Body Small-Outline Package
Featuring continuous load current ratings to 500 mA for each of
the drivers, the Series ULN28xxA/LW and ULQ28xxA/LW high-
voltage, high-current Darlington arrays are ideally suited for interfac-
ing between low-level logic circuitry and multiple peripheral power
loads. Typical power loads totaling over 260 W (350 mA x 8, 95 V)
can be controlled at an appropriate duty cycle depending on ambient
temperature and number of drivers turned on simultaneously. Typical
loads include relays, solenoids, stepping motors, magnetic print ham-
mers, multiplexed LED and incandescent displays, and heaters. All
devices feature open-collector outputs with integral clamp diodes.
The ULx2803A, ULx2803LW, ULx2823A, and ULN2823LW
have series input resistors selected for operation directly with 5 V TTL
or CMOS. These devices will handle numerous interface needs —
particularly those beyond the capabilities of standard logic buffers.
The ULx2804A, ULx2804LW, ULx2824A, and ULN2824LW
have series input resistors for operation directly from 6 V to 15 V
CMOS or PMOS logic outputs.
The ULx2803A/LW and ULx2804A/LW are the standard
Darlington arrays. The outputs are capable of sinking 500 mA and will
withstand at least 50 V in the off state. Outputs may be paralleled for
higher load current capability. The ULx2823A/LW and ULx2824A/
LW will withstand 95 V in the off state.
These Darlington arrays are furnished in 18-pin dual in-line
plastic packages (suffix ‘A’) or 18-lead small-outline plastic packages
(suffix ‘LW’). All devices are pinned with outputs opposite inputs to
facilitate ease of circuit board layout. Prefix ‘ULN’ devices are rated
for operation over the temperature range of -20
°C to +85°C; prefix
‘ULQ’ devices are rated for operation to -40
°C.
x = Character to identify specific device. Characteristic shown applies to family
of devices with remaining digits as shown. See matrix on next page.
2803 THRU
2824
18
17
15
14
13
712
811
910
1
2
4
5
6
Dwg. No. A-10,322A
16
3
ABSOLUTE MAXIMUM RATINGS
Output Voltage, VCE
(x2803x and x2804x) ..................... 50 V
(x2823x and x2824x) ..................... 95 V
Input Voltage, VIN .............................. 30 V
Continuous Output Current, IC .... 500 mA
Continuous Input Current, IIN ....... 25 mA
Power Dissipation, PD
(one Darlington pair) .................. 1.0 W
(total package) ..................... See Graph
Operating Temperature Range, TA
Prefix ‘ULN’ .............. -20
°C to + 85°C
Prefix ‘ULQ’ ............... -40
°C to +85°C
Storage Temperature Range,
TS ................................ -55
°C to +150°C
Note that the ULx28xxA series (dual in-line
package) and ULx28xxLW series (small-
outline IC package) are electrically identical
and share a common terminal number assign-
ment.
The ULx2804, ULx2823, & ULx2824 are discontinued.
Shown for reference only.


Similar Part No. - A2803

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
A2804 UTC-A2804 Datasheet
39Kb / 4P
   ZERO VOLTAGE SWITCH
A2804 UTC-A2804 Datasheet
111Kb / 5P
   ZERO VOLTAGE SWITCH
A2804 UTC-A2804 Datasheet
131Kb / 4P
   ZERO VOLTAGE SWITCH
A2804-D08-T UTC-A2804-D08-T Datasheet
111Kb / 5P
   ZERO VOLTAGE SWITCH
A2804-S08-R UTC-A2804-S08-R Datasheet
111Kb / 5P
   ZERO VOLTAGE SWITCH
More results

Similar Description - A2803

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
ULN2803 FCI-ULN2803 Datasheet
235Kb / 5P
   High-Voltage,High-Current Darlington Arrays
logo
List of Unclassifed Man...
ULN2001A ETC1-ULN2001A Datasheet
749Kb / 8P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
Leshan Radio Company
LR2001A LRC-LR2001A Datasheet
291Kb / 8P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
List of Unclassifed Man...
UNL2803 ETC2-UNL2803 Datasheet
219Kb / 5P
   High-Voltage, High-Current Darlington Arrays
logo
Allegro MicroSystems
A2001 ALLEGRO-A2001 Datasheet
316Kb / 11P
   High Voltage High Current Darlington Arrays
October 28, 2005
logo
Leshan Radio Company
LR2003A LRC-LR2003A Datasheet
289Kb / 8P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
First Components Intern...
ULN2003 FCI-ULN2003 Datasheet
268Kb / 5P
   High-Voltage, High - Current Darlington Arrays
logo
Allegro MicroSystems
2803 ALLEGRO-2803 Datasheet
166Kb / 10P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
List of Unclassifed Man...
ULN-7000A ETC2-ULN-7000A Datasheet
684Kb / 32P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
Leshan Radio Company
LR2002A LRC-LR2002A Datasheet
280Kb / 8P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com