Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1302EUA-T Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A1302EUA-T
Description  Continuous-Time Ratiometric Linear Hall Effect Sensors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1302EUA-T Datasheet(HTML) 1 Page - Allegro MicroSystems

  A1302EUA-T Datasheet HTML 1Page - Allegro MicroSystems A1302EUA-T Datasheet HTML 2Page - Allegro MicroSystems A1302EUA-T Datasheet HTML 3Page - Allegro MicroSystems A1302EUA-T Datasheet HTML 4Page - Allegro MicroSystems A1302EUA-T Datasheet HTML 5Page - Allegro MicroSystems A1302EUA-T Datasheet HTML 6Page - Allegro MicroSystems A1302EUA-T Datasheet HTML 7Page - Allegro MicroSystems A1302EUA-T Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Description
TheA1301 andA1302 are continuous-time, ratiometric, linear
Hall-effect sensor ICs.They are optimized to accurately provide
a voltage output that is proportional to an applied magnetic
field. These devices have a quiescent output voltage that is
50% of the supply voltage. Two output sensitivity options
are provided: 2.5 mV/G typical for the A1301, and 1.3 mV/G
typical for the A1302.
The Hall-effect integrated circuit included in each device
includes a Hall circuit, a linear amplifier, and a CMOS Class A
output structure. Integrating the Hall circuit and the amplifier
on a single chip minimizes many of the problems normally
associated with low voltage level analog signals.
High precision in output levels is obtained by internal gain
and offset trim adjustments made at end-of-line during the
manufacturing process.
These features make the A1301 and A1302 ideal for use in
position sensing systems, for both linear target motion and
rotational target motion. They are well-suited for industrial
applications over extended temperature ranges, from –40°C
to 125°C.
Two device package types are available: LH, a 3-pin SOT23W
type for surface mount, and UA, a 3-pin ultramini SIP for
through-hole mount. They are lead (Pb) free (suffix, –T) with
100% matte tin plated leadframes.
A1301-DS, Rev. 17
Features and Benefits
▪ Low-noise output
▪ Fast power-on time
▪ Ratiometric rail-to-rail output
▪ 4.5 to 6.0 V operation
▪ Solid-state reliability
▪ Factory-programmed at end-of-line for optimum
performance
▪ Robust ESD performance
Continuous-Time Ratiometric Linear Hall Effect Sensor ICs
Functional Block Diagram
Not to scale
Packages: 3 pin SOT23W (suffix LH), and
3 pin SIP (suffix UA)
A1301 and A1302
Amp
GND
VOUT
VC
To all subcircuits
C
Out
Offset
Trim
Control
Gain
V+
CBYPASS


Similar Part No. - A1302EUA-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1302EUA-T ALLEGRO-A1302EUA-T Datasheet
267Kb / 8P
   Continuous-Time Ratiometric Linear Hall Effect Sensors
More results

Similar Description - A1302EUA-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1301 ALLEGRO-A1301_06 Datasheet
267Kb / 8P
   Continuous-Time Ratiometric Linear Hall Effect Sensors
A1301 ALLEGRO-A1301 Datasheet
239Kb / 10P
   Continuous-Time Ratiometric Linear Hall Effect Sensor ICs
A1301 ALLEGRO-A1301_16 Datasheet
470Kb / 10P
   Continuous-Time Ratiometric Linear Hall Effect Sensor ICs
A3503 ALLEGRO-A3503 Datasheet
150Kb / 8P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS
3503 ALLEGRO-3503 Datasheet
183Kb / 8P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS
logo
OPTEK Technologies
OHN3150U OPTEK-OHN3150U Datasheet
517Kb / 4P
   Ratiometric Linear Hall-effect Sensor
OMH3150 OPTEK-OMH3150_14 Datasheet
109Kb / 4P
   Ratiometric Linear Hall-effect Sensor
logo
TT Electronics.
OMH3150 TTELEC-OMH3150 Datasheet
530Kb / 4P
   Ratiometric Linear Hall-Effect Sensor
OHS3150U TTELEC-OHS3150U Datasheet
195Kb / 4P
   Ratiometric Linear Hall-Effect Sensor
logo
Texas Instruments
DRV5055 TI1-DRV5055 Datasheet
1Mb / 30P
[Old version datasheet]   Ratiometric Linear Hall Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com