Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33163 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC33163
Description  POWER SWITCHING REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33163 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC33163 Datasheet HTML 2Page - ON Semiconductor MC33163 Datasheet HTML 3Page - ON Semiconductor MC33163 Datasheet HTML 4Page - ON Semiconductor MC33163 Datasheet HTML 5Page - ON Semiconductor MC33163 Datasheet HTML 6Page - ON Semiconductor MC33163 Datasheet HTML 7Page - ON Semiconductor MC33163 Datasheet HTML 8Page - ON Semiconductor MC33163 Datasheet HTML 9Page - ON Semiconductor MC33163 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MC34163 MC33163
6
MOTOROLA ANALOG IC DEVICE DATA
0
0
Figure 15. Minimum Operating Supply
Voltage versus Temperature
3.0
2.6
2.2
1.8
1.4
1.0
– 55
– 25
0
25
50
75
100
125
TA, AMBIENT TEMPERATURE (°C)
Pin 16 Open
CT = 620 pF
Pins 7,8 = VCC
Pins 4, 14 = Gnd
Pin 9 = 1.0 k
Ω to 15 V
Pin 10 = 100
Ω to 15 V
Figure 16. P Suffix (DIP–16) Thermal Resistance
and Maximum Power Dissipation
versus P.C.B. Copper Length
Graphs represent symmetrical layout
3.0 mm
Printed circuit board heatsink example
L
L
100
80
60
40
20
10
20
30
40
50
L, LENGTH OF COPPER (mm)
5.0
4.0
3.0
2.0
1.0
0
PD(max) for TA = 70°C
2.0 oz
Copper
Pin 16 = VCC
R
θJA
Figure 17. DW Suffix (SOP–16L) Thermal Resistance and
Maximum Power Dissipation versus P.C.B. Copper Length
30
40
50
60
70
80
90
0
0.4
0.8
1.2
1.6
2.0
2.4
020
30
50
40
10
L, LENGTH OF COPPER (mm)
100
2.8
PD(max) for TA = 50°C
R
θJA
2.0 oz.
Copper
Graph represents symmetrical layout
3.0 mm
L
L


Similar Part No. - MC33163

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33163 ONSEMI-MC33163 Datasheet
248Kb / 16P
   3.4 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 5
MC33163 ONSEMI-MC33163 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
MC33163DW ONSEMI-MC33163DW Datasheet
248Kb / 16P
   3.4 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 5
MC33163DW ONSEMI-MC33163DW Datasheet
262Kb / 16P
   3.4 A, Step-Up/Down/ Inverting Switching Regulators
August, 2008 ??Rev. 6
MC33163DWG ONSEMI-MC33163DWG Datasheet
248Kb / 16P
   3.4 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 5
More results

Similar Description - MC33163

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34166 ONSEMI-MC34166 Datasheet
403Kb / 20P
   POWER SWITCHING REGULATORS
January, 2002 ??Rev. 6
MC34167 ONSEMI-MC34167 Datasheet
408Kb / 16P
   POWER SWITCHING REGULATORS
1996 REV 3
logo
Shindengen Electric Mfg...
MA2430 SHINDENGEN-MA2430 Datasheet
448Kb / 7P
   Power Switching Regulators
MA1010 SHINDENGEN-MA1010 Datasheet
596Kb / 7P
   Power Switching Regulators
MA4810 SHINDENGEN-MA4810 Datasheet
489Kb / 9P
   Power Switching Regulators
MA1050 SHINDENGEN-MA1050 Datasheet
447Kb / 7P
   Power Switching Regulators
MA2420 SHINDENGEN-MA2420 Datasheet
449Kb / 7P
   Power Switching Regulators
MA2810 SHINDENGEN-MA2810 Datasheet
449Kb / 7P
   Power Switching Regulators
MA2820 SHINDENGEN-MA2820 Datasheet
449Kb / 7P
   Power Switching Regulators
MA2830 SHINDENGEN-MA2830 Datasheet
450Kb / 7P
   Power Switching Regulators
MA4520 SHINDENGEN-MA4520 Datasheet
483Kb / 9P
   Power Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com