Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UDN2916EB Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # UDN2916EB
Description  DUAL FULL-BRIDGE PWM MOTOR DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

UDN2916EB Datasheet(HTML) 3 Page - Allegro MicroSystems

  UDN2916EB Datasheet HTML 1Page - Allegro MicroSystems UDN2916EB Datasheet HTML 2Page - Allegro MicroSystems UDN2916EB Datasheet HTML 3Page - Allegro MicroSystems UDN2916EB Datasheet HTML 4Page - Allegro MicroSystems UDN2916EB Datasheet HTML 5Page - Allegro MicroSystems UDN2916EB Datasheet HTML 6Page - Allegro MicroSystems UDN2916EB Datasheet HTML 7Page - Allegro MicroSystems UDN2916EB Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2916
DUAL FULL-BRIDGE
MOTOR DRIVER
www.allegromicro.com
3
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Output Drivers (OUT
A or OUTB)
Motor Supply Range
V
BB
10
45
V
Output Leakage Current
I
CEX
V
OUT = VBB
< 1.0
50
µA
V
OUT = 0
<–1.0
–50
µA
Output Sustaining Voltage
V
CE(sus)
I
OUT = ±750 mA, L = 3.0 mH
45
V
Output Saturation Voltage
V
CE(SAT)
Sink Driver, I
OUT = +500 mA
0.4
0.6
V
Sink Driver, I
OUT = +750 mA
1.0
1.2
V
Source Driver, I
OUT = –500 mA
1.0
1.2
V
Source Driver, I
OUT = –750 mA
1.3
1.5
V
Clamp Diode Leakage Current
I
R
V
R = 45 V
< 1.0
50
µA
Clamp Diode Forward Voltage
V
F
I
F = 750 mA
1.6
2.0
V
Driver Supply Current
I
BB(ON)
Both Bridges ON, No Load
20
25
mA
I
BB(OFF)
Both Bridges OFF
5.0
10
mA
Control Logic
Input Voltage
V
IN(1)
All inputs
2.4
V
V
IN(0)
All inputs
0.8
V
Input Current
I
IN(1)
V
IN = 2.4 V
<1.0
20
µA
V
IN = 0.8 V
– 3.0
–200
µA
Reference Voltage Range
V
REF
Operating
1.5
7.5
V
Current Limit Threshold
V
REF/VSENSE
I
0 = I1 = 0.8 V
9.5
10
10.5
I
0 = 2.4 V, I1 = 0.8 V
13.5
15
16.5
I
0 = 0.8 V, I1 = 2.4 V
25.5
30
34.5
Thermal Shutdown Temperature
T
J
170
°C
Total Logic Supply Current
I
CC(ON)
I
0 = I1 = 0.8 V, No Load
40
50
mA
I
CC(OFF)
I
0 = I1 = 2.4 V, No Load
10
12
mA
Fixed Off-Time
t
off
R
T = 56 kΩ, CT = 820 pF
46
µs
ELECTRICAL CHARACTERISTICS at T
A = +25°C, TJ
≤≤≤≤ 150°C, V
BB = 45 V, VCC = 4.75 V to 5.25 V,
V
REF = 5.0 V (unless otherwise noted).
(at trip point)


Similar Part No. - UDN2916EB

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
UDN2916EB ALLEGRO-UDN2916EB Datasheet
1Mb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
UDN2916EB-T ALLEGRO-UDN2916EB-T Datasheet
1Mb / 10P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
UDN2916EBTR-T ALLEGRO-UDN2916EBTR-T Datasheet
1Mb / 10P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
More results

Similar Description - UDN2916EB

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3962 ALLEGRO-3962 Datasheet
86Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2919 ALLEGRO-2919_06 Datasheet
285Kb / 9P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2916 ALLEGRO-2916 Datasheet
1Mb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
L6219DS ALLEGRO-L6219DS Datasheet
182Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3966 ALLEGRO-A3966 Datasheet
299Kb / 8P
   Dual Full-Bridge PWM Motor Driver
A2919 ALLEGRO-A2919 Datasheet
336Kb / 8P
   Dual Full-Bridge PWM Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM2170 AMTEK-AM2170 Datasheet
211Kb / 10P
   Dual Full-Bridge PWM Motor Driver
OCT. 2008 V1.2
logo
Allegro MicroSystems
2918 ALLEGRO-2918 Datasheet
191Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
3961 ALLEGRO-3961 Datasheet
91Kb / 10P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3964 ALLEGRO-A3964 Datasheet
347Kb / 7P
   Dual Full-Bridge PWM Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com