Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3242 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A3242
Description  Chopper-Stabilized Unipolar Hall-Effect Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3242 Datasheet(HTML) 1 Page - Allegro MicroSystems

  A3242 Datasheet HTML 1Page - Allegro MicroSystems A3242 Datasheet HTML 2Page - Allegro MicroSystems A3242 Datasheet HTML 3Page - Allegro MicroSystems A3242 Datasheet HTML 4Page - Allegro MicroSystems A3242 Datasheet HTML 5Page - Allegro MicroSystems A3242 Datasheet HTML 6Page - Allegro MicroSystems A3242 Datasheet HTML 7Page - Allegro MicroSystems A3242 Datasheet HTML 8Page - Allegro MicroSystems A3242 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
A3241 and A3242
A3241-DS, Rev. 2
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, VCC ..........................................28 V
Reverse-Supply Voltage, VRCC ........................–18 V
Reverse-Supply Current, IRCC ........................–2 mA
Output Off Voltage, VOUT..................................28 V
Output Current, IOUTSINK........... Internally Limited
Magnetic Flux Density, B .........................Unlimited
Operating Temperature
Ambient, TA, Range E..................–40ºC to 85ºC
Ambient, TA, Range L................–40ºC to 150ºC
Maximum Junction, TJ(MAX)......................165ºC
Storage Temperature, TS ..................–65ºC to 170ºC
Chopper-Stabilized
Unipolar Hall-Effect Switches
Package LH, 3-pin Surface Mount
Features and Benefits
Package UA, 3-pin SIP
Chopper stabilization
Superior temperature stability
Extremely low switchpoint drift
Insensitive to physical stress
Reverse battery protection
Output short circuit protection
Solid state reliability
Small size
Robust EMC capability
High ESD ratings (HBM)
The A3241 and A3242 integrated circuits are unipolar Hall-effect switches with
digital outputs. These sensors are suited for operation over extended temperature
ranges, up to +150°C. Superior high-temperature performance is made pos-
sible through an Allegro® patented dynamic offset cancellation, which reduces
the residual offset voltage normally caused by device overmolding, temperature
excursions, and thermal stress.
The A3241 and A3242 Hall-effect switches include the following on a single
silicon chip: voltage regulator, Hall-voltage generator, small-signal amplifier,
chopper stabilization, Schmitt trigger, and a short circuit protected open-drain
output. Advanced BiCMOS wafer fabrication processing is used to take advantage
of low-voltage requirements, component matching, very low input-offset errors,
and small component geometries.
The integrated voltage regulator permits operation from 3.6 to 24 V. The unipolar
family members operate with a sufficient south polarity field only, turning off in
the absence of such a south polarity field.
The A3241 and A3242 are rated for operation between the ambient temperatures
–40°C and 85°C for the E temperature range, and –40°C to 150°C for the L tem-
perature range. The small geometries of the BiCMOS process allow these devices
to be provided in ultrasmall packages. The package styles available provide mag-
netically optimized solutions for most applications. Package LH is an SOT23W,
a miniature low-profile surface-mount package, while package UA is a three-lead
ultramini SIP for through-hole mounting. Each package is available in a lead (Pb)
free version, with 100% matte tin plated leadframes.
1
3
2
1
2
3
1
2
3
1 2
3


Similar Part No. - A3242

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3240 ALLEGRO-A3240 Datasheet
204Kb / 10P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT SWITCH
A3240 ALLEGRO-A3240 Datasheet
440Kb / 11P
   Chopper-Stabilized, Precision Hall-Effect Switch
A3240ELH ALLEGRO-A3240ELH Datasheet
204Kb / 10P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT SWITCH
A3240ELHLT-T ALLEGRO-A3240ELHLT-T Datasheet
297Kb / 11P
   CHOPPER-STABILIZED, PRECISION HALL-EF FECT SWITCH
A3240ELT ALLEGRO-A3240ELT Datasheet
204Kb / 10P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT SWITCH
More results

Similar Description - A3242

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3250 ALLEGRO-A3250 Datasheet
418Kb / 15P
   Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
A3250LLT ALLEGRO-A3250LLT Datasheet
305Kb / 16P
   Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
A3250LLTTR ALLEGRO-A3250LLTTR Datasheet
305Kb / 16P
   Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
A3250 ALLEGRO-A3250_06 Datasheet
354Kb / 15P
   Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
A1140 ALLEGRO-A1140_06 Datasheet
344Kb / 13P
   Sensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1145 ALLEGRO-A1145_06 Datasheet
328Kb / 12P
   Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1145 ALLEGRO-A1145 Datasheet
319Kb / 13P
   Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1140 ALLEGRO-A1140 Datasheet
393Kb / 11P
   Sensitive Two-Wire Chopper-Stabilized Unipolar Hall-Effect Switches
A3245 ALLEGRO-A3245 Datasheet
392Kb / 12P
   Chopper-Stabilized Omnipolar Hall-Effect Switches
A1120 ALLEGRO-A1120 Datasheet
237Kb / 9P
   Chopper Stabilized Precision Hall Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com