Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33161 Datasheet(PDF) 10 Page - ON Semiconductor

Part # MC33161
Description  Universal Voltage Monitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33161 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MC33161 Datasheet HTML 6Page - ON Semiconductor MC33161 Datasheet HTML 7Page - ON Semiconductor MC33161 Datasheet HTML 8Page - ON Semiconductor MC33161 Datasheet HTML 9Page - ON Semiconductor MC33161 Datasheet HTML 10Page - ON Semiconductor MC33161 Datasheet HTML 11Page - ON Semiconductor MC33161 Datasheet HTML 12Page - ON Semiconductor MC33161 Datasheet HTML 13Page - ON Semiconductor MC33161 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MC34161, MC33161
http://onsemi.com
10
The above figure shows the MC34161 configured as a positive and negative overvoltage detector. As the input voltage increases from ground, the LED will turn
‘ON’ when either –VS1 exceeds V2, or VS2 exceeds V4. With the dashed line output connection, the circuit becomes a positive and negative undervoltage detector.
As the input voltage decreases from the peak towards ground, the LED will turn ‘ON’ when either VS2 falls below V3, or –VS1 falls below V1.
For known resistor values, the voltage trip points are:
For a specific trip voltage, the required resistor ratio is:
Figure 21. Positive and Negative Overvoltage Detector
V
1 +
R
3
R
4
(V
th1 * Vref) ) Vth1
V
2 +
R
3
R
4
(V
th1 * VH1 * Vref) ) Vth1 * VH1
V
3 + (Vth2 * VH2)
R
2
R
1
) 1
V
4 + Vth2
R
2
R
1
) 1
R
3
R
4
+
(V
1 * Vth1)
(V
th1 * Vref)
R
3
R
4
+
(V
2 * Vth1 ) VH1)
(V
th1 * VH1 * Vref)
R
2
R
1
+
V
4
V
th2
* 1
R
2
R
1
+
V
3
V
th2 * VH2
* 1
+
1.27V
+
1.27V
+
2.8V
+
0.6V
+
2.54V
Reference
+
+
+
4
1
7
2
3
5
6
R4
R3
–VS1
VS2
R1
R2
8
VCC
Output
Voltage
Pins 5, 6
Gnd
LED ‘ON’
VHys2
VHys1
VCC
Gnd
Input –VS1
V4
V3
V1
V2
Input VS2
The above figure shows the MC34161 configured as a positive and negative undervoltage detector. As the input voltage decreases toward ground, the LED will
turn ‘ON’ when either VS1 falls below V1, or –VS2 falls below V3. With the dashed line output connection, the circuit becomes a positive and negative overvoltage
detector. As the input voltage increases from the ground, the LED will turn ‘ON’ when either VS1 exceeds V2, or –VS1 exceeds V1.
For known resistor values, the voltage trip points are:
For a specific trip voltage, the required resistor ratio is:
Figure 22. Positive and Negative Undervoltage Detector
V
1 + (Vth1 * VH1)
R
4
R
3
) 1
V
2 + Vth1
R
4
R
3
) 1
V
3 +
R
1
R
2
(V
th * Vref) ) Vth2
V
4 +
R
1
R
2
(V
th * VH2 * Vref) ) Vth2 * VH2
R
4
R
3
+
V
2
V
th1
* 1
R
4
R
3
+
V
1
V
th1 * VH1
* 1
R
1
R
2
+
V
4 ) VH2 * Vth2
V
th2 * VH2 * Vref
R
1
R
2
+
V
3 * Vth2
V
th2 * Vref
+
1.27V
+
1.27V
+
2.8V
+
0.6V
+
+
+
+
4
1
7
2
3
5
6
2.54V
Reference
8
VCC
R3
VS1
R4
R1
R2
–VS2
V2
V1
V3
V4
Gnd
VCC
Gnd
Output
Voltage
Pins 5, 6
Input –VS2
Input VS1
LED ‘ON’
VHys2
VHys1


Similar Part No. - MC33161

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33161 ONSEMI-MC33161 Datasheet
216Kb / 18P
   Universal Voltage Monitors
June, 2006 ??Rev. 9
MC33161 ONSEMI-MC33161 Datasheet
216Kb / 2P
   Low cap. diode array for 2 Line High Speed USB protection devic
Rev.1, Nov-2006
MC33161 ONSEMI-MC33161 Datasheet
227Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
MC33161 ONSEMI-MC33161 Datasheet
227Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
MC33161 ONSEMI-MC33161 Datasheet
227Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
More results

Similar Description - MC33161

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
S2067TB ONSEMI-S2067TB Datasheet
227Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
MC34161 ONSEMI-MC34161_15 Datasheet
190Kb / 18P
   Universal Voltage Monitors
November, 2015 ??Rev. 13
S10122PBIB ONSEMI-S10122PBIB Datasheet
227Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
S1220PBID ONSEMI-S1220PBID Datasheet
227Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
MC34161 ONSEMI-MC34161_06 Datasheet
216Kb / 18P
   Universal Voltage Monitors
June, 2006 ??Rev. 9
NCV33161DR2G ONSEMI-NCV33161DR2G Datasheet
211Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
logo
Maxim Integrated Produc...
MAX8213 MAXIM-MAX8213 Datasheet
606Kb / 16P
   Five Universal Voltage Monitors - Complete Microprocessor Voltage Monitoring
Rev 1; 7/93
MAX836 MAXIM-MAX836_08 Datasheet
106Kb / 7P
   4-Pin Micropower Voltage Monitors
19-1137; Rev 3; 5/08
MAX836 MAXIM-MAX836 Datasheet
61Kb / 6P
   4-Pin Micropower Voltage Monitors
Rev 0; 9/96
logo
Intersil Corporation
X9522 INTERSIL-X9522_06 Datasheet
375Kb / 27P
   Triple DCP, Dual Voltage Monitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com