Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UGN3503U Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # UGN3503U
Description  RATIOMETRIC, LINEAR HALL-EFFECT SENSORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

UGN3503U Datasheet(HTML) 4 Page - Allegro MicroSystems

  UGN3503U Datasheet HTML 1Page - Allegro MicroSystems UGN3503U Datasheet HTML 2Page - Allegro MicroSystems UGN3503U Datasheet HTML 3Page - Allegro MicroSystems UGN3503U Datasheet HTML 4Page - Allegro MicroSystems UGN3503U Datasheet HTML 5Page - Allegro MicroSystems UGN3503U Datasheet HTML 6Page - Allegro MicroSystems UGN3503U Datasheet HTML 7Page - Allegro MicroSystems UGN3503U Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3503
RATIOMETRIC,
LINEAR
HALL-EFFECT SENSORS
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
GEAR TOOTH SENSOR
CURRENT MONITOR
OPERATION
The output null voltage (B = 0 G) is nominally one-half the supply
voltage. A south magnetic pole, presented to the branded face of the Hall-
effect sensor will drive the output higher than the null voltage level. A north
magnetic pole will drive the output below the null level.
In operation, instantaneous and proportional output-voltage levels are
dependent on magnetic flux density at the most sensitive area of the device.
Greatest sensitivity is obtained with a supply voltage of 6 V, but at the cost of
increased supply current and a slight loss of output symmetry. The sensor's
output is usually capacitively coupled to an amplifier that boosts the output
above the millivolt level.
In two applications shown, a permanent bias magnet is attached with
epoxy glue to the back of the epoxy package. The presence of ferrous material
at the face of the package acts as a flux concentrator.
The south pole of a magnet is attached to the back of the package if the
Hall-effect IC is to sense the presence of ferrous material. The north pole of a
magnet is attached to the back surface if the integrated circuit is to sense the
absence of ferrous matrial.
Calibrated linear Hall devices, which can be used to determine the actual
flux density presented to the sensor in a particular application, are available.
SUFFIX “LT”
SUFFIX “UA”
Dwg. A-12,513
Dwg. A-12,512
N
3
1
2
NOTCH SENSOR
Dwg. A-12,574
SENSOR LOCATIONS
SUFFIX “U”
A
1
3
Dwg. MH-002-5D
0.0165"
0.42 mm
NOM
0.072"
1.83 mm
BRANDED
SURFACE
ACTIVE AREA DEPTH
2
0.093"
2.37 mm
0.042"
1.08 mm
1
3
2
Dwg. MH-008-9A
0.0305"
0.775 mm
NOM
ACTIVE AREA DEPTH
0.091"
2.32 mm
A
1
3
Dwg. MH-011-3D
0.0195"
0.50 mm
NOM
BRANDED
SURFACE
ACTIVE AREA DEPTH
2
0.056"
1.43 mm
A
0.084"
2.13 mm


Similar Part No. - UGN3503U

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
UGN3503U ALLEGRO-UGN3503U Datasheet
183Kb / 8P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS
UGN3503UA ALLEGRO-UGN3503UA Datasheet
183Kb / 8P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS
More results

Similar Description - UGN3503U

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3503 ALLEGRO-3503 Datasheet
183Kb / 8P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS
A1301 ALLEGRO-A1301 Datasheet
293Kb / 8P
   Continuous-Time Ratiometric Linear Hall Effect Sensors
A1301 ALLEGRO-A1301_06 Datasheet
267Kb / 8P
   Continuous-Time Ratiometric Linear Hall Effect Sensors
logo
OPTEK Technologies
OHN3150U OPTEK-OHN3150U Datasheet
517Kb / 4P
   Ratiometric Linear Hall-effect Sensor
OMH3150 OPTEK-OMH3150_14 Datasheet
109Kb / 4P
   Ratiometric Linear Hall-effect Sensor
logo
TT Electronics.
OMH3150 TTELEC-OMH3150 Datasheet
530Kb / 4P
   Ratiometric Linear Hall-Effect Sensor
OHS3150U TTELEC-OHS3150U Datasheet
195Kb / 4P
   Ratiometric Linear Hall-Effect Sensor
logo
Texas Instruments
DRV5055 TI1-DRV5055 Datasheet
1Mb / 30P
[Old version datasheet]   Ratiometric Linear Hall Effect Sensor
logo
Allegro MicroSystems
3517 ALLEGRO-3517 Datasheet
305Kb / 13P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
December 31, 2005
A3515 ALLEGRO-A3515 Datasheet
811Kb / 11P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com