Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3241LUA-T Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A3241LUA-T
Description  Chopper-Stabilized Unipolar Hall-Effect Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3241LUA-T Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button A3241LUA-T Datasheet HTML 4Page - Allegro MicroSystems A3241LUA-T Datasheet HTML 5Page - Allegro MicroSystems A3241LUA-T Datasheet HTML 6Page - Allegro MicroSystems A3241LUA-T Datasheet HTML 7Page - Allegro MicroSystems A3241LUA-T Datasheet HTML 8Page - Allegro MicroSystems A3241LUA-T Datasheet HTML 9Page - Allegro MicroSystems A3241LUA-T Datasheet HTML 10Page - Allegro MicroSystems A3241LUA-T Datasheet HTML 11Page - Allegro MicroSystems A3241LUA-T Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
A3241-DS, Rev. 2
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Chopper-Stabilized Unipolar Hall Effect Switches
A3241 and A3242
Functional Description
BHYS
VCC
VOUT(SAT)
B+
B–
V+
0
0
VCC
VS
Sensor Output
GND
VOUT
RLOAD
A324x
0.1 μF
CBYP
Operation
The output of these devices switches low (turns on) when a
magnetic field (south polarity) perpendicular to the Hall sen-
sor exceeds the operate point threshold, BOP. After turn-on, the
output voltage is VOUT(SAT). The output transistor is capable of
sinking current up to the short circuit current limit, IOM, which
is a minimum of 30 mA. When the magnetic field is reduced
below the release point, BRP, the device output goes high (turns
off). The difference in the magnetic operate and release points is
the hysteresis, Bhys, of the device. This built-in hysteresis allows
clean switching of the output even in the presence of external
mechanical vibration and electrical noise.
Powering-on the device in the hysteresis region, less than BOP
and higher than BRP, allows an indeterminate output state. The
correct state is attained after the first excursion beyond BOP or
BRP.
Applications
It is strongly recommended that an external bypass capacitor be
connected (in close proximity to the Hall sensor) between the
supply and ground of the device to reduce both external noise
and noise generated by the chopper stabilization technique. As is
shown in Panel B of figure 1, a 0.1μF capacitor is typical.
Extensive applications information on magnets and Hall-effect
sensors is available in:
• Hall-Effect IC Applications Guide, AN27701,
• Hall-Effect Devices: Gluing, Potting, Encapsulating, Lead
Welding and Lead Forming, AN27703.1
• Soldering Methods for Allegro’s Products – SMT and Through-
Hole, AN26009
All are provided in Allegro Electronic Data Book, AMS-702 and
the Allegro Web site: www.allegromicro.com
Figure 1: Switching Behavior of Unipolar Switches.
In Panel A, on the horizontal axis, the B+ direction indicates increasing south polarity
magnetic field strength, and the B– direction indicates decreasing south polarity field strength (including the case of increasing north
polarity). This behavior can be exhibited when using a circuit such as that shown in panel B.
(A)
(B)


Similar Part No. - A3241LUA-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3240 ALLEGRO-A3240 Datasheet
204Kb / 10P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT SWITCH
A3240 ALLEGRO-A3240 Datasheet
440Kb / 11P
   Chopper-Stabilized, Precision Hall-Effect Switch
A3240ELH ALLEGRO-A3240ELH Datasheet
204Kb / 10P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT SWITCH
A3240ELHLT-T ALLEGRO-A3240ELHLT-T Datasheet
297Kb / 11P
   CHOPPER-STABILIZED, PRECISION HALL-EF FECT SWITCH
A3240ELT ALLEGRO-A3240ELT Datasheet
204Kb / 10P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT SWITCH
More results

Similar Description - A3241LUA-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3250 ALLEGRO-A3250 Datasheet
418Kb / 15P
   Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
A3250LLT ALLEGRO-A3250LLT Datasheet
305Kb / 16P
   Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
A3250LLTTR ALLEGRO-A3250LLTTR Datasheet
305Kb / 16P
   Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
A3250 ALLEGRO-A3250_06 Datasheet
354Kb / 15P
   Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
A1140 ALLEGRO-A1140_06 Datasheet
344Kb / 13P
   Sensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1145 ALLEGRO-A1145_06 Datasheet
328Kb / 12P
   Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1145 ALLEGRO-A1145 Datasheet
319Kb / 13P
   Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1140 ALLEGRO-A1140 Datasheet
393Kb / 11P
   Sensitive Two-Wire Chopper-Stabilized Unipolar Hall-Effect Switches
A3245 ALLEGRO-A3245 Datasheet
392Kb / 12P
   Chopper-Stabilized Omnipolar Hall-Effect Switches
A1120 ALLEGRO-A1120 Datasheet
237Kb / 9P
   Chopper Stabilized Precision Hall Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com