Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCN5832EP Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # UCN5832EP
Description  BiMOS II 32-BIT SERIAL-INPUT, LATCHED DRIVERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

UCN5832EP Datasheet(HTML) 5 Page - Allegro MicroSystems

  UCN5832EP Datasheet HTML 1Page - Allegro MicroSystems UCN5832EP Datasheet HTML 2Page - Allegro MicroSystems UCN5832EP Datasheet HTML 3Page - Allegro MicroSystems UCN5832EP Datasheet HTML 4Page - Allegro MicroSystems UCN5832EP Datasheet HTML 5Page - Allegro MicroSystems UCN5832EP Datasheet HTML 6Page - Allegro MicroSystems UCN5832EP Datasheet HTML 7Page - Allegro MicroSystems UCN5832EP Datasheet HTML 8Page - Allegro MicroSystems UCN5832EP Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5832
BiMOS II 32-BIT
SERIAL-INPUT,
LATCHED DRIVERS
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Serial Data present at the input is trans-
ferred to the shift register on the logic “0” to
logic “1” transition of the CLOCK input pulse.
On succeeding CLOCK pulses, the registers
shift data information towards the SERIAL
DATA OUTPUT. The SERIAL DATA must
appear at the input prior to the rising edge of
the CLOCK input waveform.
Information present at any register is
transferred to its respective latch when the
STROBE is high (serial-to-parallel conver-
sion). The latches will continue to accept
new data as long as the STROBE is held
high. Applications where the latches are
bypassed (STROBE tied high) will require
that the OUTPUT ENABLE input be low
during serial data entry.
When the OUTPUT ENABLE input is low,
all of the output buffers are disabled (OFF)
without affecting the information stored in the
latches or shift register. With the OUTPUT
ENABLE input high, the outputs are con-
trolled by the state of the latches.
E
F
CLOCK
DATA IN
STROBE
N
A
D
B
C
G
OUTPUT
ENABLE
OUT
Dwg. No. A-12,276A
TRUTH TABLE
Serial
Shift Register Contents
Serial
Latch Contents
Output
Output Contents
Data
Clock
Data
Strobe
Enable
Input
Input I1
I2
I3
...
IN-1 IN
Output
Input
I1
I2
I3
...
IN-1 IN
Input
I1 I2 I3 ... IN-1 IN
HH
R1 R2 ...
RN-2 RN-1
RN-1
LL
R1 R2 ...
RN-2 RN-1
RN-1
XR1 R2 R3 ...
RN-1 RN
RN
XXX...
X
X
X
L
R1 R2 R3 ...
RN-1 RN
P1 P2 P3 ...
PN-1 PN
PN
HP1 P2 P3 ...
PN-1 PN
HP1 P2 P3 ... PN-1 PN
X
X
X
...
X
X
L
H
H
H
... H
H
L = Low Logic Level
H = High Logic Level
X = Irrelevant
P = Present State
R = Previous State
TIMING CONDITIONS
(VDD = 5.0 V, Logic Levels are VDD and Ground)
A. Minimum Data Active Time Before Clock Pulse
(Data Set-Up Time) .......................................................................... 75 ns
B. Minimum Data Active Time After Clock Pulse
(Data Hold Time) ............................................................................. 75 ns
C. Minimum Data Pulse Width ................................................................ 150 ns
D. Minimum Clock Pulse Width ............................................................... 150 ns
E. Minimum Time Between Clock Activation and Strobe ....................... 300 ns
F. Minimum Strobe Pulse Width ............................................................. 100 ns
G. Typical Time Between Strobe Activation and
Output Transition ........................................................................... 500 ns


Similar Part No. - UCN5832EP

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
UCN5832EP ALLEGRO-UCN5832EP Datasheet
78Kb / 8P
   BiMOS II 32-BIT SERIAL-INPUT, LATCHED DRIVERS
More results

Similar Description - UCN5832EP

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
5832 ALLEGRO-5832 Datasheet
78Kb / 8P
   BiMOS II 32-BIT SERIAL-INPUT, LATCHED DRIVERS
5841 ALLEGRO-5841 Datasheet
174Kb / 8P
   BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
A5821 ALLEGRO-A5821 Datasheet
246Kb / 8P
   BiMOS II 8-Bit Serial Input Latched Drivers
October 28, 2005
5821 ALLEGRO-5821 Datasheet
105Kb / 7P
   BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
5821AND ALLEGRO-5821AND Datasheet
143Kb / 8P
   BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
5833 ALLEGRO-5833 Datasheet
153Kb / 8P
   BiMOS II 32-BIT SERIAL-INPUT, LATCHED DRIVER
A5833 ALLEGRO-A5833 Datasheet
296Kb / 9P
   BiMOS II 32-Bit Serial Input Latched Driver
October 28, 2005
5895 ALLEGRO-5895 Datasheet
93Kb / 8P
   BiMOS II 8-BIT SERIAL INPUT, LATCHED SOURCE DRIVERS
5890 ALLEGRO-5890 Datasheet
150Kb / 8P
   BIMOS II 8-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
5811 ALLEGRO-5811 Datasheet
156Kb / 8P
   BiMOS II 12-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com