Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6801 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A6801
Description  DABiC-5 Latched Sink Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6801 Datasheet(HTML) 4 Page - Allegro MicroSystems

  A6801 Datasheet HTML 1Page - Allegro MicroSystems A6801 Datasheet HTML 2Page - Allegro MicroSystems A6801 Datasheet HTML 3Page - Allegro MicroSystems A6801 Datasheet HTML 4Page - Allegro MicroSystems A6801 Datasheet HTML 5Page - Allegro MicroSystems A6801 Datasheet HTML 6Page - Allegro MicroSystems A6801 Datasheet HTML 7Page - Allegro MicroSystems A6801 Datasheet HTML 8Page - Allegro MicroSystems A6801 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
A6800/A6801
DABiC-5 Latched Sink Drivers
Timing Requirements and Specifications
(Logic Levels are VDD and Ground)
NOTE: Information present at an input is transferred
to its latch when the STROBE is high. A high CLEAR
input will set all latches to the output off condition
regardless of the data or STROBE input levels. A high
Key
Description
Time (ns)
A
Minimum data active time before Strobe enabled (Data Set-Up Time)
25
B
Minimum data active time after Strobe disabled (Data Hold Time)
25
C
Minimum Strobe pulse width
50
D
Maximum time between Strobe activation and transition from output on to output off*
500
E
Minimum time between Strobe activation and transition from output off to output on*
500
F
Maximum time between Output Enable activation and transition from output on to output off*
500
G
Minimum time between Output Enable activation and transition from output off to output on*
500
H
Minimum Clear pulse width
50
I
Minimum data pulse width
100
CLEAR
STROBE
OUTPUT
ENABLE
INN
OUTN
A
C
BC
B
G
D
E
H
A
C
B
I
E
G
F
*Conditions for output transition testing are: VDD = 50 V, VCC = 5 V, R1 = 500 Ω, C1 ≤ 30 pF.
OUTPUT ENABLE will set all outputs to the off con-
tdition, regardless of any other input conditions. When
the OUTPUT ENABLE is low, the outputs depend on
the state of their respective latches.


Similar Part No. - A6801

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6801 ALLEGRO-A6801 Datasheet
259Kb / 11P
   DABiC-5 Latched Sink Drivers
A6801 ALLEGRO-A6801 Datasheet
259Kb / 11P
   DABiC-5 Latched Sink Drivers
logo
Pulse A Technitrol Comp...
A6801 PULSE-A6801 Datasheet
53Kb / 2P
   GIGABIT DUAL TRANSFORMERS
A6801 PULSE-A6801 Datasheet
81Kb / 2P
   BROADBAND: RF & WIRELESS
logo
Vishay Siliconix
A68015C0GL5 VISHAY-A68015C0GL5 Datasheet
104Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 20-Aug-13
More results

Similar Description - A6801

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6801 ALLEGRO-A6801_09 Datasheet
265Kb / 11P
   DABiC-5 Latched Sink Drivers
A6801SLWTR-T ALLEGRO-A6801SLWTR-T Datasheet
259Kb / 11P
   DABiC-5 Latched Sink Drivers
A6800SLTR-T ALLEGRO-A6800SLTR-T Datasheet
259Kb / 11P
   DABiC-5 Latched Sink Drivers
A6833 ALLEGRO-A6833 Datasheet
174Kb / 7P
   DABiC-5 32-Bit Serial Input Latched Sink Drivers
A6821 ALLEGRO-A6821 Datasheet
220Kb / 9P
   DABiC-5 8-Bit Serial Input Latched Sink Drivers
A6832 ALLEGRO-A6832 Datasheet
170Kb / 7P
   DABiC-5 32-Bit Serial Input Latched Sink Drivers
A6832SEPTR-T ALLEGRO-A6832SEPTR-T Datasheet
211Kb / 7P
   DABiC-5 32-Bit Serial Input Latched Sink Drivers
A6841 ALLEGRO-A6841 Datasheet
248Kb / 10P
   DABiC-5 8-Bit Serial Input Latched Sink Drivers
6809 ALLEGRO-6809 Datasheet
150Kb / 8P
   DABiC-IV, 10-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
A6810 ALLEGRO-A6810 Datasheet
115Kb / 8P
   DABiC-IV, 10-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com