Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HZS-L Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HZS-L
Description  Silicon Epitaxial Planar Zener Diode for Low Noise Application
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HZS-L Datasheet(HTML) 2 Page - Renesas Technology Corp

  HZS-L Datasheet HTML 1Page - Renesas Technology Corp HZS-L Datasheet HTML 2Page - Renesas Technology Corp HZS-L Datasheet HTML 3Page - Renesas Technology Corp HZS-L Datasheet HTML 4Page - Renesas Technology Corp HZS-L Datasheet HTML 5Page - Renesas Technology Corp HZS-L Datasheet HTML 6Page - Renesas Technology Corp HZS-L Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HZS-L Series
Rev.2.00, Jan.06.2003, page 2 of 6
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Value
Unit
Power dissipation
Pd
400
mW
Junction temperature
Tj
200
°C
Storage temperature
Tstg
–55 to +175
°C
Electrical Characteristics
(Ta = 25°C)
Zener Voltage
Reverse Current
Dynamic Resistance
VZ (V)*
1
Test
Condition
IR (µA)
Test
Condition
rd (Ω)
Test
Condition
Type
Grade
Min
Max
IZ (mA)
Max
VR (V)
Max
IZ (mA)
HZS6L
A1
5.2
5.5
0.5
1
2.0
150
0.5
A2
5.3
5.6
A3
5.4
5.7
B1
5.5
5.8
80
0.5
B2
5.6
5.9
B3
5.7
6.0
C1
5.8
6.1
60
0.5
C2
6.0
6.3
C3
6.1
6.4
HZS7L
A1
6.3
6.6
0.5
1
3.5
60
0.5
A2
6.4
6.7
A3
6.6
6.9
B1
6.7
7.0
B2
6.9
7.2
B3
7.0
7.3
C1
7.2
7.6
C2
7.3
7.7
C3
7.5
7.9
Note:
1. Tested with DC.


Similar Part No. - HZS-L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZS-LL RENESAS-HZS-LL Datasheet
67Kb / 5P
   Silicon Epitaxial Planar Zener Diode for Hard Knee Low Noise
Rev.2.00 Jan.06.2004
More results

Similar Description - HZS-L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZ12C3L RENESAS-HZ12C3L Datasheet
52Kb / 6P
   Silicon Epitaxial Planar Zener Diode for Low Noise Application
Rev.2.00 Mar.11.2004
HZU-L RENESAS-HZU-L Datasheet
77Kb / 6P
   Silicon Planar Zener Diode for Low Noise Application
HZS-LL RENESAS-HZS-LL Datasheet
67Kb / 5P
   Silicon Epitaxial Planar Zener Diode for Hard Knee Low Noise
Rev.2.00 Jan.06.2004
HZU3ALLTRF-E RENESAS-HZU3ALLTRF-E Datasheet
183Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Hard Knee Low Noise
HZU-LL RENESAS-HZU-LL Datasheet
87Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Hard Knee Low Noise
HZ-LL RENESAS-HZ-LL Datasheet
49Kb / 5P
   Silicon Epitaxial Planar Zener Diode for Hard Knee Low Noise
logo
Hitachi Semiconductor
HZ-LL HITACHI-HZ-LL Datasheet
20Kb / 4P
   Silicon Epitaxial Planar Zener Diode for Hard Knee Low Noise
logo
Renesas Technology Corp
HZK-LL RENESAS-HZK-LL Datasheet
46Kb / 6P
   Silicon Epitaxial Planar Zener Diodes for Hard Knee Low Noise
HZM15NB2TL-E RENESAS-HZM15NB2TL-E Datasheet
220Kb / 10P
   Silicon Epitaxial Planar Zener Diode for Stabilizer
HZM-N RENESAS-HZM-N_11 Datasheet
92Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilizer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com