Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6832 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A6832
Description  DABiC-5 32-Bit Serial Input Latched Sink Drivers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6832 Datasheet(HTML) 3 Page - Allegro MicroSystems

  A6832 Datasheet HTML 1Page - Allegro MicroSystems A6832 Datasheet HTML 2Page - Allegro MicroSystems A6832 Datasheet HTML 3Page - Allegro MicroSystems A6832 Datasheet HTML 4Page - Allegro MicroSystems A6832 Datasheet HTML 5Page - Allegro MicroSystems A6832 Datasheet HTML 6Page - Allegro MicroSystems A6832 Datasheet HTML 7Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
A6832
DABiC-5 32-Bit Serial-Input Latched Sink Drivers
ELECTRICAL CHARACTERISTICS1 Unless otherwise noted: TA = 25°C, logic supply operating voltage Vdd= 3.0 V to 5.5 V
Characteristic
Symbol
Test Conditions
Vdd = 3.3 V
Vdd = 5 V
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Output Leakage Current
ICEX
VOUT = 40 V
10
10
μA
Collector–Emitter
Saturation Voltage
VCE(SAT)
IOUT = 50 mA
275
275
mV
IOUT = 100 mA
550
550
mV
Input Voltage
VIN(1)
2.2
3.3
V
VIN(0)
1.1
1.7
V
Input Current
IIN(1)
VIN = VDD
< 0.01
1.0
< 0.01
1.0
μA
IIN(0)
VIN = 0 V
< –0.01
–1.0
< –0.01
–1.0
μA
Serial Data Output Voltage
VOUT(1)
IOUT = –200 μA
2.8
3.05
4.5
4.75
V
VOUT(0)
IOUT = 200 μA
0.15
0.3
0.15
0.3
V
Maximum Clock Fre-
quency2
fc
10
10
MHz
Logic Supply Current
IDD(1)
One output on, IOUT = 100 mA
6.0
6.0
mA
IDD(0)
All outputs off
100
100
μA
Output Enable-to-Output
Delay
tdis(BQ)
VCC = 50V, R1 = 500 Ω, C1≤30pF
1.0
1.0
μs
ten(BQ)
VCC = 50V, R1 = 500 Ω, C1≤30pF
1.0
1.0
μs
Strobe-to-Output Delay
tp(STH-QL)
VCC = 50V, R1 = 500 Ω, C1≤30pF
1.0
1.0
μs
tp(STH-QH)
VCC = 50V, R1 = 500 Ω, C1≤30pF
1.0
1.0
μs
Output Fall Time
tf
VCC = 50V, R1 = 500 Ω, C1≤30pF
1.0
1.0
μs
Output Rise Time
tr
VCC = 50V, R1 = 500 Ω, C1≤30pF
1.0
1.0
μs
Clock-to-Serial Data Out Delay
tp(CH-SQX)
IOUT = ±200 μA
50
50
ns
1Positive (negative) current is defined as conventional current going into (coming out of) the specified device pin.
2Operation at a clock frequency greater than the specified minimum value is possible but not warranteed.
L = Low Logic Level
H = High Logic Level
X = Irrelevant
P = Present State
R = Previous State
Serial
Shift Register Contents
Serial
Latch Contents
Output
Output Contents
Data
Clock
Data
Strobe
Enable
Input
Input I1
I2
I3
...
IN-1 IN
Output
Input
I1
I2
I3
...
IN-1 IN
Input
I1 I2 I3 ... IN-1 IN
HH
R1 R2 ...
RN-2 RN-1
RN-1
LL
R1 R2 ...
RN-2 RN-1
RN-1
XR1 R2 R3 ...
RN-1 RN
RN
XXX...
X
X
X
L
R1 R2 R3 ...
RN-1 RN
P1 P2 P3 ...
PN-1 PN
PN
HP1 P2 P3 ...
PN-1 PN
HP1 P2 P3 ... PN-1 PN
X
X
X
...
X
X
L
H
H
H
... H
H
Truth Table


Similar Part No. - A6832

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6832 ALLEGRO-A6832 Datasheet
211Kb / 7P
   DABiC-5 32-Bit Serial Input Latched Sink Drivers
A6832EEPTR-T ALLEGRO-A6832EEPTR-T Datasheet
211Kb / 7P
   DABiC-5 32-Bit Serial Input Latched Sink Drivers
A6832SEPTR-T ALLEGRO-A6832SEPTR-T Datasheet
211Kb / 7P
   DABiC-5 32-Bit Serial Input Latched Sink Drivers
More results

Similar Description - A6832

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6833 ALLEGRO-A6833 Datasheet
174Kb / 7P
   DABiC-5 32-Bit Serial Input Latched Sink Drivers
A6832SEPTR-T ALLEGRO-A6832SEPTR-T Datasheet
211Kb / 7P
   DABiC-5 32-Bit Serial Input Latched Sink Drivers
A6821 ALLEGRO-A6821 Datasheet
220Kb / 9P
   DABiC-5 8-Bit Serial Input Latched Sink Drivers
A6841 ALLEGRO-A6841 Datasheet
248Kb / 10P
   DABiC-5 8-Bit Serial Input Latched Sink Drivers
A6801 ALLEGRO-A6801_09 Datasheet
265Kb / 11P
   DABiC-5 Latched Sink Drivers
A6801SLWTR-T ALLEGRO-A6801SLWTR-T Datasheet
259Kb / 11P
   DABiC-5 Latched Sink Drivers
A6800SLTR-T ALLEGRO-A6800SLTR-T Datasheet
259Kb / 11P
   DABiC-5 Latched Sink Drivers
A6800 ALLEGRO-A6800 Datasheet
436Kb / 12P
   DABiC-5 Latched Sink Drivers
6809 ALLEGRO-6809 Datasheet
150Kb / 8P
   DABiC-IV, 10-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
6818 ALLEGRO-6818 Datasheet
142Kb / 7P
   DABiC-IV, 32-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com