Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT82V2082 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT82V2082
Description  DUAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT82V2082 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT82V2082 Datasheet HTML 6Page - Integrated Device Technology IDT82V2082 Datasheet HTML 7Page - Integrated Device Technology IDT82V2082 Datasheet HTML 8Page - Integrated Device Technology IDT82V2082 Datasheet HTML 9Page - Integrated Device Technology IDT82V2082 Datasheet HTML 10Page - Integrated Device Technology IDT82V2082 Datasheet HTML 11Page - Integrated Device Technology IDT82V2082 Datasheet HTML 12Page - Integrated Device Technology IDT82V2082 Datasheet HTML 13Page - Integrated Device Technology IDT82V2082 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 79 page
background image
10
INDUSTRIAL
TEMPERATURE RANGES
DUAL CHANNEL T1/E1/J1 LONG HAUL/SHORT HAUL LINE INTERFACE UNIT
RD1/RDP1
RD2/RDP2
CV1/RDN1
CV2/RDN2
O34
26
33
27
RDn: Receive Data output for Channel 1~2
In single rail mode, this pin outputs NRZ data. The data is decoded according to AMI, HDB3 or B8ZS line code rules.
CVn: Code Violation indication
In single rail mode, the BPV/CV errors in received data stream will be reported by driving the CVn pin to high level for a full
clock cycle. B8ZS/HDB3 line code violation can be indicated if the B8ZS/HDB3 decoder is enabled. When AMI decoder is
selected, bipolar violation will be indicated.
In hardware control mode, the EXZ, BPV/CV errors in received data stream are always monitored by the CVn pin if single rail
mode is chosen.
RDPn/RDNn: Positive/Negative Receive Data output for Channel 1~2
In dual rail mode, these pins output the re-timed NRZ data when CDR is enabled, or directly outputs the raw RZ slicer data
if CDR is bypassed.
Active edge and level select:
Data on RDPn/RDNn or RDn is clocked with either the rising or the falling edge of RCLKn. The active polarity is also select-
able. Refer to RECEIVE PATH SYSTEM INTERFACE for details.
RCLK1
RCLK2
O35
25
RCLKn: Receive Clock output for Channel 1~2
This pin outputs 1.544 MHz for T1/J1 mode or 2.048 MHz for E1 mode receive clock. Under LOS conditions with AIS enabled
(bit AISE=1), RCLKn is derived from MCLK.
In clock recovery mode, this signal provides the clock recovered from the RTIPn/RRINGn signal. The receive data (RDn in
single rail mode or RDPn and RDNn in dual rail mode) is clocked out of the device on the active edge of RCLKn.
If clock recovery is bypassed, RCLKn is the exclusive OR (XOR) output of the dual rail slicer data RDPn and RDNn. This signal
can be used in applications with external clock recovery circuitry.
MCLK
I
30
MCLK: Master Clock input
A built-in clock system that accepts selectable 2.048MHz reference for E1 operating mode and 1.544MHz reference for T1/
J1 operating mode. This reference clock is used to generate several internal reference signals:
Timing reference for the integrated clock recovery unit.
Timing reference for the integrated digital jitter attenuator.
Timing reference for microcontroller interface.
Generation of RCLKn signal during a loss of signal condition.
Reference clock to transmit All Ones, all zeros, PRBS/QRSS pattern as well as activate or deactivate Inband Loop-
back code if MCLK is selected as the reference clock. Note that for ATAO and AIS, MCLK is always used as the refer-
ence clock.
Reference clock during Transmit All Ones (TAO) condition or sending PRBS/QRSS in hardware control mode.
The loss of MCLK will turn TTIP/TRING into high impedance status.
LOS1
LOS2
O32
28
LOSn: Loss of Signal Output for Channel 1~2
These pins are used to indicate the loss of received signals. When LOSn pin becomes high, it indicates the loss of received
signal in channel n. The LOS pin will become low automatically when valid received signal is detected again. The criteria of
loss of signal are described in 3.6 LOS AND AIS DETECTION.
REF
I
71
REF: reference resister
An external resistor (3k
Ω, 1%) is used to connect this pin to ground to provide a standard reference current for internal circuit.
Table-1 Pin Description (Continued)
Name
Type
Pin No.
Description


Similar Part No. - IDT82V2082

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT82V2082 RENESAS-IDT82V2082 Datasheet
1Mb / 89P
   DUAL CHANNEL T1/E1/J1 LONG HAUL/SHORT HAUL LINE INTERFACE UNIT
May 4, 2009
logo
Integrated Device Techn...
IDT82V2082BFBLANK IDT-IDT82V2082BFBLANK Datasheet
1Mb / 88P
   DUAL CHANNEL T1/E1/J1 LONG HAUL/SHORT HAUL LINE INTERFACE UNIT
IDT82V2082BFGBLANK IDT-IDT82V2082BFGBLANK Datasheet
1Mb / 88P
   DUAL CHANNEL T1/E1/J1 LONG HAUL/SHORT HAUL LINE INTERFACE UNIT
IDT82V2082PFBLANK IDT-IDT82V2082PFBLANK Datasheet
1Mb / 88P
   DUAL CHANNEL T1/E1/J1 LONG HAUL/SHORT HAUL LINE INTERFACE UNIT
IDT82V2082PFGBLANK IDT-IDT82V2082PFGBLANK Datasheet
1Mb / 88P
   DUAL CHANNEL T1/E1/J1 LONG HAUL/SHORT HAUL LINE INTERFACE UNIT
More results

Similar Description - IDT82V2082

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT82V2082 RENESAS-IDT82V2082 Datasheet
1Mb / 89P
   DUAL CHANNEL T1/E1/J1 LONG HAUL/SHORT HAUL LINE INTERFACE UNIT
May 4, 2009
logo
Integrated Device Techn...
IDT82V2082 IDT-IDT82V2082_09 Datasheet
1Mb / 88P
   DUAL CHANNEL T1/E1/J1 LONG HAUL/SHORT HAUL LINE INTERFACE UNIT
IDT82V2088 IDT-IDT82V2088 Datasheet
1Mb / 78P
   OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
IDT82V2084 IDT-IDT82V2084 Datasheet
1Mb / 75P
   QUAD CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
logo
Exar Corporation
XRT83L314 EXAR-XRT83L314 Datasheet
1Mb / 84P
   14-CHANNEL T1/E1/J1 LONG-HAUL/SHORT-HAUL LINE INTERFACE UNIT
logo
Integrated Device Techn...
IDT82V2088 IDT-IDT82V2088_08 Datasheet
2Mb / 78P
   OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
IDT82V2081 IDT-IDT82V2081 Datasheet
1Mb / 68P
   SINGLE CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
IDT82V2088 IDT-IDT82V2088 Datasheet
1Mb / 78P
   OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2084 RENESAS-IDT82V2084 Datasheet
1Mb / 76P
   QUAD CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
February 11, 2009
IDT82V2081 RENESAS-IDT82V2081 Datasheet
1Mb / 81P
   SINGLE CHANNEL T1/E1/J1 LONG HAUL/SHORT HAUL LINE INTERFACE UNIT
January 7, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com