Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6841SLW-T Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A6841SLW-T
Description  DABiC-5 8-Bit Serial Input Latched Sink Drivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6841SLW-T Datasheet(HTML) 1 Page - Allegro MicroSystems

  A6841SLW-T Datasheet HTML 1Page - Allegro MicroSystems A6841SLW-T Datasheet HTML 2Page - Allegro MicroSystems A6841SLW-T Datasheet HTML 3Page - Allegro MicroSystems A6841SLW-T Datasheet HTML 4Page - Allegro MicroSystems A6841SLW-T Datasheet HTML 5Page - Allegro MicroSystems A6841SLW-T Datasheet HTML 6Page - Allegro MicroSystems A6841SLW-T Datasheet HTML 7Page - Allegro MicroSystems A6841SLW-T Datasheet HTML 8Page - Allegro MicroSystems A6841SLW-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Package LW
18-pin Wide Body SOIC
A6841
DABiC-5 8-Bit Serial Input Latched Sink Drivers
The merging of low-power CMOS logic and bipolar output power
drivers permit the A6841 integrated circuits to be used in a wide variety
of peripheral power driver applications. Each device has an eight-bit
CMOS shift register and CMOS control circuitry, eight CMOS data
latches, and eight bipolar current-sinking Darlington output drivers. The
500 mA NPN Darlington outputs, with integral transient-suppression
diodes, are suitable for use with relays, solenoids, and other inductive
loads.
All package variations of the A6841 offer premium performance with
a minimum output-breakdown voltage rating of 50 V (35 V sustaining).
All drivers can be operated with a split supply where the negative sup-
ply is up to –20 V.
The CMOS inputs are compatible with standard CMOS logic levels.
TTL circuits may require the use of appropriate pull-up resistors. By
using the serial data output, drivers can be cascaded for interface appli-
cations requiring additional drive lines.
The A6841SA devices are furnished in a standard 18-pin plastic DIP. The
A6841SLW device is available in an 18-lead SOIC package. A 20-pin
SOIC version, A6841SLW-20 has improved thermal characteristics. The
SOIC drivers are also available for operation to a temperature of –40°C
(part number suffix ELW). These devices are lead (Pb) free, with 100%
matte tin plated leadframes.
3.3 V to 5 V logic supply range
Power on reset (POR)
To 10 MHz data input rate
CMOS, TTL compatible inputs
–40°C operation available
Low-power CMOS logic and latches
Use the following complete part numbers when ordering:
ABSOLUTE MAXIMUM RATINGS
Part Number
Package
Ambient
A6841SA-T
18-pin DIP
–20ºC to +85ºC
A6841SLW-T
18-pin wide body SOIC
–20ºC to +85ºC
A6841SLW-20-T
20-pin wide body SOIC
(enhanced thermals)
–20ºC to +85ºC
A6841ELW-T
18-pin wide body SOIC
–40ºC to +85ºC
A6841ELW-20-T
20-pin wide body SOIC
(enhanced thermals)
–40ºC to +85ºC
Output Voltage
VCE..............................................................50 V
VCE(SUS)(for inductiove load applications) .......35 V
Logic Supply Voltage, VDD...................................7 V
Emitter Supply Voltage, VEE.............................–20 V
Input Voltage Range, VIN ..............–0.3VtoVDD+0.3V
Continuous Output Current (each output), IOUT ... 500 mA
Package Power Dissipation, PD, see chart, page 6
Operating Temperature Range
Ambient Temperature, TA ............–20°C to +85°C
Storage Temperature, TS ..........–55°C to +150°C
Caution: CMOS devices have input-static protection,
but are susceptible to damage when exposed to
extremely high static-electrical charges.
FEATURES
Relays
Solenoids
Inductive loads
APPLICATIONS
Package A
18-pin DIP
Schmitt trigger inputs for
improved noise immunity
High-voltage current-sink outputs
Internal pull-up/pull down resistors
Output transient-protection diodes
Single or split supply operation
Package LW-20
20-pin Wide Body SOIC


Similar Part No. - A6841SLW-T

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
A684 PANASONIC-A684 Datasheet
99Kb / 4P
   Silicon PNP epitaxial planar type
logo
List of Unclassifed Man...
A684M20Z5UF5UAA ETC1-A684M20Z5UF5UAA Datasheet
604Kb / 14P
   Leaded ceramic multilayer capacitors
logo
Vishay Siliconix
A684Z20Y5VF5 VISHAY-A684Z20Y5VF5 Datasheet
103Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 16-Aug-12
More results

Similar Description - A6841SLW-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6821 ALLEGRO-A6821 Datasheet
220Kb / 9P
   DABiC-5 8-Bit Serial Input Latched Sink Drivers
A6833 ALLEGRO-A6833 Datasheet
174Kb / 7P
   DABiC-5 32-Bit Serial Input Latched Sink Drivers
A6832 ALLEGRO-A6832 Datasheet
170Kb / 7P
   DABiC-5 32-Bit Serial Input Latched Sink Drivers
A6832SEPTR-T ALLEGRO-A6832SEPTR-T Datasheet
211Kb / 7P
   DABiC-5 32-Bit Serial Input Latched Sink Drivers
A6801 ALLEGRO-A6801_09 Datasheet
265Kb / 11P
   DABiC-5 Latched Sink Drivers
A6801SLWTR-T ALLEGRO-A6801SLWTR-T Datasheet
259Kb / 11P
   DABiC-5 Latched Sink Drivers
A6800SLTR-T ALLEGRO-A6800SLTR-T Datasheet
259Kb / 11P
   DABiC-5 Latched Sink Drivers
A6800 ALLEGRO-A6800 Datasheet
436Kb / 12P
   DABiC-5 Latched Sink Drivers
6809 ALLEGRO-6809 Datasheet
150Kb / 8P
   DABiC-IV, 10-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
logo
Micrel Semiconductor
MIC5841 MICREL-MIC5841 Datasheet
162Kb / 7P
   8-Bit Serial-Input Latched Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com