Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6841ELW-T Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A6841ELW-T
Description  DABiC-5 8-Bit Serial Input Latched Sink Drivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6841ELW-T Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button A6841ELW-T Datasheet HTML 2Page - Allegro MicroSystems A6841ELW-T Datasheet HTML 3Page - Allegro MicroSystems A6841ELW-T Datasheet HTML 4Page - Allegro MicroSystems A6841ELW-T Datasheet HTML 5Page - Allegro MicroSystems A6841ELW-T Datasheet HTML 6Page - Allegro MicroSystems A6841ELW-T Datasheet HTML 7Page - Allegro MicroSystems A6841ELW-T Datasheet HTML 8Page - Allegro MicroSystems A6841ELW-T Datasheet HTML 9Page - Allegro MicroSystems A6841ELW-T Datasheet HTML 10Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
A6841
DABiC-5 8-Bit Serial Input Latched Sink Drivers
SUB
VEE
2
3
4
5
6
7
8
SERIAL
DATA OUT
SERIAL
DATA IN
OUTPUT
ENABLE
LOGIC
SUPPLY
STROBE
LOGIC
GROUND
CLOCK
CLK
VDD
ST
OE
1
12
13
14
15
16
17
18
OUT 1
OUT2
OUT 3
OUT8
OUT7
OUT6
OUT5
OUT4
9
SUB
10
11
K
VEE
Package LW[TBD]
(20-pin Wide Body SOIC)
Package LW
(18-pin Wide Body SOIC)
DAT A OUT
VEE
DAT A IN
OUT P UT
ENAB LE
OUT 1
OUT 2
OUT 3
NO
CONNE C T .
NO
CONNE CT .
NC
NC
LOGIC S UPPLY
ST R OB E
GND
CLOC K
OUT 6
OUT 7
OUT 8
OUT 5
OUT 4
13
14
15
16
17
19
12
18
20
11
1
2
3
8
9
4
5
6
7
10
SUB
CLK
SUB
V
DD
ST
OE
K
VEE
18
1
Package A
(18-pin DIP)
Note the 18-pin DIP package and the SOIC
packages are electrically identical and share
common terminal number assignments.
SUB
2
3
4
5
6
7
8
SER IAL
DAT A OUT
SER IAL
DAT A IN
OUT P UT
ENAB LE
ST R OB E
CLOC K
+5 V –15 V
+30 V
CLK
V DD
ST
OE
1
12
13
14
15
16
17
18
9
SUB
10
11
Typical Application
Relay/solenoid driver using split supply


Similar Part No. - A6841ELW-T

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
A684 PANASONIC-A684 Datasheet
99Kb / 4P
   Silicon PNP epitaxial planar type
logo
List of Unclassifed Man...
A684M20Z5UF5UAA ETC1-A684M20Z5UF5UAA Datasheet
604Kb / 14P
   Leaded ceramic multilayer capacitors
logo
Vishay Siliconix
A684Z20Y5VF5 VISHAY-A684Z20Y5VF5 Datasheet
103Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 16-Aug-12
More results

Similar Description - A6841ELW-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6821 ALLEGRO-A6821 Datasheet
220Kb / 9P
   DABiC-5 8-Bit Serial Input Latched Sink Drivers
A6833 ALLEGRO-A6833 Datasheet
174Kb / 7P
   DABiC-5 32-Bit Serial Input Latched Sink Drivers
A6832 ALLEGRO-A6832 Datasheet
170Kb / 7P
   DABiC-5 32-Bit Serial Input Latched Sink Drivers
A6832SEPTR-T ALLEGRO-A6832SEPTR-T Datasheet
211Kb / 7P
   DABiC-5 32-Bit Serial Input Latched Sink Drivers
A6801 ALLEGRO-A6801_09 Datasheet
265Kb / 11P
   DABiC-5 Latched Sink Drivers
A6801SLWTR-T ALLEGRO-A6801SLWTR-T Datasheet
259Kb / 11P
   DABiC-5 Latched Sink Drivers
A6800SLTR-T ALLEGRO-A6800SLTR-T Datasheet
259Kb / 11P
   DABiC-5 Latched Sink Drivers
A6800 ALLEGRO-A6800 Datasheet
436Kb / 12P
   DABiC-5 Latched Sink Drivers
6809 ALLEGRO-6809 Datasheet
150Kb / 8P
   DABiC-IV, 10-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
logo
Micrel Semiconductor
MIC5841 MICREL-MIC5841 Datasheet
162Kb / 7P
   8-Bit Serial-Input Latched Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com