Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6841ELW-20-T Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A6841ELW-20-T
Description  DABiC-5 8-Bit Serial Input Latched Sink Drivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6841ELW-20-T Datasheet(HTML) 3 Page - Allegro MicroSystems

  A6841ELW-20-T Datasheet HTML 1Page - Allegro MicroSystems A6841ELW-20-T Datasheet HTML 2Page - Allegro MicroSystems A6841ELW-20-T Datasheet HTML 3Page - Allegro MicroSystems A6841ELW-20-T Datasheet HTML 4Page - Allegro MicroSystems A6841ELW-20-T Datasheet HTML 5Page - Allegro MicroSystems A6841ELW-20-T Datasheet HTML 6Page - Allegro MicroSystems A6841ELW-20-T Datasheet HTML 7Page - Allegro MicroSystems A6841ELW-20-T Datasheet HTML 8Page - Allegro MicroSystems A6841ELW-20-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
A6841
DABiC-5 8-Bit Serial Input Latched Sink Drivers
ELECTRICAL CHARACTERISTICS1 Unless otherwise noted: TA = 25°C, Vee = 0 V, logic supply operating
voltage Vdd=3.0Vto5.5V
Characteristic
Symbol
Test Conditions
Vdd = 3.3 V
Vdd = 5 V
Units
Min.
Typ.
Max. Min.
Typ.
Max.
Output Leakage Current
ICEX
VOUT = 50 V
10
10
μA
Output Sustaining Voltage
VCE(SUS) IOUT = 350 mA, L = 3 mH
35
35
V
Collector–Emitter Saturation
Voltage
VCE(SAT)
IOUT = 100 mA
1.1
1.1
V
IOUT = 200 mA
1.3
1.3
V
IOUT = 350 mA
1.6
1.6
V
Input Voltage
VIN(1)
2.2
3.3
V
VIN(0)
1.1
1.7
V
Input Resistance
RIN
50
50
Serial Data Output Voltage
VOUT(1)
IOUT = –200 μA
2.8
3.05
4.5
4.75
V
VOUT(0)
IOUT = 200 μA
0.15
0.3
0.15
0.3
V
Maximum Clock Frequency2
fc
10
10
MHz
Logic Supply Current
IDD(1)
One output on, OE = L, ST = H
2.0
2.0
mA
IDD(0)
All outputs off, OE = H, ST = H,
P1 through P8 = L
100
100
μA
Clamp Diode Leakage Current
Ir
Vr = 50 V
50
50
μA
Clamp Diode Forward Voltage
Vf
If = 350 mA
2
2
V
Output Enable-to-Output Delay
tdis(BQ)
VCC = 50V, R1 = 500 Ω, C1≤30pF
1.0
1.0
μs
ten(BQ)
VCC = 50V, R1 = 500 Ω, C1≤30pF
1.0
1.0
μs
Strobe-to-Output Delay
tp(STH-QL) VCC = 50V, R1 = 500 Ω, C1≤30pF
1.0
1.0
μs
tp(STH-QH) VCC = 50V, R1 = 500 Ω, C1≤30pF
1.0
1.0
μs
Output Fall Time
tf
VCC = 50V, R1 = 500 Ω, C1≤30pF
1.0
1.0
μs
Output Rise Time
tr
VCC = 50V, R1 = 500 Ω, C1≤30pF
1.0
1.0
μs
Clock-to-Serial Data Out Delay
tp(CH-SQX) IOUT = ±200 μA
50
50
ns
1Positive (negative) current is defined as conventional current going into (coming out of) the specified device pin.
2Operation at a clock frequency greater than the specified minimum value is possible but not warranteed.
Serial
Shift Register Contents Serial
Latch Contents
Output
Output Contents
Data Clock
Data
Strobe
Enable
Input
Input
I1 I2 I3 ... I8
Output
Input
I1 I2 I3 ... I8
Input
I1 I2 I3 ... I8
R7
R7
R
1
R2 R3 ... R8
R
8
XXX... X
X
X
L
R1 R2 ... R7
L
L
R1 R2 R3 ... R8
P1 P2 P3 ... P8
P8
P1 P2 P3 ... P81 P2 P3 ... P8
XXX... X
L
P
H
H
H
H
H
R1 R2 ... R7
H
H
H
...
Truth Table
L = Low Logic Level
H = High Logic Level
X = Irrelevant
P = Present State
R = Previous State
OE = Output Enable
ST = Strobe


Similar Part No. - A6841ELW-20-T

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
A684 PANASONIC-A684 Datasheet
99Kb / 4P
   Silicon PNP epitaxial planar type
logo
List of Unclassifed Man...
A684M20Z5UF5UAA ETC1-A684M20Z5UF5UAA Datasheet
604Kb / 14P
   Leaded ceramic multilayer capacitors
logo
Vishay Siliconix
A684Z20Y5VF5 VISHAY-A684Z20Y5VF5 Datasheet
103Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 16-Aug-12
More results

Similar Description - A6841ELW-20-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6821 ALLEGRO-A6821 Datasheet
220Kb / 9P
   DABiC-5 8-Bit Serial Input Latched Sink Drivers
A6833 ALLEGRO-A6833 Datasheet
174Kb / 7P
   DABiC-5 32-Bit Serial Input Latched Sink Drivers
A6832 ALLEGRO-A6832 Datasheet
170Kb / 7P
   DABiC-5 32-Bit Serial Input Latched Sink Drivers
A6832SEPTR-T ALLEGRO-A6832SEPTR-T Datasheet
211Kb / 7P
   DABiC-5 32-Bit Serial Input Latched Sink Drivers
A6801 ALLEGRO-A6801_09 Datasheet
265Kb / 11P
   DABiC-5 Latched Sink Drivers
A6801SLWTR-T ALLEGRO-A6801SLWTR-T Datasheet
259Kb / 11P
   DABiC-5 Latched Sink Drivers
A6800SLTR-T ALLEGRO-A6800SLTR-T Datasheet
259Kb / 11P
   DABiC-5 Latched Sink Drivers
A6800 ALLEGRO-A6800 Datasheet
436Kb / 12P
   DABiC-5 Latched Sink Drivers
6809 ALLEGRO-6809 Datasheet
150Kb / 8P
   DABiC-IV, 10-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
logo
Micrel Semiconductor
MIC5841 MICREL-MIC5841 Datasheet
162Kb / 7P
   8-Bit Serial-Input Latched Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com