Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34166TH Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC34166TH
Description  POWER SWITCHING REGULATORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34166TH Datasheet(HTML) 3 Page - ON Semiconductor

  MC34166TH Datasheet HTML 1Page - ON Semiconductor MC34166TH Datasheet HTML 2Page - ON Semiconductor MC34166TH Datasheet HTML 3Page - ON Semiconductor MC34166TH Datasheet HTML 4Page - ON Semiconductor MC34166TH Datasheet HTML 5Page - ON Semiconductor MC34166TH Datasheet HTML 6Page - ON Semiconductor MC34166TH Datasheet HTML 7Page - ON Semiconductor MC34166TH Datasheet HTML 8Page - ON Semiconductor MC34166TH Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MC34166, MC33166
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (VCC = 12 V, for typical values TA = +25°C, for min/max values TA is the operating ambient
temperature range that applies [Notes 4, 5], unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OSCILLATOR
Frequency (VCC = 7.5 V to 40 V)
TA = +25°C
TA = Tlow to Thigh
fOSC
65
62
72
79
81
kHz
ERROR AMPLIFIER
Voltage Feedback Input Threshold
TA = +25°C
TA = Tlow to Thigh
VFB(th)
4.95
4.85
5.05
5.15
5.2
V
Line Regulation (VCC = 7.5 V to 40 V, TA = +25°C)
Regline
0.03
0.078
%/V
Input Bias Current (VFB = VFB(th) + 0.15 V)
IIB
0.15
1.0
µA
Power Supply Rejection Ratio (VCC = 10 V to 20 V, f = 120 Hz)
PSRR
60
80
dB
Output Voltage Swing
High State (ISource = 75 µA, VFB = 4.5 V)
Low State (ISink = 0.4 mA, VFB = 5.5 V)
VOH
VOL
4.2
4.9
1.6
1.9
V
PWM COMPARATOR
Duty Cycle
Maximum (VFB = 0 V)
Minimum (VComp = 1.9 V)
DC(max)
DC(min)
92
0
95
0
100
0
%
SWITCH OUTPUT
Output Voltage Source Saturation (VCC = 7.5 V, ISource = 3.0 A)
Vsat
(VCC
–1.5)
(VCC
–1.8)
V
Off–State Leakage (VCC = 40 V, Pin 2 = Gnd)
Isw(off)
0
100
µA
Current Limit Threshold
Ipk(switch)
3.3
4.3
6.0
A
Switching Times (VCC = 40 V, Ipk = 3.0 A, L = 375 µH, TA = +25°C)
Output Voltage Rise Time
Output Voltage Fall Time
tr
tf
100
50
200
100
ns
UNDERVOLTAGE LOCKOUT
Startup Threshold (VCC Increasing, TA = +25°C)
Vth(UVLO)
5.5
5.9
6.3
V
Hysteresis (VCC Decreasing, TA = +25°C)
VH(UVLO)
0.6
0.9
1.2
V
TOTAL DEVICE
Power Supply Current (TA = +25°C )
Standby (VCC = 12 V, VComp < 0.15 V)
Operating (VCC = 40 V, Pin 1 = Gnd for maximum duty cycle)
ICC
36
31
100
55
µA
mA
4. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
5. Tlow =0°C for MC34166
Thigh = + 70°C for MC34166
=– 40
°C for MC33166
= + 85
°C for MC33166


Similar Part No. - MC34166TH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34166TH ONSEMI-MC34166TH Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 7
MC34166TH ONSEMI-MC34166TH Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/ Inverting Switching Regulators
October, 2005 ??Rev. 7
MC34166THG ONSEMI-MC34166THG Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 7
MC34166THG ONSEMI-MC34166THG Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/ Inverting Switching Regulators
October, 2005 ??Rev. 7
More results

Similar Description - MC34166TH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34167 ONSEMI-MC34167 Datasheet
408Kb / 16P
   POWER SWITCHING REGULATORS
1996 REV 3
logo
Shindengen Electric Mfg...
MA2430 SHINDENGEN-MA2430 Datasheet
448Kb / 7P
   Power Switching Regulators
MA1010 SHINDENGEN-MA1010 Datasheet
596Kb / 7P
   Power Switching Regulators
MA4810 SHINDENGEN-MA4810 Datasheet
489Kb / 9P
   Power Switching Regulators
MA1050 SHINDENGEN-MA1050 Datasheet
447Kb / 7P
   Power Switching Regulators
MA2420 SHINDENGEN-MA2420 Datasheet
449Kb / 7P
   Power Switching Regulators
MA2810 SHINDENGEN-MA2810 Datasheet
449Kb / 7P
   Power Switching Regulators
MA2820 SHINDENGEN-MA2820 Datasheet
449Kb / 7P
   Power Switching Regulators
MA2830 SHINDENGEN-MA2830 Datasheet
450Kb / 7P
   Power Switching Regulators
MA4520 SHINDENGEN-MA4520 Datasheet
483Kb / 9P
   Power Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com