Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A8499SLJTR-T Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A8499SLJTR-T
Description  High Voltage Step-Down Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8499SLJTR-T Datasheet(HTML) 6 Page - Allegro MicroSystems

  A8499SLJTR-T Datasheet HTML 1Page - Allegro MicroSystems A8499SLJTR-T Datasheet HTML 2Page - Allegro MicroSystems A8499SLJTR-T Datasheet HTML 3Page - Allegro MicroSystems A8499SLJTR-T Datasheet HTML 4Page - Allegro MicroSystems A8499SLJTR-T Datasheet HTML 5Page - Allegro MicroSystems A8499SLJTR-T Datasheet HTML 6Page - Allegro MicroSystems A8499SLJTR-T Datasheet HTML 7Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
High Voltage Step-Down Regulator
A8499
6
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
A 8499
BOOT
ENB
TSET
GND
VIN
LX
VBIAS
FB
47 μH
C1
L1
22 μF/ 25 V
RTSET
30.1 k
Ω
R1
10 k
Ω
R2
3.16 k
Ω
COUT
330 μF/ 6.3 V
(Aluminum)
+12 V
VOUT
5.0 V / 1.8 A
D1
B340
C2
0.1 μF
CBOOT
0.01 μF
12 V step down to 5.0 V at 1.8 A
Pin Name
Pin Description
Pin Number
BOOT
Gate drive boost node
1
ENB
On/off control logic input
2
TSET
Off-time setting
3
GND
Ground
4
NC
No connect
N/A
NC
No connect
N/A
FB
Feedback for adjustable regulator
5
VBIAS
Bias supply input
6
LX
Buck switching node
7
VIN
Supply input
8
Pad
Exposed pad for thermal dissipation
Pad
Terminal List Table
Typical Application Circuit
1
2
3
4
8
7
6
5
BOOT
ENB
TSET
GND
VIN
LX
VBIAS
FB
Pad
Pin-out Diagram
RTSET (k )
Violation of
Minimum On-Time
Safe Operating Area
Minimum
V
alue
of
R
TSET
13.0
12.5
12.0
11.5
11.0
10.5
10.0
9.5
9.0
8.5
8.0
7.5
7.0
6.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
RTSET Value versus VIN /VOUT


Similar Part No. - A8499SLJTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8498 ALLEGRO-A8498 Datasheet
332Kb / 9P
   Wide Input Voltage 3.0 A Step Down Regulator
A8498SLJ-T ALLEGRO-A8498SLJ-T Datasheet
332Kb / 9P
   Wide Input Voltage 3.0 A Step Down Regulator
A8498SLJTR-T ALLEGRO-A8498SLJTR-T Datasheet
332Kb / 9P
   Wide Input Voltage 3.0 A Step Down Regulator
More results

Similar Description - A8499SLJTR-T

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1184 ANALOGICTECH-AAT1184 Datasheet
3Mb / 19P
   High Voltage Step-Down Regulator
logo
Allegro MicroSystems
A8447 ALLEGRO-A8447 Datasheet
371Kb / 9P
   High Voltage Step Down Regulator
A4447_V ALLEGRO-A4447_V Datasheet
351Kb / 12P
   High Voltage Step Down Regulator
logo
Advanced Analogic Techn...
AAT1189 ANALOGICTECH-AAT1189 Datasheet
3Mb / 19P
   High Voltage Step-Down Regulator
logo
Allegro MicroSystems
A4447 ALLEGRO-A4447 Datasheet
326Kb / 9P
   High Voltage Step Down Regulator
logo
National Semiconductor ...
LM5010A NSC-LM5010A Datasheet
775Kb / 17P
   High Voltage 1A Step Down Switching Regulator
logo
Texas Instruments
LM5008 TI1-LM5008_14 Datasheet
1Mb / 21P
[Old version datasheet]   High Voltage (100V) Step Down Switching Regulator
LM5007 TI-LM5007 Datasheet
994Kb / 17P
[Old version datasheet]   High Voltage (80V) Step Down Switching Regulator
logo
National Semiconductor ...
LM5008 NSC-LM5008_09 Datasheet
389Kb / 16P
   High Voltage (100V) Step Down Switching Regulator
LM5007 NSC-LM5007_08 Datasheet
280Kb / 12P
   High Voltage (80V) Step Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com