Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34268D Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC34268D
Description  SCSI-2 Active Terminator Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34268D Datasheet(HTML) 1 Page - ON Semiconductor

  MC34268D Datasheet HTML 1Page - ON Semiconductor MC34268D Datasheet HTML 2Page - ON Semiconductor MC34268D Datasheet HTML 3Page - ON Semiconductor MC34268D Datasheet HTML 4Page - ON Semiconductor MC34268D Datasheet HTML 5Page - ON Semiconductor MC34268D Datasheet HTML 6Page - ON Semiconductor MC34268D Datasheet HTML 7Page - ON Semiconductor MC34268D Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2000
April, 2000 – Rev. 1
1
Publication Order Number:
MC34268/D
MC34268
SCSI-2 Active Terminator
Regulator
The MC34268 is a medium current, low dropout positive voltage
regulator specifically designed for use in SCSI–2 active termination
circuits.
This device offers the circuit designer an economical
solution for precision voltage regulation, while keeping power losses
to a minimum. The regulator consists of a 1.0 V dropout composite
PNP/NPN pass transistor, current limiting, and thermal limiting.
These devices are packaged in the 8–pin SOP–8 and 3–pin DPAK
and SOT–223 surface mount power packages.
Applications include active SCSI–2 terminators and post
regulation of switching power supplies.
2.85 V Output Voltage for SCSI–2 Active Termination
1.0 V Dropout
Output Current in Excess of 800 mA
Thermal Protection
Short Circuit Protection
Output Trimmed to 1.4% Tolerance
No Minimum Load Required
Space Saving DPAK, SOT–223 and SOP–8 Surface Mount Power
Packages
Simplified Block Diagram
Input
Thermal
Limiting
Control
Circuit
Current
Limit
Output
Ground
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 3 of this data sheet.
ORDERING INFORMATION
8
1
8
7
6
5
1
2
3
4
Gnd
SOP–8
D SUFFIX
CASE 751
DPAK
DT SUFFIX
CASE 369A
Input
NC
NC
12
3
(Top View)
(Top View)
1
3
Output
Output
Heatsink surface (shown as terminal 4 in
case outline drawing) is connected to Pin 2.
SOT–223
ST SUFFIX
CASE 318E
1
3
Pin 1. Ground
2. Output
3. Input
4. Output
4
MARKING
DIAGRAMS
ALYW
34268
1
8
34268
ALYWW
AYW
268ST
A = Assembly Location
L = Wafer Lot
Y = Year
W = Work Week


Similar Part No. - MC34268D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34268 ONSEMI-MC34268 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
More results

Similar Description - MC34268D

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6509 MICRO-LINEAR-ML6509 Datasheet
232Kb / 10P
   Active SCSI Terminator
logo
Texas Instruments
UC5602 TI-UC5602 Datasheet
361Kb / 6P
[Old version datasheet]   SCSI Active Terminator
UC5601 TI1-UC5601_15 Datasheet
389Kb / 9P
[Old version datasheet]   SCSI Active Terminator
logo
Rohm
BH9595FP-Y ROHM-BH9595FP-Y Datasheet
69Kb / 6P
   SCSI active terminator
logo
Texas Instruments
UC5601 TI-UC5601 Datasheet
314Kb / 6P
[Old version datasheet]   SCSI Active Terminator
logo
Panasonic Semiconductor
AN8612NSR PANASONIC-AN8612NSR Datasheet
56Kb / 5P
   SCSI Active Terminator IC
AN8612NSB PANASONIC-AN8612NSB Datasheet
65Kb / 7P
   SCSI active terminator IC
logo
Micrel Semiconductor
MIC5204 MICREL-MIC5204_02 Datasheet
40Kb / 8P
   SCSI-II Active Terminator
logo
Calogic, LLC
CLM1117 CALOGIC-CLM1117 Datasheet
47Kb / 4P
   800mA Low Dropout Regulator SCSI-II Active Terminator
logo
Alpha Industries
AS1117 ALPHA-AS1117 Datasheet
76Kb / 11P
   800mA Low Dropout Regulator SCSI-II Active Terminator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com