Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F162APC Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74F162APC
Description  Synchronous Presettable BCD Decade Counter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F162APC Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74F162APC Datasheet HTML 1Page - Fairchild Semiconductor 74F162APC Datasheet HTML 2Page - Fairchild Semiconductor 74F162APC Datasheet HTML 3Page - Fairchild Semiconductor 74F162APC Datasheet HTML 4Page - Fairchild Semiconductor 74F162APC Datasheet HTML 5Page - Fairchild Semiconductor 74F162APC Datasheet HTML 6Page - Fairchild Semiconductor 74F162APC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics
AC Operating Requirements
Symbol
Parameter
TA = +25°CTA = −55°C to +125°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
Min
Max
fMAX
Maximum Count Frequency
90
120
75
80
MHz
tPLH
Propagation Delay, Count
3.5
5.5
7.5
3.5
9.0
3.5
8.5
ns
tPHL
CP to Qn (PE Input HIGH)
3.5
7.5
10.0
3.5
11.5
3.5
11.0
tPLH
Propagation Delay, Load
4.0
6.0
8.5
4.0
10.0
4.0
9.5
ns
tPHL
CP to Qn (PE Input LOW)
4.0
6.0
8.5
4.0
10.0
4.0
9.5
tPLH
Propagation Delay
5.0
10.0
14.0
5.0
16.5
5.0
15.0
ns
tPHL
CP to TC
5.0
10.0
14.0
5.0
15.5
5.0
15.0
tPLH
Propagation Delay
2.5
4.5
7.5
2.5
9.0
2.5
8.5
ns
tPHL
CET to TC
2.5
4.5
7.5
2.5
9.0
2.5
8.5
Symbol
Parameter
TA = +25°CTA = −55°C to +125°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
VCC = +5.0V
Min
Max
Min
Max
Min
Max
tS(H)
Setup Time, HIGH or LOW
5.0
5.0
ns
tS(L)
Pn to CP
5.0
5.0
tH(H)
Hold Time, HIGH or LOW
2.0
2.5
2.0
tH(L)
Pn to CP
2.0
2.5
2.0
tS(H)
Setup Time, HIGH or LOW
11.0
13.5
11.5
ns
tS(L)
PE or SR to CP
8.5
10.5
9.5
tH(H)
Hold Time, HIGH or LOW
2.0
2.0
2.0
tH(L)
PE or SR to CP
0
0
0
tS(H)
Setup Time, HIGH or LOW
11.0
13.0
11.5
ns
tS(L)
CEP or CET to CP
5.0
6.0
5.0
tH(H)
Hold Time, HIGH or LOW
0
0
0
tH(L)
CEP or CET to CP
0
0
0
tW(H)
Clock Pulse Width (Load)
5.0
5.0
5.0
ns
tW(L)
HIGH or LOW
5.0
5.0
5.0
tW(H)
Clock Pulse Width (Count)
4.0
5.0
4.0
ns
tW(L)
HIGH or LOW
6.0
8.0
7.0


Similar Part No. - 74F162APC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F162APC FAIRCHILD-74F162APC Datasheet
96Kb / 8P
   Synchronous Presettable BCD Decade Counter
More results

Similar Description - 74F162APC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74F160A MOTOROLA-MC74F160A Datasheet
103Kb / 4P
   SYNCHRONOUS PRESETTABLE BCD DECADE COUNTER
logo
Fairchild Semiconductor
74F160A FAIRCHILD-74F160A Datasheet
96Kb / 8P
   Synchronous Presettable BCD Decade Counter
logo
Motorola, Inc
MC74AC160 MOTOROLA-MC74AC160 Datasheet
326Kb / 14P
   Synchronous Presettable BCD Decade Counter
logo
NXP Semiconductors
74AC11160 PHILIPS-74AC11160 Datasheet
271Kb / 10P
   SYNCHRONOUS PRESETTABLE SYNCHRONOUS BCD DECADE COUNTER
October 17 1990
74HC162 PHILIPS-74HC162 Datasheet
83Kb / 11P
   Presettable synchronous BCD decade counter; synchronous reset
December 1990
74HC190 PHILIPS-74HC190 Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
logo
Nexperia B.V. All right...
74HC160 NEXPERIA-74HC160 Datasheet
256Kb / 15P
   Presettable synchronous BCD decade counter; asynchronous reset
Rev. 4 - 27 March 2019
logo
NXP Semiconductors
74HC160 PHILIPS-74HC160 Datasheet
63Kb / 9P
   Presettable synchronous BCD decade counter; asynchronous reset
December 1990
74HC192 PHILIPS-74HC192 Datasheet
90Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
logo
Integral Corp.
IN74ACT192 INTEGRAL-IN74ACT192 Datasheet
364Kb / 7P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com