Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5225IRZ-T13 Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL5225IRZ-T13
Description  10-Channel TFT-LCD Reference Voltage Generator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5225IRZ-T13 Datasheet(HTML) 1 Page - Intersil Corporation

  EL5225IRZ-T13 Datasheet HTML 1Page - Intersil Corporation EL5225IRZ-T13 Datasheet HTML 2Page - Intersil Corporation EL5225IRZ-T13 Datasheet HTML 3Page - Intersil Corporation EL5225IRZ-T13 Datasheet HTML 4Page - Intersil Corporation EL5225IRZ-T13 Datasheet HTML 5Page - Intersil Corporation EL5225IRZ-T13 Datasheet HTML 6Page - Intersil Corporation EL5225IRZ-T13 Datasheet HTML 7Page - Intersil Corporation EL5225IRZ-T13 Datasheet HTML 8Page - Intersil Corporation EL5225IRZ-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
®
FN7356.0
EL5225
10-Channel TFT-LCD Reference Voltage
Generator
The EL5225 is designed to produce the reference voltages
required in TFT-LCD applications. Each output is
programmed to the required voltage with 10 bits of
resolution. Reference pins determine the high and low
voltages of the output range, which are capable of swinging
to either supply rail. Programming of each output is
performed using the 3-wire, SPI compatible interface.
A number of the EL5225 can be stacked for applications
requiring more than 10 outputs. The reference inputs can be
tied to the rails, enabling each part to output the full voltage
range, or alternatively, they can be connected to external
resistors to split the output range and enable finer
resolutions of the outputs.
The EL5225 has 10 outputs, and is available in the 24-pin
TSSOP package. They are specified for operation over the
full -40°C to +85°C temperature range.
Features
• 10-channel reference outputs
• Accuracy of ±1%
• Supply voltage of 5V to 16.5V
• Digital supply 3.3V to 5V
• Low supply current of 9mA
• Rail-to-rail capability
• Pb-free available (RoHS compliant)
Applications
• TFT-LCD drive circuits
• Reference voltage generators
Ordering Information
PART
NUMBER
(See Note)
PACKAGE
(Pb-Free)
TAPE &
REEL
PKG. DWG. #
EL5225IRZ
24-Pin TSSOP
-
MDP0044
EL5225IRZ-T7
24-Pin TSSOP
7”
MDP0044
EL5225IRZ-T13
24-Pin TSSOP
13”
MDP0044
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020C.
Pinout
EL5225
(24-PIN TSSOP)
TOP VIEW
ENA
OUTA
SDI
SCLK
SDO
EXT_OSC
VS+
VSD
REFH
REFL
VS+
GND
CAP
OUTB
OUTC
GND
OUTD
OUTE
OUTF
OUTG
GND
OUTH
OUTI
OUTJ
1
2
3
4
16
15
14
13
5
6
7
12
11
9
8
10
20
19
18
17
24
23
22
21
Data Sheet
March 11, 2004
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002-2004. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - EL5225IRZ-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5225IRZ-T13 RENESAS-EL5225IRZ-T13 Datasheet
1Mb / 12P
   10-Channel TFT-LCD Reference Voltage Generator
More results

Similar Description - EL5225IRZ-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5225 RENESAS-EL5225 Datasheet
1Mb / 12P
   10-Channel TFT-LCD Reference Voltage Generator
logo
Elantec Semiconductor
EL5825C ELANTEC-EL5825C Datasheet
81Kb / 3P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Intersil Corporation
EL5126 INTERSIL-EL5126_06 Datasheet
323Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Renesas Technology Corp
EL5825 RENESAS-EL5825 Datasheet
803Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
EL5525 RENESAS-EL5525 Datasheet
734Kb / 10P
   18-Channel TFT-LCD Reference Voltage Generator
logo
Intersil Corporation
EL5825 INTERSIL-EL5825 Datasheet
638Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
EL5325 INTERSIL-EL5325 Datasheet
775Kb / 11P
   12-Channel TFT-LCD Reference Voltage Generator
logo
Renesas Technology Corp
EL5126 RENESAS-EL5126 Datasheet
697Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Intersil Corporation
EL5126 INTERSIL-EL5126 Datasheet
391Kb / 11P
   8-Channel TFT-LCD Reference Voltage Generator
EL5525 INTERSIL-EL5525 Datasheet
626Kb / 10P
   18-Channel TFT-LCD Reference Voltage Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com