Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5043ETN Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5043ETN
Description  Two-Switch Power ICs with Integrated Power MOSFETs and Hot-Swap Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5043ETN Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5043ETN Datasheet HTML 1Page - Maxim Integrated Products MAX5043ETN Datasheet HTML 2Page - Maxim Integrated Products MAX5043ETN Datasheet HTML 3Page - Maxim Integrated Products MAX5043ETN Datasheet HTML 4Page - Maxim Integrated Products MAX5043ETN Datasheet HTML 5Page - Maxim Integrated Products MAX5043ETN Datasheet HTML 6Page - Maxim Integrated Products MAX5043ETN Datasheet HTML 7Page - Maxim Integrated Products MAX5043ETN Datasheet HTML 8Page - Maxim Integrated Products MAX5043ETN Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Two-Switch Power ICs with Integrated
Power MOSFETs and Hot-Swap Controller
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(VPOSINPWM = 20V to 76V, VREG15 = 18V, CREG15 = 4.7µF, CREG9 = 1µF, CREG5 = 1µF, RRCOSC = 24k
Ω, CRCOSC = 100pF, CBST =
0.22µF, RDRVDEL = 10k
Ω, CDRVDEL = 0.22µF, VCSS = VCSP = VCSN = VRAMP = VPWMNEG = VNEGIN = 0, TA = TMIN to TMAX, unless
otherwise noted. Typical values are at VPOSINPWM = 48V, TA = +25°C, unless otherwise noted. All voltages are referred to PWMNEG,
unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
High-to-Low Latency
Driver delay until FET VGS reaches
0.1 x VDRVIN
45
ns
CURRENT-SENSE COMPARATOR
Current-Limit-Comparator
Threshold Voltage
140
156
172
mV
Current-Limit-Comparator
Propagation Delay
10mV overdrive
40
ns
CURRENT-SENSE AMPLIFIER
Current Amplifier Gain
VCSN = 0, VCSP = 0 to 0.35V
9.75
10
10.25
V/V
Input Voltage Offset
VCN = VCSP = -0.3V to +0.3V
185
200
230
mV
Input Common-Mode Range
-0.3
+0.3
V
Input Differential-Mode Range
Inferred from current amplifier gain test
0.35
V
CSP Input Bias Current
VCSP = -0.3V to +0.3V, VCSN = 0
-160
-40
µA
CSN Input Bias Current
VCSP = -0.3V to +0.3V, VCSN = 0
-160
-30
µA
Settling Time
VCSN = 0, VCSP steps from 0 to 0.2V, 10%
settling time, CL = 20pF
70
ns
3dB Bandwidth
7MHz
BOOST VOLTAGE CIRCUIT
QB RDS(ON)
Sinking 100mA
10
20
Driver Output Delay
200
ns
One-Shot Pulse Width
300
ns
THERMAL SHUTDOWN
Shutdown Temperature
Temperature rising
150
°C
Thermal Hysteresis
14.5
°C
PWM CONVERTER UNDERVOLTAGE LOCKOUT (UVLO)
Preset UVLO Threshold
Measured at POSINPWM rising
28
31
34
V
UVLO Threshold Hysteresis
3V
UVLO Resistance
Looking into UVLO
30
75
k
UVLO Trip Point
Measured at UVLO rising
1.15
1.27
1.39
V
UVLO Hysteresis
+127
mV
Preset DEN Threshold
MAX5043 only, measured at POSINPWM
rising
27
34
V
DEN Threshold Hysteresis
MAX5043 only
3.1
V
DEN Startup Delay
MAX5043 only
3.5
12
27.0
ms
DEN Turn-Off Delay
MAX5043 only
0.2
0.7
1.5
ms
DEN Trip Point
MAX5043 only, rising with respect to
PWMNEG
1.11
1.35
V


Similar Part No. - MAX5043ETN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5043ETN MAXIM-MAX5043ETN Datasheet
1Mb / 22P
   Power MOSFETs and Hot-Swap Controller
2014
More results

Similar Description - MAX5043ETN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5042 MAXIM-MAX5042_V01 Datasheet
1Mb / 22P
   Power MOSFETs and Hot-Swap Controller
2014
logo
Analog Devices
EVAL-ADM1275EBZ AD-EVAL-ADM1275EBZ Datasheet
741Kb / 48P
   Hot-Swap Controller and Digital Power
REV. D
logo
Summit Microelectronics...
SMH4803 SUMMIT-SMH4803 Datasheet
178Kb / 22P
   Distributed Power Hot-Swap Controller
SMH4812 SUMMIT-SMH4812_09 Datasheet
428Kb / 18P
   Distributed Power Hot-Swap Controller
logo
Micrel Semiconductor
MIC2580A MICREL-MIC2580A_05 Datasheet
258Kb / 21P
   Hot-Swap PCI Power Controller
logo
Linear Technology
LTC4219 LINER-LTC4219 Datasheet
203Kb / 16P
   5A Integrated Hot Swap Controller
LTC4217 LINER-LTC4217_15 Datasheet
248Kb / 18P
   2A Integrated Hot Swap Controller
LTC4217 LINER-LTC4217 Datasheet
185Kb / 18P
   2A Integrated Hot Swap Controller
LTC4212 LINER-LTC4212 Datasheet
230Kb / 24P
   Hot Swap Controller with Power-Up Timeout
logo
Summit Microelectronics...
SMH4811 SUMMIT-SMH4811 Datasheet
358Kb / 16P
   DISTRIBUTED POWER HOT SWAP CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com