Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5228IL Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL5228IL
Description  VCOM with Dual Gamma Buffer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5228IL Datasheet(HTML) 2 Page - Intersil Corporation

  EL5228IL Datasheet HTML 1Page - Intersil Corporation EL5228IL Datasheet HTML 2Page - Intersil Corporation EL5228IL Datasheet HTML 3Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Absolute Maximum Ratings (TA = 25°C)
VCC Supply Voltage between VS and GND . . . . . . . . . . . . . . TBD
Supply Voltage between VSD and GND . . . . . . . . . . . . . . . . . . TBD
Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . . . TBD
Ambient Operating Temperature . . . . . . . . . . . . . . . . . . . . . . . . TBD
Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . TBD
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TBD
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VS+ = +15V, VS- = 0V, RL = 1kΩ to 7.5V, TA = 25°C unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
GAMMA BUFFER INPUT CHARACTERISTICS
VOS
Input Offset Voltage
VCM = 7.5V
2
14
mV
TCVOS
Average Offset Voltage Drift
(Note 1)
5
µV/°C
IB
Input Bias Current
VCM= 7.5V
2
50
nA
RIN
Input Impedance
1G
CIN
Input Capacitance
2pF
AV
Voltage Gain
0.5
≤ VOUT ≤ 14.5V, RL = 10kΩ
0.995
1.005
V/V
GAMMA BUFFER OUTPUT CHARACTERISTICS
VOL
Output Swing Low
IL = -5mA
80
150
mV
VOH
Output Swing High
IL = 5mA
14.85
14.92
V
ISC
Short Circuit Current
Short to GND (Note 2)
±80
±120
mA
GAMMA BUFFER DYNAMIC PERFORMANCE
SR
Slew Rate (Note 3)
1V
≤ VOUT ≤14V, 20% to 80%, RL = 10kΩ
710
V/µs
tS
Settling to +0.1%
VO = 2V Step
500
ns
BW
-3dB Bandwidth
RL = 10kΩ, CL = 10pF
12
MHz
CS
Channel Separation
f = 5MHz
75
dB
VCOM AMPLIFIER INPUT CHARACTERISTICS
VOS
Input Offset Voltage
VCM = 7.5V
3
15
mV
TCVOS
Average Offset Voltage Drift (Note 4)
7
µV/°C
IB
Input Bias Current
VCM = 7.5V
2
60
nA
RIN
Input Impedance
1G
CIN
Input Capacitance
2pF
CMIR
Common-Mode Input Range
-0.5
+15.5
V
CMRR
Common-Mode Rejection Ratio
for VIN from -0.5V to 15.5V
53
72
dB
AVOL
Open-Loop Gain
0.5V
≤ VOUT ≤ 14.5V
62
70
dB
VCOM AMPLIFIER OUTPUT CHARACTERISTICS
VOL
Output Swing Low
IL = -5mA
80
150
mV
VOH
Output Swing High
IL = 5mA
14.85
14.92
V
ISC
Short-circuit Current
±180
mA
IOUT
Output Current
±65
mA
EL5228


Similar Part No. - EL5228IL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5228IL RENESAS-EL5228IL Datasheet
131Kb / 3P
   VCOM with Dual Gamma Buffer
March 25, 2004
EL5228IL-T13 RENESAS-EL5228IL-T13 Datasheet
131Kb / 3P
   VCOM with Dual Gamma Buffer
March 25, 2004
EL5228IL-T7 RENESAS-EL5228IL-T7 Datasheet
131Kb / 3P
   VCOM with Dual Gamma Buffer
March 25, 2004
More results

Similar Description - EL5228IL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5228 RENESAS-EL5228 Datasheet
131Kb / 3P
   VCOM with Dual Gamma Buffer
March 25, 2004
EL5128 RENESAS-EL5128 Datasheet
646Kb / 12P
   Dual VCOM Amplifier & Gamma Reference Buffer
logo
Intersil Corporation
EL5128 INTERSIL-EL5128 Datasheet
698Kb / 11P
   Dual VCOM Amplifier & Gamma Reference Buffer
EL5128 INTERSIL-EL5128_07 Datasheet
410Kb / 12P
   Dual VCOM Amplifier & Gamma Reference Buffer
logo
Maxim Integrated Produc...
DS3510 MAXIM-DS3510 Datasheet
225Kb / 17P
   I2C Gamma and VCOM Buffer with EEPROM
Rev 0; 2/08
logo
Analog Devices
ADD8701 AD-ADD8701_15 Datasheet
295Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8701 AD-ADD8701 Datasheet
289Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8710 AD-ADD8710_15 Datasheet
308Kb / 12P
   10-Channel Gamma Buffer with VCOM Driver
REV. B
logo
Maxim Integrated Produc...
DS3514 MAXIM-DS3514 Datasheet
338Kb / 21P
   I2C Gamma and VCOM Buffer with EEPROM
Rev 1; 10/08
logo
Analog Devices
ADD8702 AD-ADD8702 Datasheet
233Kb / 8P
   12-Channel Gamma Buffers with Vcom Buffer
REV. 0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com