Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33261 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MC33261
Description  POWER FACTOR CONTROLLERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33261 Datasheet(HTML) 5 Page - Motorola, Inc

  MC33261 Datasheet HTML 1Page - Motorola, Inc MC33261 Datasheet HTML 2Page - Motorola, Inc MC33261 Datasheet HTML 3Page - Motorola, Inc MC33261 Datasheet HTML 4Page - Motorola, Inc MC33261 Datasheet HTML 5Page - Motorola, Inc MC33261 Datasheet HTML 6Page - Motorola, Inc MC33261 Datasheet HTML 7Page - Motorola, Inc MC33261 Datasheet HTML 8Page - Motorola, Inc MC33261 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MC34261 MC33261
5
MOTOROLA ANALOG IC DEVICE DATA
Figure 9. Zero Current Detector Input Threshold
Voltage Change versus Temperature
–55
–25
0
25
50
75
100
125
TA, AMBIENT TEMPERATURE (°C)
Minimum Operating Threshold
(VCC Decreasing)
Figure 10. Output Saturation Voltage
versus Load Current
Gnd
VCC
0
80
160
240
320
IO, OUTPUT LOAD CURRENT (mA)
Source Saturation
(Load to Ground)
Sink Saturation
(Load to VCC)
VCC = 12 V
80
µs Pulsed Load
120 Hz Rate
Figure 11. Drive Output Waveform
–55
–25
0
25
50
75
100
125
TA, AMBIENT TEMPERATURE (°C)
VCC = 12 V
Upper Threshold
(Vin Increasing)
Lower Threshold
(Vin Decreasing)
Figure 12. Drive Output Cross Conduction
Figure 13. Supply Current versus Supply Voltage
Figure 14. Undervoltage Lockout Thresholds
versus Temperature
10
20
30
40
VCC, SUPPLY VOLTAGE (V)
VFB = 0 V
Current Sense = 0 V
Multiplier = 0 V
CL = 1.0 nF
f = 50 kHz
TA = 25°C
VCC = 12 V
CL = 1.0 nF
TA = 25°C
VCC = 12 V
CL = 15 pF
TA = 25°C
90
%
10
%
100 ns/DIV
100 ns/DIV
12
11
10
9.0
8.0
6.0
7.0
0
–2.0
–4.0
–6.0
2.0
0
4.0
40
20
0
–20
–40
16
12
8.0
4.0
0
0
Startup Threshold
(VCC Increasing)


Similar Part No. - MC33261

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33261D ONSEMI-MC33261D Datasheet
500Kb / 13P
   Power Factor Controllers
July, 2006 ??Rev. 3
MC33261P ONSEMI-MC33261P Datasheet
500Kb / 13P
   Power Factor Controllers
July, 2006 ??Rev. 3
More results

Similar Description - MC33261

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34261 ONSEMI-MC34261 Datasheet
500Kb / 13P
   Power Factor Controllers
July, 2006 ??Rev. 3
MC34262 ONSEMI-MC34262_05 Datasheet
394Kb / 19P
   Power Factor Controllers
November, 2005 ??Rev. 9
logo
IK Semicon Co., Ltd
IL34262 IKSEMICON-IL34262_11 Datasheet
549Kb / 9P
   Power Factor Controllers
logo
ON Semiconductor
MC34262 ONSEMI-MC34262_13 Datasheet
399Kb / 19P
   Power Factor Controllers
August, 2013 ??Rev. 14
MC34262 ONSEMI-MC34262 Datasheet
393Kb / 16P
   POWER FACTOR CONTROLLERS
1996 REV 1
logo
IK Semicon Co., Ltd
IL34262 IKSEMICON-IL34262 Datasheet
696Kb / 9P
   Power Factor Controllers
logo
List of Unclassifed Man...
IL34262 ETC-IL34262 Datasheet
316Kb / 12P
   Power Factor Controllers
logo
Guangdong Kexin Industr...
MC34262 KEXIN-MC34262 Datasheet
676Kb / 8P
   Power Factor Controllers
logo
Unisonic Technologies
MC34262 UTC-MC34262 Datasheet
206Kb / 6P
   POWER FACTOR CONTROLLERS
logo
ON Semiconductor
MC34262 ONSEMI-MC34262_11 Datasheet
401Kb / 19P
   Power Factor Controllers
September, 2011 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com