Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS754SCB-130-PFF Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # ACS754SCB-130-PFF
Description  Current Sensor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS754SCB-130-PFF Datasheet(HTML) 5 Page - Allegro MicroSystems

  ACS754SCB-130-PFF Datasheet HTML 1Page - Allegro MicroSystems ACS754SCB-130-PFF Datasheet HTML 2Page - Allegro MicroSystems ACS754SCB-130-PFF Datasheet HTML 3Page - Allegro MicroSystems ACS754SCB-130-PFF Datasheet HTML 4Page - Allegro MicroSystems ACS754SCB-130-PFF Datasheet HTML 5Page - Allegro MicroSystems ACS754SCB-130-PFF Datasheet HTML 6Page - Allegro MicroSystems ACS754SCB-130-PFF Datasheet HTML 7Page - Allegro MicroSystems ACS754SCB-130-PFF Datasheet HTML 8Page - Allegro MicroSystems ACS754SCB-130-PFF Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
ACS754130-DS, Rev. 3
Current Sensor: ACS754xCB-130
+I
P (A)
Accuracy
Accuracy
Accuracy
25°C Only
Accuracy
25°C Only
Accuracy
25°C Only
Accuracy
0A
vr
Oe ∆Temperature
Average
V
OUT
–I
P (A)
vr
Oe ∆Temperature
vr
Oe ∆Temperature
Increasing V
OUT (V)
Decreasing V
OUT (V)
–130 A
130 A
Full Scale
Output voltage vs. current, illustrating sensor accuracy at 0 A and at full-scale current


Similar Part No. - ACS754SCB-130-PFF

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS754SCB-100-PFF ALLEGRO-ACS754SCB-100-PFF Datasheet
511Kb / 11P
   Current Sensor
ACS754SCB-100-PSF ALLEGRO-ACS754SCB-100-PSF Datasheet
511Kb / 11P
   Current Sensor
ACS754SCB-100-PSS ALLEGRO-ACS754SCB-100-PSS Datasheet
511Kb / 11P
   Current Sensor
ACS754SCB-150-PFF ALLEGRO-ACS754SCB-150-PFF Datasheet
448Kb / 11P
   Current Sensor
ACS754SCB-150-PSF ALLEGRO-ACS754SCB-150-PSF Datasheet
448Kb / 11P
   Current Sensor
More results

Similar Description - ACS754SCB-130-PFF

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS754XCB-050 ALLEGRO-ACS754XCB-050 Datasheet
508Kb / 11P
   Current Sensor
ACS754XCB-150 ALLEGRO-ACS754XCB-150 Datasheet
448Kb / 11P
   Current Sensor
ACS755XCB-050 ALLEGRO-ACS755XCB-050 Datasheet
434Kb / 10P
   Current Sensor
logo
Zetex Semiconductors
ZMC10 ZETEX-ZMC10 Datasheet
18Kb / 2P
   Current Sensor
logo
Allegro MicroSystems
ACS752SCA-050 ALLEGRO-ACS752SCA-050 Datasheet
1Mb / 11P
   Current Sensor
ACS750XCA-050 ALLEGRO-ACS750XCA-050_05 Datasheet
550Kb / 12P
   Current Sensor
logo
MPS Industries, Inc.
P4100E5 MPSIND-P4100E5 Datasheet
180Kb / 1P
   CURRENT SENSOR
logo
Diodes Incorporated
ZMC10D DIODES-ZMC10D Datasheet
251Kb / 4P
   Current Sensor
logo
Zetex Semiconductors
ZMC10D ZETEX-ZMC10D Datasheet
244Kb / 4P
   Current Sensor
logo
CUI INC
CSXX05B CUI-CSXX05B_V01 Datasheet
362Kb / 4P
   CURRENT SENSOR
02/19/2020
CSXX05U CUI-CSXX05U_V01 Datasheet
331Kb / 4P
   CURRENT SENSOR
02/19/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com