Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5367IU Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL5367IU
Description  1GHz Triple Current Feedback Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5367IU Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL5367IU Datasheet HTML 2Page - Intersil Corporation EL5367IU Datasheet HTML 3Page - Intersil Corporation EL5367IU Datasheet HTML 4Page - Intersil Corporation EL5367IU Datasheet HTML 5Page - Intersil Corporation EL5367IU Datasheet HTML 6Page - Intersil Corporation EL5367IU Datasheet HTML 7Page - Intersil Corporation EL5367IU Datasheet HTML 8Page - Intersil Corporation EL5367IU Datasheet HTML 9Page - Intersil Corporation EL5367IU Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
FN7457.1
November 9, 2004
FIGURE 13. COMMON MODE REJECTION AS THE FUNCTION
OF THE FREQUENCY AND POWER SUPPLY
VOLTAGE
FIGURE 14. LARGE SIGNAL RESPONSE
FIGURE 15. TOUT vs FREQUENCY AND VCC, VEE
FIGURE 16. DISTORTION vs FREQUENCY
FIGURE 17. HARMONIC DISTORTION vs SUPPLY VOLTAGE
FIGURE 18. HARMONIC DISTORTION vs SUPPLY VOLTAGE
Typical Performance Curves (Continued)
RF=RG=392Ω
1K
FREQUENCY (Hz)
10K
1M
100M
20
10
-10
-30
-60
-80
0
-20
-40
100K
10M
-70
-50
6.0V
5.0V
3.5V
2.5V
VCC=5V
VEE=-5V
RL=150Ω
GAIN=2
LOAD=150
INPUT LEVEL=3VP-P
3
1
-1
-3
-5
-7
100K
FREQUENCY (Hz)
1M
10M
1G
100M
±6.0V
±5.0V
±3.0V
±2.5V
100
FREQUENCY (Hz)
200 300
600
1K
2
0
1.5
1
0.5
400
800
700
500
900
VCC, VEE=5V
RL=150Ω
AV=2
1
FREQUENCY (MHz)
611
21
-50
-55
-65
-75
-85
-60
-70
-80
16
31
26
36
2ND HD
3RD HD
THD
5
TOTAL SUPPLY VOLTAGE (V)
67
9
-74
-78
-82
-86
-76
-80
-84
811
10
12
2ND HD
3RD HD
THD
VCC, VEE=5V
RL=150Ω
AV=2
5
TOTAL SUPPLY VOLTAGE (V)
67
9
10
-10
-50
-90
-30
-70
811
10
12
3RD HD
THD
f=5MHz
RL=150Ω
AV=2
VO=2VP-P
2ND HD
EL5367


Similar Part No. - EL5367IU

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5367IU RENESAS-EL5367IU Datasheet
613Kb / 11P
   1GHz Triple Current Feedback Amplifier
EL5367IU-T13 RENESAS-EL5367IU-T13 Datasheet
613Kb / 11P
   1GHz Triple Current Feedback Amplifier
EL5367IU-T7 RENESAS-EL5367IU-T7 Datasheet
613Kb / 11P
   1GHz Triple Current Feedback Amplifier
More results

Similar Description - EL5367IU

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5367 RENESAS-EL5367 Datasheet
613Kb / 11P
   1GHz Triple Current Feedback Amplifier
logo
Elantec Semiconductor
EL5191C ELANTEC-EL5191C Datasheet
369Kb / 17P
   1GHz Current Feedback Amplifier
logo
Intersil Corporation
EL5191 INTERSIL-EL5191_07 Datasheet
440Kb / 20P
   1GHz Current Feedback Amplifier with Enable
EL5191 INTERSIL-EL5191 Datasheet
409Kb / 17P
   1GHz Current Feedback Amplifier with Enable
logo
Elantec Semiconductor
EL5392C ELANTEC-EL5392C Datasheet
320Kb / 15P
   Triple 600MHz Current Feedback Amplifier
logo
Intersil Corporation
EL2360 INTERSIL-EL2360 Datasheet
279Kb / 14P
   Triple 130MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL5393C ELANTEC-EL5393C Datasheet
315Kb / 15P
   Triple 300MHz Current Feedback Amplifier
EL2360C ELANTEC-EL2360C Datasheet
417Kb / 16P
   Triple 130 MHz Current Feedback Amplifier
logo
Texas Instruments
OPA3681 TI1-OPA3681 Datasheet
401Kb / 22P
[Old version datasheet]   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER
OPA3691 TI1-OPA3691 Datasheet
1Mb / 32P
[Old version datasheet]   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com