Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5367IU-T13 Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL5367IU-T13
Description  1GHz Triple Current Feedback Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5367IU-T13 Datasheet(HTML) 5 Page - Intersil Corporation

  EL5367IU-T13 Datasheet HTML 1Page - Intersil Corporation EL5367IU-T13 Datasheet HTML 2Page - Intersil Corporation EL5367IU-T13 Datasheet HTML 3Page - Intersil Corporation EL5367IU-T13 Datasheet HTML 4Page - Intersil Corporation EL5367IU-T13 Datasheet HTML 5Page - Intersil Corporation EL5367IU-T13 Datasheet HTML 6Page - Intersil Corporation EL5367IU-T13 Datasheet HTML 7Page - Intersil Corporation EL5367IU-T13 Datasheet HTML 8Page - Intersil Corporation EL5367IU-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
FN7457.1
November 9, 2004
FIGURE 7. FREQUENCY RESPONSE AS THE FUNCTION OF
THE POWER SUPPLY VOLTAGE
FIGURE 8. INVERTING AMPLIFIER, FREQUENCY
RESPONSE AS THE FUNCTION OF VCC, VEE
GAIN - 1
FIGURE 9. TRANSIMPEDANCE MAGNITUDE AND PHASE AS
THE FUNCTION OF THE FREQUENCY
FIGURE 10. CLOSED LOOP OUTPUT IMPEDANCE vs
FREQUENCY
FIGURE 11. PSRR +5V
FIGURE 12. PSRR -5V
Typical Performance Curves (Continued)
RL=150Ω
RF=300Ω
RG=300Ω
2.5V
3.0V
6.0V
5.0V
4
2
0
-2
-4
-6
100K
FREQUENCY (Hz)
1M
10M
100M
1G
RL=150Ω
RF=220
RG=220Ω
5.0V
6.0V
2.5V
3.5V
4
2
0
-2
-4
-6
1M
FREQUENCY (Hz)
10M
100M
1G
100K
FREQUENCY (Hz)
1M
10M
100M
1G
VCC, VEE=2.5V
2.5V
5.0V
6.0V
2.5V
5.0V
1M
100K
10K
1K
100
45
-45
-135
-225
-315
ROL
PHASE
VCC, VEE=5V
GAIN=2
10K
FREQUENCY (Hz)
100K
1M
10M
100M
10
1
100m
10m
VCC=5V
VEE=-5V
RL=150Ω
RF=402Ω
RG=402Ω
100
FREQUENCY (Hz)
1K
10K
1M
100M
0
10
30
50
70
80
20
40
60
100K
10M
VCC=5V
VEE=-5V
RL=150Ω
RF=402Ω
RG=402Ω
100
FREQUENCY (Hz)
1K
10K
1M
100M
0
10
30
50
70
80
20
40
60
100K
10M
EL5367


Similar Part No. - EL5367IU-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5367IU-T13 RENESAS-EL5367IU-T13 Datasheet
613Kb / 11P
   1GHz Triple Current Feedback Amplifier
More results

Similar Description - EL5367IU-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5367 RENESAS-EL5367 Datasheet
613Kb / 11P
   1GHz Triple Current Feedback Amplifier
logo
Elantec Semiconductor
EL5191C ELANTEC-EL5191C Datasheet
369Kb / 17P
   1GHz Current Feedback Amplifier
logo
Intersil Corporation
EL5191 INTERSIL-EL5191_07 Datasheet
440Kb / 20P
   1GHz Current Feedback Amplifier with Enable
EL5191 INTERSIL-EL5191 Datasheet
409Kb / 17P
   1GHz Current Feedback Amplifier with Enable
logo
Elantec Semiconductor
EL5392C ELANTEC-EL5392C Datasheet
320Kb / 15P
   Triple 600MHz Current Feedback Amplifier
logo
Intersil Corporation
EL2360 INTERSIL-EL2360 Datasheet
279Kb / 14P
   Triple 130MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL5393C ELANTEC-EL5393C Datasheet
315Kb / 15P
   Triple 300MHz Current Feedback Amplifier
EL2360C ELANTEC-EL2360C Datasheet
417Kb / 16P
   Triple 130 MHz Current Feedback Amplifier
logo
Texas Instruments
OPA3681 TI1-OPA3681 Datasheet
401Kb / 22P
[Old version datasheet]   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER
OPA3691 TI1-OPA3691 Datasheet
1Mb / 32P
[Old version datasheet]   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com