Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC3458 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC3458
Description  DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC3458 Datasheet(HTML) 5 Page - ON Semiconductor

  MC3458 Datasheet HTML 1Page - ON Semiconductor MC3458 Datasheet HTML 2Page - ON Semiconductor MC3458 Datasheet HTML 3Page - ON Semiconductor MC3458 Datasheet HTML 4Page - ON Semiconductor MC3458 Datasheet HTML 5Page - ON Semiconductor MC3458 Datasheet HTML 6Page - ON Semiconductor MC3458 Datasheet HTML 7Page - ON Semiconductor MC3458 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC3458 MC3358
5
MOTOROLA ANALOG IC DEVICE DATA
1.0
10
100
1.0 k
10 k
100 k
1.0 M
f, FREQUENCY (Hz)
–20
0
20
40
60
80
100
120
Figure 1. Sine Wave Response
50
µs/DIV
AV = 100
Figure 2. Open Loop Frequency Response
Figure 3. Power Bandwidth
Figure 4. Output Swing versus Supply Voltage
Figure 5. Input Bias Current
versus Temperature
f, FREQUENCY (Hz)
1.0 k
10 k
100 k
1.0 M
–5.0
0
5.0
10
15
20
25
30
+15 V
–15 V
10 k
VO
+
0
2.0
4.0
6.0
8.0
10
12
14
16
18
20
VCC AND (VEE), POWER SUPPLY VOLTAGES (V)
0
20
30
10
T, TEMPERATURE (
°C)
–75
–55
–35
–15
5.0
25
45
65
85
105
125
100
200
300
VCC AND (VEE), POWER SUPPLY VOLTAGES (V)
0
2.0
4.0
6.0
8.0
10
12
14
16
18
20
150
160
170
Figure 6. Input Bias Current
versus Supply Voltage
VCC = +15 V
VEE = –15 V
TA = 25°C
TA = 25°C
TA = 25°C
VCC = +15 V
VEE = –15 V
TA = 25°C
*Note Class A B output stage produces distortion less sinewave.


Similar Part No. - MC3458

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC3458 MOTOROLA-MC3458 Datasheet
346Kb / 6P
   Dual, Low Power Operational Amplifiers
MC3458D MOTOROLA-MC3458D Datasheet
346Kb / 6P
   Dual, Low Power Operational Amplifiers
MC3458P1 MOTOROLA-MC3458P1 Datasheet
346Kb / 6P
   Dual, Low Power Operational Amplifiers
MC3458U MOTOROLA-MC3458U Datasheet
346Kb / 6P
   Dual, Low Power Operational Amplifiers
logo
ON Semiconductor
MC3458 ONSEMI-MC3458_07 Datasheet
98Kb / 12P
   Dual, Low Power Operational Amplifiers
March, 2001 ??Rev. 1
More results

Similar Description - MC3458

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM358 MOTOROLA-LM358 Datasheet
160Kb / 8P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM358 ONSEMI-LM358 Datasheet
160Kb / 16P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
August, 2002 ??Rev. 11
logo
First Components Intern...
LM358 FCI-LM358 Datasheet
262Kb / 4P
   Dual Differential Input Operational Amplifiers
logo
ON Semiconductor
MC3403 ONSEMI-MC3403 Datasheet
165Kb / 8P
   QUAD DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
1996 REV 5
logo
Linear Integrated Syste...
LF412A LINEAR-LF412A Datasheet
486Kb / 4P
   Dual Precision JFET Input Operational Amplifiers
logo
Linear Technology
LF412A LINER-LF412A_15 Datasheet
492Kb / 4P
   Dual Precision JFET Input Operational Amplifiers
logo
Sanyo Semicon Device
LA6082D SANYO-LA6082D Datasheet
108Kb / 5P
   J-FET Input Dual Operational Amplifiers
logo
Mitsubishi Electric Sem...
M5238FP MITSUBISHI-M5238FP Datasheet
156Kb / 4P
   DUAL LOW NOISE JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL080 TI-TL080 Datasheet
368Kb / 19P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com