Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS755LCB-100-PFF Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # ACS755LCB-100-PFF
Description  Current Sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS755LCB-100-PFF Datasheet(HTML) 4 Page - Allegro MicroSystems

  ACS755LCB-100-PFF Datasheet HTML 1Page - Allegro MicroSystems ACS755LCB-100-PFF Datasheet HTML 2Page - Allegro MicroSystems ACS755LCB-100-PFF Datasheet HTML 3Page - Allegro MicroSystems ACS755LCB-100-PFF Datasheet HTML 4Page - Allegro MicroSystems ACS755LCB-100-PFF Datasheet HTML 5Page - Allegro MicroSystems ACS755LCB-100-PFF Datasheet HTML 6Page - Allegro MicroSystems ACS755LCB-100-PFF Datasheet HTML 7Page - Allegro MicroSystems ACS755LCB-100-PFF Datasheet HTML 8Page - Allegro MicroSystems ACS755LCB-100-PFF Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
ACS755100-DS, Rev. 2
Current Sensor: ACS755xCB-100
Nonlinearity (%) = 100
1 –
Vout _1/4 full-scale IP –VOUT(Q)
Vout _3/4 full-scale IP –VOUT(Q)
‰
3
Sensitivity (Sens): The change in sensor output in response to a 1A change through the primary conductor. The sensitivity is the
product of the magnetic circuit sensitivity (G /A) and the linear IC amplifier gain (mV/G). The linear IC amplifier gain is trimmed at the
factory to optimize the sensitivity (mV/A) for the full-scale current of the device.
Noise (VNOISE): The product of the linear IC amplifier gain (mV/G) and the noise floor for the Allegro Hall effect linear IC (≈1 G).
The noise floor is derived from the thermal and shot noise observed in Hall elements. Dividing the noise (mV) by the sensitivity
(mV/A) provides the smallest current that the device is able to resolve.
Linearity (ELIN): The degree to which the voltage output from the sensor varies in direct proportion to the primary current through its
full-scale amplitude. Nonlinearity in the output can be attributed to the saturation of the flux concentrator approaching the full-scale
current. The following equation is used to derive the linearity
Definitions of Accuracy Characteristics
where
Vout_¼ full-scale IP (V) is the output voltage when the sensed current approximates 0.25 × IP(max), and
Vout_¾ full-scale IP (V) is the output voltage when the sensed current approximates 0.75 × IP(max).
Quiescent output voltage (VOUT(Q)): The output of the sensor when the primary current is zero. For a unipolar supply voltage, it
nominally remains at 0.6 V. Variation in VOUT(Q) can be attributed to the resolution of the Allegro linear IC quiescent voltage trim,
magnetic hysteresis, and thermal drift.
Electrical offset voltage (VOE): The deviation of the device output from its ideal quiescent value due to nonmagnetic causes.
Magnetic offset error (IERROM): The magnetic offset is due to the residual magnetism (remnant field) of the core material. The mag-
netic offset error is highest when the magnetic circuit has been saturated, usually when the device has been subjected to a full-scale or
high-current overload condition. The magnetic offset is largely dependent on the material used as a flux concentrator. The larger mag-
netic offsets are observed at the lower operating temperatures.
Accuracy (ETOT): The accuracy represents the maximum deviation of the actual output from its ideal value. This is also known as the
total ouput error. The accuracy is illustrated graphically in the Output Voltage versus Current chart on the following page.
Accuracy is divided into four areas:
• 0 A at 25°C: Accuracy of sensing zero current flow at 25°C, without the effects of temperature.
• 0 A over temperature: Accuracy of sensing zero current flow including temperature effects.
• Full-scale current at 25°C: Accuracy of sensing the full-scale current at 25°C, without the effects of temperature.
• Full-scale current over Δ temperature: Accuracy of sensing full-scale current flow including temperature effects.


Similar Part No. - ACS755LCB-100-PFF

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS755LCB-130-PFF ALLEGRO-ACS755LCB-130-PFF Datasheet
434Kb / 10P
   Current Sensor
ACS755LCB-130-PSF ALLEGRO-ACS755LCB-130-PSF Datasheet
434Kb / 10P
   Current Sensor
ACS755LCB-130-PSS ALLEGRO-ACS755LCB-130-PSS Datasheet
434Kb / 10P
   Current Sensor
More results

Similar Description - ACS755LCB-100-PFF

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS754XCB-050 ALLEGRO-ACS754XCB-050 Datasheet
508Kb / 11P
   Current Sensor
ACS754XCB-150 ALLEGRO-ACS754XCB-150 Datasheet
448Kb / 11P
   Current Sensor
ACS755XCB-050 ALLEGRO-ACS755XCB-050 Datasheet
434Kb / 10P
   Current Sensor
logo
Zetex Semiconductors
ZMC10 ZETEX-ZMC10 Datasheet
18Kb / 2P
   Current Sensor
logo
Allegro MicroSystems
ACS752SCA-050 ALLEGRO-ACS752SCA-050 Datasheet
1Mb / 11P
   Current Sensor
ACS750XCA-050 ALLEGRO-ACS750XCA-050_05 Datasheet
550Kb / 12P
   Current Sensor
logo
MPS Industries, Inc.
P4100E5 MPSIND-P4100E5 Datasheet
180Kb / 1P
   CURRENT SENSOR
logo
Diodes Incorporated
ZMC10D DIODES-ZMC10D Datasheet
251Kb / 4P
   Current Sensor
logo
Zetex Semiconductors
ZMC10D ZETEX-ZMC10D Datasheet
244Kb / 4P
   Current Sensor
logo
CUI INC
CSXX05B CUI-CSXX05B_V01 Datasheet
362Kb / 4P
   CURRENT SENSOR
02/19/2020
CSXX05U CUI-CSXX05U_V01 Datasheet
331Kb / 4P
   CURRENT SENSOR
02/19/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com