Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M5M51008CVP-70X Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # M5M51008CVP-70X
Description  1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M51008CVP-70X Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

  M5M51008CVP-70X Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5M51008CVP-70X Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5M51008CVP-70X Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M51008CVP-70X Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M51008CVP-70X Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M51008CVP-70X Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M51008CVP-70X Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MITSUBISHI LSIs
M5M51008CP,FP,VP,RV,KV,KR -55H, -70H,
-55X, -70X
1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
MITSUBISHI
ELECTRIC
VCC = 3V
1) S2
≤ 0.2V,
other inputs = 0~3V
2) S1
≥ VCC–0.2V,
S2
≥ VCC–0.2V
other inputs = 0~3V
(Ta=0~70°C, unless otherwise noted)
0.2V
t rec (PD)
4.5V
S2
≤ 0.2V
(3) POWER DOWN CHARACTERISTICS
S1 control mode
S2 control mode
POWER DOWN CHARACTERISTICS
(1) ELECTRICAL CHARACTERISTICS
Power down set up time
Power down recovery time
(2) TIMING REQUIREMENTS (Ta=0~70°C, unless otherwise noted )
tsu (PD)
trec (PD)
Symbol
Parameter
ns
Max
Typ
Limits
Min
Test conditions
Unit
0
5
ms
4.5V
t su (PD)
0.2V
2.2V
t su (PD)
4.5V
4.5V
2.2V
t rec (PD)
S1
≥ VCC – 0.2V
VCC
S1
VCC
S2
Symbol
Parameter
V
V
Max
Typ
Limits
Min
Test conditions
Unit
µA
0.2
VCC (PD)
VI (S1)
VI (S2)
ICC (PD)
Power down supply voltage
Chip select input S1
Chip select input S2
Power down supply current
2.2
7
~25°C
~40°C
~70°C
~25°C
~40°C
~70°C
-H
-X
1
3
10
0.5
1.5
4
V
0.8
Vcc(PD)
4.5V
≤Vcc(PD)
Vcc(PD)<4.5V
2.2V
≤Vcc(PD)
2.0
2V
≤Vcc(PD)≤2.2V


Similar Part No. - M5M51008CVP-70X

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M51008BFP MITSUBISHI-M5M51008BFP Datasheet
68Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M51008BFP-10VL MITSUBISHI-M5M51008BFP-10VL Datasheet
68Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M51008BFP-10VLL MITSUBISHI-M5M51008BFP-10VLL Datasheet
68Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M51008BFP-12VL MITSUBISHI-M5M51008BFP-12VL Datasheet
68Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M51008BFP-12VLL MITSUBISHI-M5M51008BFP-12VLL Datasheet
68Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
More results

Similar Description - M5M51008CVP-70X

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M512R88DJ-10 MITSUBISHI-M5M512R88DJ-10 Datasheet
62Kb / 6P
   1048576-BIT (131072-WORD BY 8-BIT) CMOS STATIC RAM
M5M51008DFP MITSUBISHI-M5M51008DFP Datasheet
70Kb / 8P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M5V108DFP-70H MITSUBISHI-M5M5V108DFP-70H Datasheet
59Kb / 8P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V108DFP-70H RENESAS-M5M5V108DFP-70H Datasheet
117Kb / 9P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M51008BFP MITSUBISHI-M5M51008BFP Datasheet
68Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M5V108CFP-70H MITSUBISHI-M5M5V108CFP-70H Datasheet
86Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M5V108CFP-70HI MITSUBISHI-M5M5V108CFP-70HI Datasheet
87Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
logo
Renesas Technology Corp
M5M51008DFP RENESAS-M5M51008DFP Datasheet
120Kb / 9P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M28F101AFP MITSUBISHI-M5M28F101AFP Datasheet
96Kb / 10P
   1048576-BIT (131072-WORD BY 8-BIT) CMOS FLASH MEMORY
M5M5V216ATP MITSUBISHI-M5M5V216ATP Datasheet
111Kb / 7P
   2097152-BIT (131072-WORD BY 16-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com