Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M5M5V408BKR Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # M5M5V408BKR
Description  4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M5V408BKR Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

Back Button M5M5V408BKR Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M5V408BKR Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M5V408BKR Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M5V408BKR Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M5M5V408BKR Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M5M5V408BKR Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M5M5V408BKR Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M5M5V408BKR Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M5M5V408BKR Datasheet HTML 12Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
MITSUBISHI ELECTRIC
M5M5V408BFP/TP/RT/KV/KR
revision-K1.0e, ' 98.09.07
4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
MITSUBISHI LSIs
8
tsu (PD)
trec (PD)
ns
0
5
ms
2.2V
tsu (PD)
2.7V
2.7V
2.2V
trec (PD)
S
≥Vcc - 0.2V
Vcc
V
V
2.0
Vcc (PD)
VI (S)
Icc (PD)
2.0
S
-HW, -HI
+70°C
+40 ~ +70°C
+25 ~ +40°C
+70 ~ +85°C
+70 ~ +85°C
-L, -LW, -LI
-H, -HW, -HI
0 ~ +25°C
-LW, -LI
-20 ~ +25°C
-40 ~ +25°C
-H
-HW
-HI
10
1
0.3
0.3
0.3
1
1
1
3
-
-
-
-
20
20
40
-
-
-
-
-
-
-
-
µA
µA
µA
µA
µA
µA
µA
µA
POWER DOWN CHARACTERISTICS
(1) ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test conditions
Limits
Min
Typ
Max
Units
Power down supply voltage
Chip select input S
Power down
supply current
Vcc=3.0V, S
≥Vcc-0.2V,
Other inputs=0 ~ Vcc
(2) TIMING REQUIREMINTS
Symbol
Parameter
Test conditions
Limits
Min
Typ
Max
Units
Power down set up time
Power down recovery time
(3) TIMING DIAGRAM
S control mode
Typical value is for Ta=25°C


Similar Part No. - M5M5V408BKR

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5V408BKR MITSUBISHI-M5M5V408BKR Datasheet
171Kb / 14P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V408BKR-10H MITSUBISHI-M5M5V408BKR-10H Datasheet
171Kb / 14P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V408BKR-10HI MITSUBISHI-M5M5V408BKR-10HI Datasheet
171Kb / 14P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V408BKR-10HW MITSUBISHI-M5M5V408BKR-10HW Datasheet
171Kb / 14P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V408BKR-10L MITSUBISHI-M5M5V408BKR-10L Datasheet
171Kb / 14P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
More results

Similar Description - M5M5V408BKR

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5V408BFP-85L MITSUBISHI-M5M5V408BFP-85L Datasheet
171Kb / 14P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V408BFP RENESAS-M5M5V408BFP Datasheet
151Kb / 10P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M54R08J-12 MITSUBISHI-M5M54R08J-12 Datasheet
57Kb / 6P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V4R08J-12 MITSUBISHI-M5M5V4R08J-12 Datasheet
56Kb / 12P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5408BFP RENESAS-M5M5408BFP Datasheet
143Kb / 10P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5408BFP MITSUBISHI-M5M5408BFP Datasheet
56Kb / 10P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
M5M54R08AJ-10 MITSUBISHI-M5M54R08AJ-10 Datasheet
45Kb / 6P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V4R01J-12 MITSUBISHI-M5M5V4R01J-12 Datasheet
56Kb / 6P
   4194304-BIT (4194304-WORD BY 1-BIT) CMOS STATIC RAM
M5M54R01AJ-12 MITSUBISHI-M5M54R01AJ-12 Datasheet
43Kb / 6P
   4194304-BIT (4194304-WORD BY 1-BIT) CMOS STATIC RAM
M5M54R01J-12 MITSUBISHI-M5M54R01J-12 Datasheet
55Kb / 6P
   4194304-BIT (4194304-WORD BY 1-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com