Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5462 Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL5462
Description  500MHz Low Power Current Feedback Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5462 Datasheet(HTML) 6 Page - Intersil Corporation

  EL5462 Datasheet HTML 1Page - Intersil Corporation EL5462 Datasheet HTML 2Page - Intersil Corporation EL5462 Datasheet HTML 3Page - Intersil Corporation EL5462 Datasheet HTML 4Page - Intersil Corporation EL5462 Datasheet HTML 5Page - Intersil Corporation EL5462 Datasheet HTML 6Page - Intersil Corporation EL5462 Datasheet HTML 7Page - Intersil Corporation EL5462 Datasheet HTML 8Page - Intersil Corporation EL5462 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
FN7492.0
February 14, 2005
Applications Information
Product Description
The EL5462 is a low power, current-feedback operational
amplifier that offers a wide -3dB bandwidth of 500MHz and a
low supply current of 1.5mA per amplifier. The EL5462
works with supply voltages ranging from a single 5V to 10V
and they are also capable of swinging to within 1V of either
supply on the output. Because of its current-feedback
topology, the EL5462 does not have the normal gain-
bandwidth product associated with voltage-feedback
operational amplifiers. Instead, its -3dB bandwidth to remain
relatively constant as closed-loop gain is increased. This
combination of high bandwidth and low power, together with
aggressive pricing makes the EL5462 the ideal choice for
many low-power/high-bandwidth applications such as
portable, handheld, or battery-powered equipment.
Power Supply Bypassing and Printed Circuit
Board Layout
As with any high frequency device, a good printed circuit
board layout is necessary for optimum performance. Low
impedance ground plane construction is essential. Surface
mount components are recommended, but if leaded
components are used, lead lengths should be as short as
possible. The power supply pins must be well bypassed to
reduce the risk of oscillation. The combination of a 4.7µF
tantalum capacitor in parallel with a 0.01µF capacitor has
been shown to work well when placed at each supply pin.
For good AC performance, parasitic capacitance should be
kept to a minimum, especially at the inverting input. (See the
Capacitance at the Inverting Input section) Even when
ground plane construction is used, it should be removed
from the area near the inverting input to minimize any stray
capacitance at that node. Carbon or Metal-Film resistors are
acceptable with the Metal-Film resistors giving slightly less
peaking and bandwidth because of additional series
inductance. Use of sockets, particularly for the SO package,
should be avoided if possible. Sockets add parasitic
inductance and capacitance which will result in additional
peaking and overshoot.
Capacitance at the Inverting Input
Any manufacturer’s high-speed voltage or current-feedback
amplifier can be affected by stray capacitance at the
inverting input. For inverting gains, this parasitic capacitance
has little effect because the inverting input is a virtual
ground, but for non-inverting gains, this capacitance (in
conjunction with the feedback and gain resistors) creates a
pole in the feedback path of the amplifier. This pole, if low
enough in frequency, has the same destabilizing effect as a
zero in the forward open-loop response. The use of large-
value feedback and gain resistors exacerbates the problem
by further lowering the pole frequency (increasing the
possibility of oscillation.)
The EL5462 has been optimized with a 600
Ω feedback
resistor. With the high bandwidth of these amplifiers, these
resistor values might cause stability problems when
combined with parasitic capacitance, thus ground plane is
not recommended around the inverting input pin of the
amplifier.
Pin Descriptions
EL5462
PIN NAME
FUNCTION
EQUIVALENT CIRCUIT
2, 6, 9, 13
IN-
Inverting input
Circuit 1
3, 5, 10, 12
IN+
Non-inverting input
(See circuit 1)
11
VS-
Negative supply
1, 7, 8, 14
OUT
Output
Circuit 2
4
VS+
Positive supply
IN-
IN+
VS+
VS-
VS+
VS-
OUT
EL5462


Similar Part No. - EL5462

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5462 RENESAS-EL5462 Datasheet
561Kb / 9P
   500MHz Low Power Current Feedback Amplifier
logo
Intersil Corporation
EL5462 INTERSIL-EL5462 Datasheet
419Kb / 9P
   500MHz Low Power Current Feedback Amplifier
February 14, 2005
logo
Renesas Technology Corp
EL5462IS RENESAS-EL5462IS Datasheet
561Kb / 9P
   500MHz Low Power Current Feedback Amplifier
logo
Intersil Corporation
EL5462IS-T13 INTERSIL-EL5462IS-T13 Datasheet
419Kb / 9P
   500MHz Low Power Current Feedback Amplifier
February 14, 2005
logo
Renesas Technology Corp
EL5462IS-T13 RENESAS-EL5462IS-T13 Datasheet
561Kb / 9P
   500MHz Low Power Current Feedback Amplifier
More results

Similar Description - EL5462

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5462IS-T7 INTERSIL-EL5462IS-T7 Datasheet
419Kb / 9P
   500MHz Low Power Current Feedback Amplifier
February 14, 2005
logo
Renesas Technology Corp
EL5462 RENESAS-EL5462 Datasheet
561Kb / 9P
   500MHz Low Power Current Feedback Amplifier
logo
Intersil Corporation
EL5162 INTERSIL-EL5162_08 Datasheet
332Kb / 15P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5162 INTERSIL-EL5162_07 Datasheet
328Kb / 14P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5162ISZ INTERSIL-EL5162ISZ Datasheet
574Kb / 18P
   500MHz Low Power Current Feedback Amplifiers with Enable
August 26, 2015
logo
Renesas Technology Corp
EL5162 RENESAS-EL5162 Datasheet
929Kb / 18P
   500MHz Low Power Current Feedback Amplifiers with Enable
logo
Exar Corporation
CLC1006 EXAR-CLC1006 Datasheet
1Mb / 16P
   Single, 500MHz Voltage Feedback Amplifier
logo
Cadeka Microcircuits LL...
CLC1006 CADEKA-CLC1006 Datasheet
1Mb / 16P
   Single, 500MHz Voltage Feedback Amplifier
logo
Linear Technology
LT1217 LINER-LT1217_15 Datasheet
221Kb / 8P
   Low Power 10MHz Current Feedback Amplifier
logo
Texas Instruments
OPA684 TI1-OPA684_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power, Current Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com