Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5493 Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL5493
Description  Quad 300MHz Current Feedback Amplifier with Enable
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5493 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL5493 Datasheet HTML 4Page - Intersil Corporation EL5493 Datasheet HTML 5Page - Intersil Corporation EL5493 Datasheet HTML 6Page - Intersil Corporation EL5493 Datasheet HTML 7Page - Intersil Corporation EL5493 Datasheet HTML 8Page - Intersil Corporation EL5493 Datasheet HTML 9Page - Intersil Corporation EL5493 Datasheet HTML 10Page - Intersil Corporation EL5493 Datasheet HTML 11Page - Intersil Corporation EL5493 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
Typical Performance Curves (Continued)
0.03
0.02
0.01
0
-0.01
-0.02
-0.03
-0.04
-0.05
-1
-0.5
0
0.5
1
dP
dG
AV=2
RF=RG=500Ω
RL=150Ω
Differential Gain/Phase vs DC Input
Voltage at 3.58MHz
DC Input Voltage
0.04
0.03
0.02
0.01
0
-0.01
-0.02
-0.03
-0.04
-1
-0.5
0
0.5
1
dP
dG
AV=1
RF=750Ω
RL=500Ω
Differential Gain/Phase vs DC Input
Voltage at 3.58MHz
DC Input Voltage
Output Voltage Swing vs Frequency
THD<1%
1
Frequency (MHz)
10
100
10
0
2
4
6
8
1
Frequency (MHz)
10
100
10
0
2
4
6
8
Output Voltage Swing vs Frequency
THD<0.1%
RL=150Ω
AV=2
Small Signal Step Response
Large Signal Step Response
200mV/div
10ns/div
1V/div
10ns/div
VS=±5V
RL=150Ω
AV=2
RF=RG=500Ω
RL=500Ω
RL=150Ω
AV=2
RL=500Ω
VS=±5V
RL=150Ω
AV=2
RF=RG=500Ω
EL5493, EL5493A


Similar Part No. - EL5493

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5493 RENESAS-EL5493 Datasheet
834Kb / 14P
   Quad 300MHz Current Feedback Amplifier with Enable
April, 2003
EL5493ACL RENESAS-EL5493ACL Datasheet
834Kb / 14P
   Quad 300MHz Current Feedback Amplifier with Enable
April, 2003
EL5493ACL-T13 RENESAS-EL5493ACL-T13 Datasheet
834Kb / 14P
   Quad 300MHz Current Feedback Amplifier with Enable
April, 2003
EL5493ACL-T7 RENESAS-EL5493ACL-T7 Datasheet
834Kb / 14P
   Quad 300MHz Current Feedback Amplifier with Enable
April, 2003
EL5493CS RENESAS-EL5493CS Datasheet
834Kb / 14P
   Quad 300MHz Current Feedback Amplifier with Enable
April, 2003
More results

Similar Description - EL5493

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5493 RENESAS-EL5493 Datasheet
834Kb / 14P
   Quad 300MHz Current Feedback Amplifier with Enable
April, 2003
logo
Intersil Corporation
EL5193 INTERSIL-EL5193 Datasheet
345Kb / 17P
   Single 300MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5293 RENESAS-EL5293 Datasheet
800Kb / 16P
   Dual 300MHz Current Feedback Amplifier with Enable
logo
Intersil Corporation
EL5193 INTERSIL-EL5193_06 Datasheet
1Mb / 19P
   Single 300MHz Current Feedback Amplifier with Enable
EL5193 INTERSIL-EL5193_07 Datasheet
406Kb / 20P
   Single 300MHz Current Feedback Amplifier with Enable
EL5293 INTERSIL-EL5293 Datasheet
307Kb / 14P
   Dual 300MHz Current Feedback Amplifier with Enable
EL5293 INTERSIL-EL5293_07 Datasheet
349Kb / 16P
   Dual 300MHz Current Feedback Amplifier with Enable
EL5393A INTERSIL-EL5393A Datasheet
594Kb / 16P
   Triple 300MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5193 RENESAS-EL5193 Datasheet
928Kb / 20P
   Single 300MHz Current Feedback Amplifier with Enable
logo
Intersil Corporation
EL5162 INTERSIL-EL5162 Datasheet
253Kb / 9P
   300MHz Low Power Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com