Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5485CS-T7 Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL5485CS-T7
Description  Quad 4ns High Speed Comparators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5485CS-T7 Datasheet(HTML) 1 Page - Intersil Corporation

  EL5485CS-T7 Datasheet HTML 1Page - Intersil Corporation EL5485CS-T7 Datasheet HTML 2Page - Intersil Corporation EL5485CS-T7 Datasheet HTML 3Page - Intersil Corporation EL5485CS-T7 Datasheet HTML 4Page - Intersil Corporation EL5485CS-T7 Datasheet HTML 5Page - Intersil Corporation EL5485CS-T7 Datasheet HTML 6Page - Intersil Corporation EL5485CS-T7 Datasheet HTML 7Page - Intersil Corporation EL5485CS-T7 Datasheet HTML 8Page - Intersil Corporation EL5485CS-T7 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
®
FN7200
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.
EL5485, EL5486
Quad 4ns High Speed Comparators
The EL5485 and EL5486 comparators
are designed for operation in single
supply and dual supply applications
with 5V to 12V between VS+ and VS-. For single supplies,
the inputs can operate from 0.1V below ground for use in
ground sensing applications.
The output side of the comparators can be supplied from a
single supply of 2.7V to 5V. The rail-to-rail output swing
enables direct connection of the comparator to both CMOS
and TTL logic circuits.
The latch input of the EL5486 can be used to hold the
comparator output value by applying a low logic level to the
pin.
The EL5485 is available in the 16-pin SO (0.150") package
and the EL5486 in the 24-pin QSOP package. Both are
specified for operation over the full -40°C to +85°C
temperature range. Also available are single (EL5185), dual
(EL5285), and window comparator (EL5287) versions.
Pinouts
Features
• 4ns typ. propagation delay
• 5V to 12V input supply
• +2.7V to +5V output supply
• True-to-ground input
• Rail-to-rail outputs
• Active low latch
• Single (EL5185) available
• Dual (EL5285) available
• Window available (EL5287)
• Pin-compatible 8ns family available (EL5x81, EL5283 &
EL5482)
Applications
• Threshold detection
• High speed sampling circuits
• High speed triggers
• Line receivers
• PWM circuits
• High speed V/F converters
1
2
3
4
16
15
14
13
5
6
7
12
11
10
8
9
EL5485
[16-PIN SO (0.150")]
TOP VIEW
1
2
3
4
16
15
14
13
5
6
7
12
11
9
8
10
20
19
18
17
24
23
22
21
EL5486
(24-PIN QSOP)
TOP VIEW
-+
-
+
-+
-
+
INA-
INA+
GND
OUTA
OUTB
VS-
INB+
INB-
IND-
IND+
VS+
OUTD
OUTC
VSD
INC+
INC-
-+
-
+
-+
-
+
LATCHA
OUTA
OUTB
LATCHB
VS-
NC
INB+
INB-
LATCHD
OUTD
OUTC
LATCHC
VSD
NC
INC+
INC-
INA-
INA+
NC
GND
IND-
IND+
NC
VS+
Ordering Information
PART NUMBER
PACKAGE
TAPE &
REEL
PKG. NO.
EL5485CS
16-Pin SO (0.150")
-
MDP0027
EL5485CS-T7
16-Pin SO (0.150")
7”
MDP0027
EL5485CS-T13
16-Pin SO (0.150")
13”
MDP0027
EL5486CU
24-Pin QSOP
-
MDP0040
EL5486CU-T13
24-Pin QSOP
13”
MDP0040
Data Sheet
January 18, 2002
OBS
OLE
TE P
ROD
UCT
NO R
ECO
MME
NDE
D RE
PLAC
EME
NT
con
tact
our
Tech
nica
l Su
ppo
rt Ce
nter
at
1-88
8-IN
TER
SIL
or w
ww.
inte
rsil.c
om/
tsc


Similar Part No. - EL5485CS-T7

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5485CS-T7 ELANTEC-EL5485CS-T7 Datasheet
119Kb / 12P
   Quad 4ns High Speed Comparators
More results

Similar Description - EL5485CS-T7

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5485C ELANTEC-EL5485C Datasheet
119Kb / 12P
   Quad 4ns High Speed Comparators
EL5285C ELANTEC-EL5285C Datasheet
303Kb / 11P
   Dual and Window 4ns High-Speed Comparators
EL5287C ELANTEC-EL5287C Datasheet
98Kb / 10P
   Dual and Window 4ns High-Speed Comparators
logo
Renesas Technology Corp
EL5481 RENESAS-EL5481 Datasheet
568Kb / 9P
   Quad 8ns High-Speed Comparators
June 14, 2001
logo
Intersil Corporation
EL5481 INTERSIL-EL5481 Datasheet
176Kb / 9P
   Quad 8ns High-Speed Comparators
logo
Elantec Semiconductor
EL5481C ELANTEC-EL5481C Datasheet
112Kb / 11P
   Quad 8ns High-Speed Comparators
logo
Intersil Corporation
EL5185 INTERSIL-EL5185 Datasheet
100Kb / 9P
   4ns High-Speed Comparator
logo
Elantec Semiconductor
EL5185C ELANTEC-EL5185C Datasheet
301Kb / 11P
   4ns High-Speed Comparator
logo
Intersil Corporation
EL5285I INTERSIL-EL5285I Datasheet
136Kb / 9P
   Dual 4ns High-Speed Comparator
EL5287 INTERSIL-EL5287 Datasheet
136Kb / 8P
   Window 4ns High-Speed Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com