Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5611 Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL5611
Description  60MHz Rail-to-Rail Input-Output VCOM Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5611 Datasheet(HTML) 5 Page - Intersil Corporation

  EL5611 Datasheet HTML 1Page - Intersil Corporation EL5611 Datasheet HTML 2Page - Intersil Corporation EL5611 Datasheet HTML 3Page - Intersil Corporation EL5611 Datasheet HTML 4Page - Intersil Corporation EL5611 Datasheet HTML 5Page - Intersil Corporation EL5611 Datasheet HTML 6Page - Intersil Corporation EL5611 Datasheet HTML 7Page - Intersil Corporation EL5611 Datasheet HTML 8Page - Intersil Corporation EL5611 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
FN7355.1
August 3, 2005
Electrical Specifications
VS+ = +15V, VS- = 0V, RL = 1kΩ to 7.5V, TA = 25°C, Unless Otherwise Specified
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
INPUT CHARACTERISTICS
VOS
Input Offset Voltage
VCM = 7.5V
3
15
mV
TCVOS
Average Offset Voltage Drift (Note 7)
7
µV/°C
IB
Input Bias Current
VCM = 7.5V
2
60
nA
RIN
Input Impedance
1G
CIN
Input Capacitance
2pF
CMIR
Common-Mode Input Range
-0.5
+15.5
V
CMRR
Common-Mode Rejection Ratio
for VIN from -0.5V to 15.5V
53
72
dB
AVOL
Open-Loop Gain
0.5V
≤ VOUT ≤ 14.5V
62
70
dB
OUTPUT CHARACTERISTICS
VOL
Output Swing Low
IL = -5mA
80
150
mV
VOH
Output Swing High
IL = 5mA
14.85
14.92
V
ISC
Short-circuit Current
±180
mA
IOUT
Output Current
±65
mA
POWER SUPPLY PERFORMANCE
PSRR
Power Supply Rejection Ratio
VS is moved from 4.5V to 15.5V
60
80
dB
IS
Supply Current (Per Amplifier)
No load
2.5
3.75
mA
DYNAMIC PERFORMANCE
SR
Slew Rate (Note 8)
1V
≤ VOUT ≤ 14V, 20% to 80%
75
V/µs
tS
Settling to +0.1% (AV = +1)
(AV = +1), VO = 2V step
80
ns
BW
-3dB Bandwidth
60
MHz
GBWP
Gain-Bandwidth Product
32
MHz
PM
Phase Margin
50
°
CS
Channel Separation
f = 5MHz
110
dB
dG
Differential Gain (Note 9)
RF = RG = 1kΩ and VOUT = 1.4V
0.16
%
dP
Differential Phase (Note 9)
RF = RG = 1kΩ and VOUT = 1.4V
0.22
°
NOTES:
7. Measured over operating temperature range
8. Slew rate is measured on rising and falling edges
9. NTSC signal generator used
EL5611, EL5811


Similar Part No. - EL5611

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5611 RENESAS-EL5611 Datasheet
555Kb / 12P
   60MHz Rail-to-Rail Input-Output VCOM Amplifiers
EL5611IRE RENESAS-EL5611IRE Datasheet
555Kb / 12P
   60MHz Rail-to-Rail Input-Output VCOM Amplifiers
EL5611IRE-T13 RENESAS-EL5611IRE-T13 Datasheet
555Kb / 12P
   60MHz Rail-to-Rail Input-Output VCOM Amplifiers
EL5611IRE-T7 RENESAS-EL5611IRE-T7 Datasheet
555Kb / 12P
   60MHz Rail-to-Rail Input-Output VCOM Amplifiers
More results

Similar Description - EL5611

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5611 RENESAS-EL5611 Datasheet
555Kb / 12P
   60MHz Rail-to-Rail Input-Output VCOM Amplifiers
logo
Global Mixed-mode Techn...
G1561 GMT-G1561 Datasheet
652Kb / 1P
   Rail to Rail Input-Output VCOM Buffer
logo
Linear Technology
LT6234 LINER-LT6234_15 Datasheet
778Kb / 24P
   60MHz, Rail-to-Rail Output
logo
Intersil Corporation
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5211T INTERSIL-EL5211T Datasheet
403Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
EL5111TIWTZ-T7 INTERSIL-EL5111TIWTZ-T7 Datasheet
355Kb / 14P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
May 27, 2010
logo
Linear Technology
LT6233-10 LINER-LT6233-10_15 Datasheet
778Kb / 24P
   60MHz, Rail-to-Rail Output
LT6235 LINER-LT6235_15 Datasheet
778Kb / 24P
   60MHz, Rail-to-Rail Output
logo
Intersil Corporation
EL5211A INTERSIL-EL5211A_07 Datasheet
203Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com